Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

800H-FRXT6A1 Datasheet(PDF) 1 Page - Allen-Bradley

Part # 800H-FRXT6A1
Description  Push Buttons
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

800H-FRXT6A1 Datasheet(HTML) 1 Page - Allen-Bradley

  800H-FRXT6A1 Datasheet HTML 1Page - Allen-Bradley 800H-FRXT6A1 Datasheet HTML 2Page - Allen-Bradley 800H-FRXT6A1 Datasheet HTML 3Page - Allen-Bradley 800H-FRXT6A1 Datasheet HTML 4Page - Allen-Bradley 800H-FRXT6A1 Datasheet HTML 5Page - Allen-Bradley 800H-FRXT6A1 Datasheet HTML 6Page - Allen-Bradley 800H-FRXT6A1 Datasheet HTML 7Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
6-14
Emergency Stop Devices
Push Buttons
800 E-Stops !
Specifications—22.5mm
Front of Panel (Operators)
! See Performance Data: refer to page Important-2 of the A113 Industrial Controls
catalogue.
➋ Operating temperature below 0°C (32°F) are based on the absence of freezing
moisture and liquids.
➌ Per IEC 947-1.
➍ UL File & Guide Number E14840.
Mechanical Ratings
Description
Plastic
(800EP/ES)
Metal
(800EM/EB)
Vibration (assembled to
panel)
10 to 2000Hz, 1.52mm displacement
(peak-to-peak) max./10g max.
Shock
1/2 cycle sine wave for 11ms and no
damage at 100g
Degree of protection
IP66 (NEMA Type 3,
3R, 4, 4X, 12, 13)
IP66 (NEMA Type 3,
3R, 4, 12, 13)
Mechanical design life
(typical)
500,000 cycles:
100,000 cycles:
50,000 cycles:
mushroom
operators
mushroom key
operators (plastic),
push-pull/twist
operators
mushroom key
operators (metal)
Environmental
Temperature range
(operating): per IEC 947-1
-25°C to +55°C (-13°F to +131°F) ➋
Temperature range (short
term storage): per IEC
947-1
-40°C to +70°C (85°C max. for 24 hours)
-40°F to +158°F (185°F max. for 24 hours)
Materials
Bushings, mounting rings
Glass-filled
thermoplastic
polyester, rated
UL94 V-O
Die-cast zinc; dark
olive chromate
finish
Bezels
Glass-filled
thermoplastic
polyester, rated
UL94 V-O
Anodized aluminum
(EB, EM, ES line)
Seals: diaphragm style
Silicone rubber
Seals: lip and flat gasket
styles
Nitrile rubber
Illuminated lenses
Transparent nylon Type 12
Back of Panel Components
Electrical Ratings
Description
2-Across Style
3-Across Style
Standard contact block
ratings➋
NEMA, EEMAC
A600, Q600, VDE
0660; AC15, DC 13
to IEC 947
NEMA, A600,
Q600, 600V AC;
AC15, DC 13 to
IEC 947
Thermal current
10A max.
continuous current
to UL508, CSA22.2
#14, IEC 947, VDE
0660, part 200
10A max. without
enclosure (40°C
(104°F) ambient) 6A
with enclosure
(60°C (140°F))
Terminal marking
Conforming to CENELEC EN50013
Wire capacity (screw
terminal)
Min of (1) #20AWG
Max of (2)
#14AWG or (1)
#12AWG
#18 to #12AWG
(0.75 to 2.5mm2)
Max (2) #14AWG
or (1) #12 AWG
Dielectric strength (min)
2,200V for one minute
Electrical design life cycles
1,000,000 at 2A
Electrical shock
protection: Per IEC 529
Finger-safe conforming to IP2X
Mechanical Ratings
Vibration
10 to 2000Hz
1.52mm
displacement (peak-
to-peak) max./10g
max. 6hr
10 to 150Hz
0.15mm
displacement (peak-
to-peak) max./2g
max. 6hr
Shock
1/2 cycle sine wave
for 11ms and no
damage at 100g min
1/2 cycle sine wave
for 11ms and no
damage at 50g max
Contact block mechanical
design
5,000,000 cycles
Contact operation
N.C. slow make, double break (positive
opening); N.C.L.B. late break, double
break (positive opening)
Operating forces (typical)
2.78N: all contact
blocks
2.6N: each N.C.
contact block
Environmental
Temperature range
Operating ➋➌
Short term storage
-25°C to +55°C (-13°F to +131°F)
-25°C to +55°C (70°C max for 24 hrs)
(-13°F to +131°F (158°F max for 24 hrs))
Materials
Springs
Stainless steel and zinc coated music wire
Electrical contacts:
Standard
Low voltage
Silver nickel alloy
Palladium silver
alloy: spanner; gold-
plated silver nickel:
stationary contacts
Fine silver
Gold-plated over
silver
Terminals:
Screw type
Push-on type
Plated steel
Agency approvals
Approvals
UL listed ➍/CSA certified
Standard conformity
UL508, UL486E
CSA22.2 #14,
NEMA ICS-1 and
ICS-2 (1983), IEC
144, IEC 947-1, IEC
947-5, VDE 0550,
VDE 0660, Part 200
NEMA ICS-1 and
ICS-2 IEC 204-1,
947; SEV 1005,
1093; VDE 0113,
0660 Part 201; BS
4794; CEE 24; UL
486E, UL 508,
CSA22.2 #14


Similar Part No. - 800H-FRXT6A1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
800 MICROSEMI-800 Datasheet
120Kb / 3P
   RECTIFIERS ASSEMBLIES THREE PHASE BRIDGES, 20-40 AMP, STANDARD HIGH EFFICIENCY, ESP
logo
Littelfuse
800 LITTELFUSE-800 Datasheet
78Kb / 1P
   Panel Mount, Shocksafe 6.3x32mm Fuses
800 LITTELFUSE-800 Datasheet
78Kb / 1P
   Panel Mount, Shocksafe 6.3x32mm Fuses
logo
Mill-Max Mfg. Corp.
800 MILL-MAX-800 Datasheet
184Kb / 1P
   INTERCONNECTS .100??Grid (.030??dia.) Low Profile Headers & Versatile Sockets Single and Double Row
logo
Make-Ps
800 MAKE-PS-800 Datasheet
169Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
More results

Similar Description - 800H-FRXT6A1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZB2BT4 ETC2-ZB2BT4 Datasheet
1Mb / 24P
   Push Buttons and Operator Interface
logo
STMicroelectronics
SPC57S STMICROELECTRONICS-SPC57S Datasheet
293Kb / 4P
   User push buttons and LEDs
logo
Schneider Electric
ZB4BA2TQ SCHNEIDER-ZB4BA2TQ_V01 Datasheet
348Kb / 8P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 13, 2022
ZB4BW463 SCHNEIDER-ZB4BW463_V01 Datasheet
351Kb / 8P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 12, 2022
ZB5AP3S SCHNEIDER-ZB5AP3S_V01 Datasheet
358Kb / 9P
   Harmony XB5/ZB5 Plastic Push Buttons
Jan 12, 2022
ZB4BD2TQ SCHNEIDER-ZB4BD2TQ_V01 Datasheet
343Kb / 9P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 12, 2022
ZB5AD912 SCHNEIDER-ZB5AD912 Datasheet
177Kb / 4P
   Harmony XB5/ZB5 Plastic Push Buttons
Jan 11, 2022
ZB4BP2S SCHNEIDER-ZB4BP2S_V01 Datasheet
341Kb / 8P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 11, 2022
ZB4BS5540 SCHNEIDER-ZB4BS5540_V01 Datasheet
106Kb / 2P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 13, 2022
logo
List of Unclassifed Man...
ZB6ZB11B ETC1-ZB6ZB11B Datasheet
5Mb / 34P
   Harmony??XB6/ZB6 16 mm push buttons
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com