Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3085MPMS8E Datasheet(PDF) 4 Page - Linear Technology

Part # LT3085MPMS8E
Description  Adjustable 500mA Single Resistor Low Dropout Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3085MPMS8E Datasheet(HTML) 4 Page - Linear Technology

  LT3085MPMS8E Datasheet HTML 1Page - Linear Technology LT3085MPMS8E Datasheet HTML 2Page - Linear Technology LT3085MPMS8E Datasheet HTML 3Page - Linear Technology LT3085MPMS8E Datasheet HTML 4Page - Linear Technology LT3085MPMS8E Datasheet HTML 5Page - Linear Technology LT3085MPMS8E Datasheet HTML 6Page - Linear Technology LT3085MPMS8E Datasheet HTML 7Page - Linear Technology LT3085MPMS8E Datasheet HTML 8Page - Linear Technology LT3085MPMS8E Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LT3085
4
3085fa
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (°C)
–50
10.00
10.10
150
3085 G01
9.90
9.80
0
50
100
–25
25
75
125
10.20
9.95
10.05
9.85
10.15
SET PIN CURRENT DISTRIBUTION (μA)
10.20
3085 G02
9.90
10.00
10.10
9.80
N = 1676
TEMPERATURE (°C)
–50
0
1.0
150
3085 G03
–1.0
–2.0
0
50
100
–25
25
75
125
2.0
–0.5
0.5
–1.5
1.5
VOS DISTRIBUTION (mV)
2
3085 G04
–1
0
1
–2
N = 1676
INPUT-TO-OUTPUT VOLTAGE (V)
0
–0.25
0
0.25
18
30
3085 G05
–0.50
–0.75
–1.00
612
24
0.50
0.75
1.00
36
ILOAD = 1mA
LOAD CURRENT (mA)
0
–1.00
–0.75
–0.50
250 300
450
3085 G06
–1.25
–1.50
–1.75
50 100 150 200
350 400
–0.25
0
0.25
500
TJ = 25°C
TJ = 125°C
TEMPERATURE (°C)
–50
150
3085 G07
0
50
100
–25
25
75
125
020
CHANGE IN REFERENCE CURRENT
CHANGE IN OFFSET VOLTAGE
(VOUT – VSET)
–0.4
–0.2
–0.6
–0.8
–0.5
–0.3
–0.7
–0.1
–20
0
–40
–60
–30
–10
–50
10
ΔILOAD = 1mA TO 500mA
VIN – VOUT = 2V
TEMPERATURE (°C)
–50
0.4
0.6
150
3085 G08
0.2
0
0
50
100
–25
25
75
125
0.8
0.3
0.5
0.1
0.7
VIN, CONTROL – VOUT = 36V
VIN, CONTROL – VOUT = 1.5V
LOAD CURRENT (mA)
0
150
200
250
3085 G09
100
50
0
300
350
400
0
250 300
450
50 100 150 200
350 400
500
TJ = 125°C
TJ = 25°C
Set Pin Current
Set Pin Current Distribution
Offset Voltage (VOUT – VSET)
Offset Voltage Distribution
Offset Voltage
Offset Voltage
Load Regulation
Minimum Load Current
Dropout Voltage
(Minimum IN Voltage)


Similar Part No. - LT3085MPMS8E

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3085MPMS8E LINER-LT3085MPMS8E Datasheet
297Kb / 28P
   Adjustable 500mA Single Resistor Low Dropout Regulator
LT3085MPMS8E-PBF LINER-LT3085MPMS8E-PBF Datasheet
297Kb / 28P
   Adjustable 500mA Single Resistor Low Dropout Regulator
LT3085MPMS8E-TR LINER-LT3085MPMS8E-TR Datasheet
297Kb / 28P
   Adjustable 500mA Single Resistor Low Dropout Regulator
LT3085MPMS8E-TRPBF LINER-LT3085MPMS8E-TRPBF Datasheet
297Kb / 28P
   Adjustable 500mA Single Resistor Low Dropout Regulator
More results

Similar Description - LT3085MPMS8E

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3085 LINER-LT3085_10 Datasheet
297Kb / 28P
   Adjustable 500mA Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085_15 Datasheet
302Kb / 28P
   Adjustable 500mA Single Resistor Low Dropout Regulator
LT3083 LINER-LT3083_15 Datasheet
412Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
RH3080MK LINER-RH3080MK Datasheet
69Kb / 2P
   Adjustable 0.9A Single Resistor Low Dropout Regulator
LT3083 LINER-LT3083 Datasheet
264Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
RH3083MK LINER-RH3083MK_15 Datasheet
248Kb / 6P
   Adjustable 2.8A Single Resistor Low Dropout Regulator
LT3083EDF LINER-LT3083EDF Datasheet
351Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
RH3080MK LINER-RH3080MK_15 Datasheet
137Kb / 6P
   Adjustable 0.9A Single Resistor Low Dropout Regulator
LT3080-1 LINER-LT3080-1 Datasheet
306Kb / 24P
   Parallelable 1.1A Adjustable Single Resistor Low Dropout Regulator
LT3080-1 LINER-LT3080-1_15 Datasheet
350Kb / 24P
   Parallelable 1.1A Adjustable Single Resistor Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com