Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3085IMS8E-TRPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LT3085IMS8E-TRPBF
Description  Adjustable 500mA Single Resistor Low Dropout Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3085IMS8E-TRPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3085IMS8E-TRPBF Datasheet HTML 5Page - Linear Technology LT3085IMS8E-TRPBF Datasheet HTML 6Page - Linear Technology LT3085IMS8E-TRPBF Datasheet HTML 7Page - Linear Technology LT3085IMS8E-TRPBF Datasheet HTML 8Page - Linear Technology LT3085IMS8E-TRPBF Datasheet HTML 9Page - Linear Technology LT3085IMS8E-TRPBF Datasheet HTML 10Page - Linear Technology LT3085IMS8E-TRPBF Datasheet HTML 11Page - Linear Technology LT3085IMS8E-TRPBF Datasheet HTML 12Page - Linear Technology LT3085IMS8E-TRPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LT3085
9
3085fa
The LT3085 can be operated in two modes. Three terminal
mode has the control pin connected to the power input pin
which gives a limitation of 1.35V dropout. Alternatively, the
“control” pin can be tied to a higher voltage and the power
IN pin to a lower voltage giving 275mV dropout on the
IN pin and minimizing the power dissipation. This allows
for a 500mA supply regulating from 2.5VIN to 1.8VOUT or
1.8VIN to 1.2VOUT with low dissipation.
Setting Output Voltage
The LT3085 generates a 10μA reference current that flows
out of the SET pin. Connecting a resistor from SET to
ground generates a voltage that becomes the reference
point for the error amplifier (see Figure 1). The reference
voltage is a straight multiplication of the SET pin current
and the value of the resistor. Any voltage can be generated
and there is no minimum output voltage for the regulator.
Table 1 lists many common output voltages and standard
1% resistor values used to generate that output voltage.
A minimum load current of 1mA is required to maintain
regulation regardless of output voltage. For true zero
voltage output operation, this 1mA load current must be
returned to a negative supply voltage.
APPLICATIONS INFORMATION
With the low level current used to generate the reference
voltage, leakage paths to or from the SET pin can create
errors in the reference and output voltages. High quality
insulation should be used (e.g., Teflon, Kel-F); cleaning
of all insulating surfaces to remove fluxes and other resi-
dues will probably be required. Surface coating may be
necessary to provide a moisture barrier in high humidity
environments.
Table 1. 1% Resistors for Common Output Voltages
VOUT
RSET
1V
100k
1.2V
121k
1.5V
150k
1.8V
182k
2.5V
249k
3.3V
332k
5V
499k
Board leakage can be minimized by encircling the SET
pin and circuitry with a guardring operated at a potential
close to itself; the guardring should be tied to the OUT pin.
Guarding both sides of the circuit board is required. Bulk
leakage reduction depends on the guard ring width. Ten
nanoamperes of leakage into or out of the SET pin and
associated circuitry creates a 0.1% error in the reference
voltage. Leakages of this magnitude, coupled with other
sources of leakage, can cause significant offset voltage and
reference drift, especially over a wide temperature range.
If guardring techniques are used, this bootstraps any
stray capacitance at the SET pin. Since the SET pin is
a high impedance node, unwanted signals may couple
into the SET pin and cause erratic behavior. This will
be most noticeable when operating with minimum
output capacitors at full load current. The easiest way
to remedy this is to bypass the SET pin with a small
amount of capacitance from SET to ground, 10pF to
20pF is sufficient.
Figure 1. Basic Adjustable Regulator
+
LT3085
10μA
IN
VCONTROL
VCONTROL
OUT
3085 F01
SET
COU
RSET
VOU
CSET
+
VIN
+
VOUT = RSET • 10μA


Similar Part No. - LT3085IMS8E-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3085IMS8E-TRPBF LINER-LT3085IMS8E-TRPBF Datasheet
297Kb / 28P
   Adjustable 500mA Single Resistor Low Dropout Regulator
More results

Similar Description - LT3085IMS8E-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3085 LINER-LT3085_10 Datasheet
297Kb / 28P
   Adjustable 500mA Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085_15 Datasheet
302Kb / 28P
   Adjustable 500mA Single Resistor Low Dropout Regulator
LT3083 LINER-LT3083_15 Datasheet
412Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
RH3080MK LINER-RH3080MK Datasheet
69Kb / 2P
   Adjustable 0.9A Single Resistor Low Dropout Regulator
LT3083 LINER-LT3083 Datasheet
264Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
RH3083MK LINER-RH3083MK_15 Datasheet
248Kb / 6P
   Adjustable 2.8A Single Resistor Low Dropout Regulator
LT3083EDF LINER-LT3083EDF Datasheet
351Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
RH3080MK LINER-RH3080MK_15 Datasheet
137Kb / 6P
   Adjustable 0.9A Single Resistor Low Dropout Regulator
LT3080-1 LINER-LT3080-1 Datasheet
306Kb / 24P
   Parallelable 1.1A Adjustable Single Resistor Low Dropout Regulator
LT3080-1 LINER-LT3080-1_15 Datasheet
350Kb / 24P
   Parallelable 1.1A Adjustable Single Resistor Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com