Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440T-MSTUE33 Datasheet(PDF) 2 Page - Allen-Bradley

Part # 440T-MSTUE33
Description  Electronic Timed-Delay Units
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440T-MSTUE33 Datasheet(HTML) 2 Page - Allen-Bradley

  440T-MSTUE33 Datasheet HTML 1Page - Allen-Bradley 440T-MSTUE33 Datasheet HTML 2Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Prosafe Trapped Key Interlock Switches
5-15
Electronic Timed-Delay Units
Product Selection
Substitute the desired primary code for this symbol (key not included). See page 5-6 for code selection.
Accessories
➊ Substitute the desired primary code for this symbol (key not included). See page 5-6 for code selection.
Substitute the desired code for this symbol. See page 5-6 for code selection.
Approximate Dimensions—mm (inches)
Dimensions are not intended to be use for installation purposes.
Type
Solenoid Voltage
Contact Set 1
Contact Set 2
Catalogue Number
Single Key Out
Panel Mounted
24V DC
3 N.O. 40A
1 N.O. 20A
440T-MSTUE10➊
2 N.O. 20A
1 N.C. 20A
440T-MSTUE11➊
110V AC
3 N.O. 40A
1 N.O. 20A
440T-MSTUE20➊
2 N.O. 20A
1 N.C. 20A
440T-MSTUE22➊
230V AC
3 N.O. 40A
1 N.O. 20A
440T-MSTUE30➊
2 N.O. 20A
1 N.C. 20A
440T-MSTUE33➊
Dual Key Out
Panel Mounted
24V DC
3 N.O. 40A
1 N.O. 20A
440T-MDTUE10➊➊
2 N.O. 20A
1 N.C. 20A
440T-MDTUE11➊➊
110V AC
3 N.O. 40A
1 N.O. 20A
440T-MDTUE20➊➊
2 N.O. 20A
1 N.C. 20A
440T-MDTUE22➊➊
230V AC
3 N.O. 40A
I N.O. 20A
440T-MDTUE30➊➊
2 N.O. 20A
1 N.C. 20A
440T-MDTUE33➊➊
Description
Page Number
Catalogue Number
Replacement Key
5-33
440T-AKEYE10
Replacement Code Barrel
440T-ASCBE14➊
Replacement Dust Cap
440T-ASFC10
Optional IP65 Plastic Enclosure
For use with 20A units
440T-AIPB20
For use with 40A units
440T-AIPB23
250 (9.84)
216 (8.50)
90 (3.54)
118 (4.65)
98 (3.86)
95 (3.74)
8 Holes 4.6
(0.18) Dia.
Nonremovable Key
One Key for STU
(key not included)
226 (8.90)
Two Keys for DTU
(keys not included)
Optional ABS Box
(440T-AIPB20) for
20 Amp Isolator
Optional ABS Box
(440T-AIPB23) for
40 Amp Isolator
300 (11.81)
110 (4.33)


Similar Part No. - 440T-MSTUE33

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440T-MSALE10 ALLEN-BRADLEY-440T-MSALE10 Datasheet
87Kb / 2P
   Access/Chain Interlocks
440T-MSBLE10 ALLEN-BRADLEY-440T-MSBLE10 Datasheet
75Kb / 2P
   Bolt Interlocks
440T-MSBLE11 ALLEN-BRADLEY-440T-MSBLE11 Datasheet
75Kb / 2P
   Bolt Interlocks
440T-MSBLE12 ALLEN-BRADLEY-440T-MSBLE12 Datasheet
75Kb / 2P
   Bolt Interlocks
440T-MSBLE13 ALLEN-BRADLEY-440T-MSBLE13 Datasheet
75Kb / 2P
   Bolt Interlocks
More results

Similar Description - 440T-MSTUE33

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
DDU75F DATADELAY-DDU75F Datasheet
114Kb / 1P
   DIGITAL DELAY UNITS
MDU-3F DATADELAY-MDU-3F Datasheet
132Kb / 1P
   Multiple Digital Delay Units
MDU-2 DATADELAY-MDU-2 Datasheet
33Kb / 1P
   Multiple Digital Delay Units
PDU-1316 DATADELAY-PDU-1316 Datasheet
84Kb / 1P
   Digitally Programmable Delay Units
MDU-4F DATADELAY-MDU-4F Datasheet
25Kb / 1P
   Multiple Digital Delay Units
logo
ATMEL Corporation
AT28C16 ATMEL-AT28C16_14 Datasheet
179Kb / 12P
   Self-Timed Byte Write Cycle
AT28C17 ATMEL-AT28C17_14 Datasheet
201Kb / 12P
   Self-Timed Byte Write Cycle
logo
Integrated Silicon Solu...
IS61LPS51236B ISSI-IS61LPS51236B Datasheet
1Mb / 33P
   Internal self-timed write cycle
logo
Micross Components
AS5SS256K36 MICROSS-AS5SS256K36 Datasheet
798Kb / 17P
   Internally self-timed WRITE cycle
AS5SS256K18 MICROSS-AS5SS256K18 Datasheet
644Kb / 14P
   Interally self-timed WRITE cycle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com