Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

800Z-HL1Y Datasheet(PDF) 3 Page - Allen-Bradley

Part # 800Z-HL1Y
Description  Zero-Force Touch Buttons
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

800Z-HL1Y Datasheet(HTML) 3 Page - Allen-Bradley

  800Z-HL1Y Datasheet HTML 1Page - Allen-Bradley 800Z-HL1Y Datasheet HTML 2Page - Allen-Bradley 800Z-HL1Y Datasheet HTML 3Page - Allen-Bradley 800Z-HL1Y Datasheet HTML 4Page - Allen-Bradley 800Z-HL1Y Datasheet HTML 5Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
11-8
Two-Hand Control Devices
Zero-Force Touch Buttons
800Z Heavy Industrial
Accessories
Description
Input Voltage
Catalogue
Number
Replacement Relay
Must be ordered in multiples of 2.
Full Voltage
10...264V AC
800Z-N12
This guard prevents accidental activation of the touch
surface and protects it from damage. Longer mounting
screws are included.
Guards are required in most two hand safety
applications (see applicable standards).
Yellow
800Z-HAG1
The heavy industrial line products mount directly on
these bases. The conduit hub(s) come with a
3/4 inch opening.
Single Hub
800P-B1
Double Hub
800P-B2
These replacement screws are the proper length to mount the heavy
industrial touch button with metal guard to an 800P-B1 or 800P-B2 base,
or a custom mounting surface.
Note: Must be ordered in multiples of 4.
800Z-HAH1
Replacement screws for base mounting.
Note: Must be ordered in multiples of 4.
800Z-HAH2
This adaptor is used if mounting touch button onto a 114.3 x 60.3mm
(4-1/2in x 2-3/8in) enclosure pattern.
800P-N150
Replaceable Output Relay
Guard
Base
Mounting Screws
Adaptor


Similar Part No. - 800Z-HL1Y

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
800Z-GF2064- ALLEN-BRADLEY-800Z-GF2064- Datasheet
148Kb / 4P
   Zero-Force Touch Buttons
800Z-GF2064-K1 ALLEN-BRADLEY-800Z-GF2064-K1 Datasheet
148Kb / 4P
   Zero-Force Touch Buttons
800Z-GF2064-K2 ALLEN-BRADLEY-800Z-GF2064-K2 Datasheet
148Kb / 4P
   Zero-Force Touch Buttons
800Z-GF2064-K3 ALLEN-BRADLEY-800Z-GF2064-K3 Datasheet
148Kb / 4P
   Zero-Force Touch Buttons
800Z-GF2064B- ALLEN-BRADLEY-800Z-GF2064B- Datasheet
148Kb / 4P
   Zero-Force Touch Buttons
More results

Similar Description - 800Z-HL1Y

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
800Z-GF3065 ALLEN-BRADLEY-800Z-GF3065 Datasheet
148Kb / 4P
   Zero-Force Touch Buttons
logo
ITT Industries
DLD ITT-DLD Datasheet
78Kb / 1P
   Zero Insertion Force
DL4 ITT-DL4 Datasheet
99Kb / 1P
   Zero Insertion Force
DLM ITT-DLM Datasheet
87Kb / 1P
   Zero Insertion Force
logo
Aries Electronics, Inc.
24-516-11S ARIES-24-516-11S Datasheet
528Kb / 1P
   Zero-Insertion-Force Socket
10017 ARIES-10017 Datasheet
595Kb / 1P
   Zero-Insertion-Force Socket
logo
ITT Industries
DL1 ITT-DL1 Datasheet
3Mb / 76P
   ZERO INSERTION FORCE CONNECTORS
logo
Aries Electronics, Inc.
10018 ARIES-10018 Datasheet
647Kb / 1P
   Zero-Insertion-Force Socket
logo
List of Unclassifed Man...
OTBA5 ETC2-OTBA5 Datasheet
389Kb / 6P
   Momentary Action Optical Touch Buttons
logo
Aries Electronics, Inc.
10015 ARIES-10015 Datasheet
766Kb / 1P
   Zero-Insertion-Force Test Socket
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com