Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1755-L1 Datasheet(PDF) 4 Page - Allen-Bradley

Part # 1755-L1
Description  GuardPLC 2000 Safety System
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

1755-L1 Datasheet(HTML) 4 Page - Allen-Bradley

  1755-L1 Datasheet HTML 1Page - Allen-Bradley 1755-L1 Datasheet HTML 2Page - Allen-Bradley 1755-L1 Datasheet HTML 3Page - Allen-Bradley 1755-L1 Datasheet HTML 4Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
8-10
Safety PLCs
GuardPLC Safety Control Systems
Weights
Programming Software
RSLogix Guard Software
The safety aspects of the GuardPLC Safety Control System extend
beyond the physical control platforms. Like the controllers,
programming software must also be certified to support Safety
Integrity Level 3 (SIL 3) applications and is a critical component of
the total safety system. The programming and configuration tool for
GuardPLC 2000 and GuardPLC 1200 safety controls is RSLogix
Guard software, designed to operate with Microsoft Windows NT
v4.0 or Windows 2000 operating system.
Since the RSLogix Guard software is a function block-based
programming tool, there is no need for programmers to learn a
cryptic programming language. Using such pre-defined elements as
AND and OR gates, numerical functions, counters, and timers,
programmers select and “drag” the appropriate functions onto their
workstation screen. These functions, like the controllers, have been
certified for use in applications up to SIL 3. Subsequent
programming is as easy as drawing lines to “wire” inputs and
outputs to the logical elements and making connections to hardware
by way of user-defined variables or tags.
The RSLogix Guard software is also used for system diagnosis and
debugging. It can provide the status of controller CPU and I/O and
can be used to obtain information about the application program.
Catalogue Number and Weight in kg (lb)
• 1754–L28BBB 0.68 (1.5)
• 1755–A6 3.3 (7.3)
• 1755–HSC 0.26 (0.57)
• 1755–IB24XOB16 0.26 (0.57)
• 1755–IF8 0.24 (0.53)
• 1755–L1 0.28 (0.62)
• 1755–OF8 0.28 (0.62)
• 1755–PB720 0.82 (1.8)
Features
• Save programming and configuration time using software that’s
already certified for use in applications up to SIL 3
• Program your safety control system using pre-defined graphical
elements and a “drag and drop” palette
• Tag-based system
System Requirements
To install RSLogix Guard Programming Software on a personal
computer, you need to meet the following minimum requirements.
Ordering Information
You can install RSLogix Guard Programming Software on a local
drive only (not a network).
CPU Processor
Pentium II, 400 MHz
RAM
128M bytes
Graphic Adaptor
Resolution: 1024 x 768 pixels (XGA)
Hard Disk Space
30M bytes (minimum) for RSLogix
Guard plus space for user defined
programs
Operating System
Windows NT v4.0 or Windows 2000
Description
Catalogue Number
RSLogix Guard 1200 for GuardPLC 1200
Packaged Safety Controller
• 200 variables per POU (Program Organization
Unit)
1754–PCS
RSLogix Guard 2000 for GuardPLC 1200 and
GuardPLC 2000 Safety Controllers
• 650 variables per POU (Program Organization
Unit)
• User-defined function blocks
1755–PCS


Similar Part No. - 1755-L1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1755 ETC2-1755 Datasheet
1Mb / 16P
   Drywall Punch
logo
3M Electronics
1755 3M-1755 Datasheet
26Kb / 2P
   3M Temflex Friction Tape 1755
logo
Freescale Semiconductor...
17550 FREESCALE-17550 Datasheet
389Kb / 15P
   Quad H-Bridge Micromotor Driver with DC/DC Boost Converter
logo
TE Connectivity Ltd
175506 TEC-175506 Datasheet
8Mb / 80P
   MULTILOCK Connector System
4-2010.
175507 TEC-175507 Datasheet
8Mb / 80P
   MULTILOCK Connector System
4-2010.
More results

Similar Description - 1755-L1

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
1754-L28BBB ALLEN-BRADLEY-1754-L28BBB Datasheet
32Kb / 1P
   GuardPLC 1200 Packaged Safety Controller
logo
Texas Instruments
RI-CTL-MB2B-30 TI1-RI-CTL-MB2B-30 Datasheet
767Kb / 40P
[Old version datasheet]   Series 2000 Reader System
logo
Banner Engineering Corp...
SGS BANNER-SGS Datasheet
112Kb / 2P
   Safety Grid System
logo
Allen-Bradley
2031-A0023A ALLEN-BRADLEY-2031-A0023A Datasheet
254Kb / 20P
   Safety Isolation System
logo
Silicon Laboratories
SI8285 SILABS-SI8285 Datasheet
845Kb / 32P
   System Safety Features
logo
JDS Uniphase Corporatio...
01-0109-0100 JDSU-01-0109-0100 Datasheet
205Kb / 4P
   CAS-2000 Comprehensive Application System
logo
CML Microcircuits
FX836 CMLMICRO-FX836 Datasheet
370Kb / 12P
   RADIOCOM 2000 SYSTEM AUDIO PROCESSOR
logo
Intersil Corporation
ISL9212A INTERSIL-ISL9212A Datasheet
489Kb / 11P
   Charging System Safety Circuit
ISL9212B INTERSIL-ISL9212B Datasheet
534Kb / 11P
   Charging System Safety Circuit
ISL9209B INTERSIL-ISL9209B Datasheet
599Kb / 11P
   Charging System Safety Circuit
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com