Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRS21 Datasheet(PDF) 1 Page - Allen-Bradley

Part # FRS21
Description  Non contact Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

FRS21 Datasheet(HTML) 1 Page - Allen-Bradley

  FRS21 Datasheet HTML 1Page - Allen-Bradley FRS21 Datasheet HTML 2Page - Allen-Bradley FRS21 Datasheet HTML 3Page - Allen-Bradley FRS21 Datasheet HTML 4Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3-42
Interlock Switches
Non contact Switches
Ferrogard 1, 2, 20 & 21
Description
The Ferrogard range of magnetically actuated safety switches offers
Non contact reliability together with tolerance to misalignment. They
are designed to be installed so that when a guard door is opened, the
action of the magnetic actuator being removed from the switch
opens the N.C. safety contacts which are intended for the isolation
of control power to a machine primary control element.
The FRS1, FRS2, FRS20, FRS21 are rectangular housings. Sealed to
IP67 (NEMA6P), these Ferrogards are ideal for wet environments.
Unlike some magnetic switches the Ferrogards have protected safety
contacts to help ensure that they do not fail to danger. In addition,
some versions have independent auxiliary signal contacts to indicate
the guard condition.
All Ferrogards have internal non-resettable overload protection on
the safety contact. They should be protected by an external fuse
rated as shown in the Specifications table.
Features
• Non contact actuation
• High tolerance to misalignment
• High switching current (up to 2A AC, 1A DC)
• Plastic rectangular housing (IP67)
• Cable or Quick Disconnect (QD) connections
Specifications
Standards
EN954-1, ISO13849-1, IEC/EN60204-1,
NFPA79, EN1088, ISO14119,
ANSI B11.19, AS4024.1
Category
Cat. 1 Device per EN954-1
Dual channel interlocks suitable for Cat.
3 or 4 systems
Approvals
CE marked for all applicable directives
and cULus
Reed Contacts
Safety Auxiliary
Operating Distance – Make
12mm (0.47in) 15mm (0.59in)
Operating Distance – Break
23mm (0.91in) 26mm (1.02in)
Closing Time
3.0ms 0.5ms
Dropout Time
2.1ms 0.3ms
Bounce Time
0.7ms 0.7ms
Initial Contact Resistance
15m
10m
Initial Capacitance, Terminal
to Terminal
0.65pF 0.2pF
Initial Insulation Resistance,
Terminal to Terminal
1 x 106
1 x 106
Safety Contact Switching
Capability
AC
DC
250VAC 2A max
24VDC 1A max
Safety Contact External
Fusing
AC
DC
<1.6A quick blow
<0.8A quick blow
Auxiliary Contact Switching
Capability
300VDC, 250VAC, 0.5A including inrush
15VA/10W suitable for AC/DC circuits
Min Initial Breakdown
Voltage
600VAC 600VAC
Operating Temperature
-10°C to +65°C (14° to 149°F)
Enclosure Protection
IP67 (NEMA6P)
Cable
FRS 1
0.75mm2 (18 AWG) 2 wire
Jacket OD 5.6mm (0.22in)
FRS 2
0.50mm2 (20 AWG) 4 wire
Jacket OD 6.5mm (0.26in)
FRS 20
0.50mm2 (20 AWG) 4 wire
Jacket OD 6.5mm (0.26in)
FRS 21
0.50mm2 (20 AWG) 6 wire
Jacket OD 7.5mm (0.3in)
Quick Disconnects
M12 x 1, 4 pin or 6 pin
Case Material
Red moulded ABS Plastic
Mounting
Any position
M4 mounting security screws included
Weight (not including cable)
FRS 1
FRS 2
FRS 20
FRS 21
Sensor Actuator
35g (0.08lbs) 85g (0.19lbs)
40g (0.09lbs) 85g (0.19lbs)
43g (0.09lbs) 85g (0.19lbs)
43g (0.09lbs) 85g (0.19lbs)
Electrical Life
1 x 106 at the rated load
Mechanical Life
10 x 106
Vibration
7g, 10 to 200Hz
Shock
50g


Similar Part No. - FRS21

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FRS210G FCI-FRS210G Datasheet
507Kb / 2P
   2 .0 Amp Surface Mount Glass Passivated Fast Recovery Rectifiers
FRS21G FCI-FRS21G Datasheet
507Kb / 2P
   2 .0 Amp Surface Mount Glass Passivated Fast Recovery Rectifiers
More results

Similar Description - FRS21

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
GS1 ALLEN-BRADLEY-GS1 Datasheet
84Kb / 4P
   Non contact Switches
440N-S32013 ALLEN-BRADLEY-440N-S32013 Datasheet
95Kb / 4P
   Non contact Switches
440N-C02068 ALLEN-BRADLEY-440N-C02068 Datasheet
126Kb / 4P
   Non contact Switches
GD2 ALLEN-BRADLEY-GD2 Datasheet
51Kb / 2P
   Non contact Switches
FRS6 ALLEN-BRADLEY-FRS6 Datasheet
57Kb / 2P
   Non contact Switches
440N-S32014 ALLEN-BRADLEY-440N-S32014 Datasheet
90Kb / 4P
   Non contact Switches
440N-N15017 ALLEN-BRADLEY-440N-N15017 Datasheet
81Kb / 4P
   Non contact Switches
FRS3 ALLEN-BRADLEY-FRS3 Datasheet
54Kb / 2P
   Non contact Switches
logo
SICK AG
TR4-SAU03P SICK-TR4-SAU03P Datasheet
462Kb / 6P
   NON-CONTACT SAFETY SWITCHES
TR4-SAM10P SICK-TR4-SAM10P Datasheet
461Kb / 6P
   NON-CONTACT SAFETY SWITCHES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com