Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS19 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAS19
Description  Surface Mount Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS19 Datasheet(HTML) 2 Page - Vishay Siliconix

  BAS19 Datasheet HTML 1Page - Vishay Siliconix BAS19 Datasheet HTML 2Page - Vishay Siliconix BAS19 Datasheet HTML 3Page - Vishay Siliconix BAS19 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAS19–BAS21
Vishay Telefunken
Rev. 1, 01-Apr-99
2 (4)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85540
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=100mA
VF
1.0
V
g
IF=200mA
VF
1.25
V
Reverse current
VR=VRmax
IR
100
nA
VR=VRmax, Tj= 150°C
IR
100
mA
Reverse breakdown voltage
IR=100mA, tp<0.3ms
BAS19
V(BR)R
120
V
g
IR=100mA
BAS20
V(BR)R
200
V
IR=100mA, VR<275V
BAS21
V(BR)R
250
V
Reverse recovery time
IF=IR=10mA, RL=100W,
VR=6V to IR=1mA. RL=100W
trr
50
ns
Diode capacitance
VR=0, f= 1MHz
CD
5
pF
Dynamic forward resistance
IF=10mA
rf
5
W


Similar Part No. - BAS19

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
BAS19 WILLAS-BAS19 Datasheet
337Kb / 2P
   SOT-23 Plastic-Encapsulate Diodes
logo
Pan Jit International I...
BAS19 PANJIT-BAS19 Datasheet
102Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Diode Semiconductor Kor...
BAS19 DSK-BAS19 Datasheet
220Kb / 3P
   Surface mount switching diode
logo
Diotec Semiconductor
BAS19 DIOTEC-BAS19 Datasheet
180Kb / 2P
   Surface Mount Silicon Planar Small-Signal Diode
logo
SEMTECH ELECTRONICS LTD...
BAS19 SEMTECH_ELEC-BAS19 Datasheet
160Kb / 2P
   Silicon Epitaxial Planar Diodes
More results

Similar Description - BAS19

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
   SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV23A DIODES-BAV23A_08 Datasheet
126Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 13 - 2
MMBD2004SW DIODES-MMBD2004SW_08 Datasheet
113Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30443 Rev. 6 - 2
logo
Pan Jit International I...
MMBD7000 PANJIT-MMBD7000_09 Datasheet
231Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
MMBD7000W PANJIT-MMBD7000W_09 Datasheet
215Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
1SS400G PANJIT-1SS400G_09 Datasheet
265Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
1SS184 BILIN-1SS184 Datasheet
280Kb / 3P
   Surface mount switching diode
BAL99 BILIN-BAL99 Datasheet
175Kb / 3P
   Surface mount switching diode
BAS16 BILIN-BAS16 Datasheet
308Kb / 3P
   Surface mount switching diode
BAS21 BILIN-BAS21 Datasheet
177Kb / 3P
   Surface mount switching diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com