Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS80C32X2-VICR Datasheet(PDF) 6 Page - TEMIC Semiconductors

Part # TS80C32X2-VICR
Description  8-bit CMOS Microcontroller 0-60 MHz
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TS80C32X2-VICR Datasheet(HTML) 6 Page - TEMIC Semiconductors

Back Button TS80C32X2-VICR Datasheet HTML 2Page - TEMIC Semiconductors TS80C32X2-VICR Datasheet HTML 3Page - TEMIC Semiconductors TS80C32X2-VICR Datasheet HTML 4Page - TEMIC Semiconductors TS80C32X2-VICR Datasheet HTML 5Page - TEMIC Semiconductors TS80C32X2-VICR Datasheet HTML 6Page - TEMIC Semiconductors TS80C32X2-VICR Datasheet HTML 7Page - TEMIC Semiconductors TS80C32X2-VICR Datasheet HTML 8Page - TEMIC Semiconductors TS80C32X2-VICR Datasheet HTML 9Page - TEMIC Semiconductors TS80C32X2-VICR Datasheet HTML 10Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
6
Rev. B - Jan. 25, 1999
Preliminary
TS80C52X2
MNEMONIC
PIN NUMBER
TYPE
NAME AND FUNCTION
ALE/PROG
30
33
27
O (I)
Address Latch Enable/Program Pulse: Output pulse for latching the low byte
of the address during an access to external memory. In normal operation, ALE
is emitted at a constant rate of 1/6 (1/3 in X2 mode) the oscillator frequency,
and can be used for external timing or clocking. Note that one ALE pulse is
skipped during each access to external data memory. This pin is also the program
pulse input (PROG) during EPROM programming. ALE can be disabled by
setting SFR’s AUXR.0 bit. With this bit set, ALE will be inactive during internal
fetches.
PSEN
29
32
26
O
Program Store ENable: The read strobe to external program memory. When
executing code from the external program memory, PSEN is activated twice each
machine cycle, except that two PSEN activations are skipped during each access
to external data memory. PSEN is not activated during fetches from internal
program memory.
EA/VPP
31
35
29
I
External Access Enable/Programming Supply Voltage: EA must be externally
held low to enable the device to fetch code from external program memory
locations 0000H and 3FFFH (RB) or 7FFFH (RC), or FFFFH (RD). If EA is
held high, the device executes from internal program memory unless the program
counter contains an address greater than 3FFFH (RB) or 7FFFH (RC) EA must
be held low for ROMless devices. This pin also receives the 12.75V programming
supply voltage (VPP) during EPROM programming. If security level 1 is
programmed, EA will be internally latched on Reset.
XTAL1
19
21
15
I
Crystal 1: Input to the inverting oscillator amplifier and input to the internal
clock generator circuits.
XTAL2
18
20
14
O
Crystal 2: Output from the inverting oscillator amplifier
Table 3. Pin Description for 40/44 pin packages


Similar Part No. - TS80C32X2-VICR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS80C32X2-VIC ATMEL-TS80C32X2-VIC Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
More results

Similar Description - TS80C32X2-VICR

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2 TEMIC-TS80C31X2 Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C51U2 TEMIC-TS80C51U2 Datasheet
316Kb / 67P
   Double UART 8-bit CMOS Microcontroller, 0-60 MHz
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
80C154 TEMIC-80C154 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
80C32 TEMIC-80C32 Datasheet
229Kb / 20P
   CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
TSC80C31 TEMIC-TSC80C31 Datasheet
205Kb / 19P
   CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com