Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA979S Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BA979S
Description  RF PIN Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BA979S Datasheet(HTML) 1 Page - Vishay Siliconix

  BA979S Datasheet HTML 1Page - Vishay Siliconix BA979S Datasheet HTML 2Page - Vishay Siliconix BA979S Datasheet HTML 3Page - Vishay Siliconix BA979S Datasheet HTML 4Page - Vishay Siliconix BA979S Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VISHAY
BA979/BA979S
Document Number 85533
Rev. 1.4, 26-Apr-04
Vishay Semiconductors
www.vishay.com
1
9612009
RF PIN Diodes
Features
• Wide frequency range 10 MHz to 1 GHz
Applications
Current controlled HF resistance in adjustable
attenuators
Mechanical Data
Case:QuadroMELF Glass Case (SOD-80)
Weight: approx. 34 mg
Cathode Band Color: Black
Packaging Codes/Options:
GS18 / 10 k per 13" reel (8 mm tape), 10 k/box
GS08 / 2.5 k per 7" reel (8 mm tape), 12.5 k/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Part
Type differentiation
Ordering code
Remarks
BA979
VR = 30 V, Zr > 5 kΩ
BA979-GS18 or BA979-GS08
Tape and Reel
BA979S
VR = 30 V, Zr > 9 kΩ
BA979S-GS18 or BA979S-GS08
Tape and Reel
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
30
V
Forward current
IF
50
mA
Parameter
Test condition
Symbol
Value
Unit
Junction ambient
on PC board
50 mm x 50 mm x 1.6 mm
RthJA
500
K/W
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
- 55 to + 125
°C


Similar Part No. - BA979S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BA979S VISHAY-BA979S Datasheet
140Kb / 5P
   RF PIN Diodes
Rev. 1.4, 26-Apr-04
BA979S VISHAY-BA979S Datasheet
213Kb / 5P
   RF PIN Diodes - Single in QuadroMELF SOD-80
Rev. 1.5, 05-Aug-10
BA979S VISHAY-BA979S Datasheet
100Kb / 4P
   RF PIN Diodes - Single in QuadroMELF SOD-80
Rev. 1.6, 21-May-12
BA979S-GS18 VISHAY-BA979S-GS18 Datasheet
100Kb / 4P
   RF PIN Diodes - Single in QuadroMELF SOD-80
Rev. 1.6, 21-May-12
More results

Similar Description - BA979S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BA779-V-GH VISHAY-BA779-V-GH Datasheet
91Kb / 4P
   RF PIN Diodes
Rev. 1.0, 22-Apr-10
BA979 VISHAY-BA979_08 Datasheet
140Kb / 5P
   RF PIN Diodes
Rev. 1.4, 26-Apr-04
BA779-G VISHAY-BA779-G_V01 Datasheet
127Kb / 4P
   RF PIN Diodes
08-Feb-17
S392D-V-GH VISHAY-S392D-V-GH Datasheet
91Kb / 4P
   RF PIN Diodes - Dual Series
Rev. 1.0, 22-Apr-10
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-383X AVAGO-HSMP-383X Datasheet
272Kb / 7P
   Surface Mount RF PIN Diodes
logo
Vishay Siliconix
S392D-G VISHAY-S392D-G Datasheet
98Kb / 4P
   RF PIN Diodes - Dual Series
Rev. 1.2, 25-Feb-13
logo
Broadcom Corporation.
HSMP-3834 BOARDCOM-HSMP-3834 Datasheet
272Kb / 7P
   Surface Mount RF PIN Diodes
HSMP-3833 BOARDCOM-HSMP-3833 Datasheet
272Kb / 7P
   Surface Mount RF PIN Diodes
HSMP-3830 BOARDCOM-HSMP-3830 Datasheet
272Kb / 7P
   Surface Mount RF PIN Diodes
logo
Vishay Siliconix
BA779-2-V-GH VISHAY-BA779-2-V-GH Datasheet
91Kb / 4P
   RF PIN Diodes - Dual Series
Rev. 1.0, 22-Apr-10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com