Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4N35 Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. 4N35
Description  Optocoupler, Phototransistor Output, With Base Connection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

4N35 Datasheet(HTML) 4 Page - Vishay Siliconix

  4N35 Datasheet HTML 1Page - Vishay Siliconix 4N35 Datasheet HTML 2Page - Vishay Siliconix 4N35 Datasheet HTML 3Page - Vishay Siliconix 4N35 Datasheet HTML 4Page - Vishay Siliconix 4N35 Datasheet HTML 5Page - Vishay Siliconix 4N35 Datasheet HTML 6Page - Vishay Siliconix 4N35 Datasheet HTML 7Page - Vishay Siliconix 4N35 Datasheet HTML 8Page - Vishay Siliconix 4N35 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
4
Document Number 83717
Rev. 1.5, 27-Jan-05
4N35/ 4N36/ 4N37/ 4N38
Vishay Semiconductors
Current Transfer Ratio
1) Indicates JEDEC registered value
Switching Characteristics
1) Indicates JEDEC registered value
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
DC Current Transfer Ratio1)
VCE = 10 V, IF = 10 mA
4N35
CTRDC
100
%
4N36
CTRDC
100
%
4N37
CTRDC
100
%
VCE = 10 V, IF = 20 mA
4N38
CTRDC
20
%
VCE = 10 V, IF = 10 mA,
TA = - 55 to + 100 °C
4N35
CTRDC
40
50
%
4N36
CTRDC
40
50
%
4N37
CTRDC
40
50
%
4N38
CTRDC
30
%
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Switching time1)
IC = 2 mA, RL = 100 Ω, VCC = 10 V
ton, toff
10
µs
Figure 1. Forward Voltage vs. Forward Current
i4n25_01
100
10
1
.1
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
IF - Forward Current - mA
TA =–55°C
TA =25°C
TA =85°C
Figure 2. Normalized Non-Saturated and Saturated CTR vs. LED
Current
i4n25_02
Normalized to:
0.0
0.5
1.0
1.5
0
1
10
100
IF - LED Current - mA
NCTR
NCTR(SAT)
CTRce(sat) Vce=0.4 V
Vce=10 V, IF=10 mA, TA=25°C
TA=25°C


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn