Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4N35 Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. 4N35
Description  Optocoupler, Phototransistor Output, With Base Connection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

4N35 Datasheet(HTML) 3 Page - Vishay Siliconix

  4N35 Datasheet HTML 1Page - Vishay Siliconix 4N35 Datasheet HTML 2Page - Vishay Siliconix 4N35 Datasheet HTML 3Page - Vishay Siliconix 4N35 Datasheet HTML 4Page - Vishay Siliconix 4N35 Datasheet HTML 5Page - Vishay Siliconix 4N35 Datasheet HTML 6Page - Vishay Siliconix 4N35 Datasheet HTML 7Page - Vishay Siliconix 4N35 Datasheet HTML 8Page - Vishay Siliconix 4N35 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
4N35/ 4N36/ 4N37/ 4N38
Document Number 83717
Rev. 1.5, 27-Jan-05
Vishay Semiconductors
www.vishay.com
3
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Input
1) Indicates JEDEC registered value
Output
1) Indicates JEDEC registered value
Coupler
1) Indicates JEDEC registered value
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage1)
IF = 10 mA
VF
1.3
1.5
V
IF = 10 mA, Tamb = - 55 °C
VF
0.9
1.3
1.7
V
Reverse current1)
VR = 6.0 V
IR
0.1
10
µA
Capacitance
VR = 0, f = 1.0 MHz
CO
25
pF
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Collector-emitter breakdown
voltage1)
IC = 1.0 mA
4N35
BVCEO
30
V
4N36
BVCEO
30
V
4N37
BVCEO
30
V
4N38
BVCEO
80
V
Emitter-collector breakdown
voltage1)
IE = 100 µABVECO
7.0
V
Collector-base breakdown
voltage1)
IC = 100 µA, IB = 1.0 µA4N35
BVCBO
70
V
4N36
BVCBO
70
V
4N37
BVCBO
70
V
4N38
BVCBO
80
V
Collector-emitter leakage
current1)
VCE = 10 V, IF = 0
4N35
ICEO
5.0
50
nA
4N36
ICEO
5.0
50
nA
VCE = 10 V, IF=0
4N37
ICEO
5.0
50
nA
VCE = 60 V, IF = 0
4N38
ICEO
50
nA
VCE = 30 V, IF = 0, Tamb =
100 °C
4N35
ICEO
500
µA
4N36
ICEO
500
µA
4N37
ICEO
500
µA
VCE = 60 V, IF = 0, Tamb =
100 °C
4N38
ICEO
6.0
µA
Collector-emitter capacitance
VCE = 0
CCE
6.0
pF
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Resistance, input to output1)
VIO = 500 V
RIO
1011
Capacitance (input-output)
f = 1.0 MHz
CIO
0.5
pF


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn