Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4N35 Datasheet(PDF) 6 Page - Vishay Siliconix

Part No. 4N35
Description  Optocoupler, Phototransistor Output, With Base Connection
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

4N35 Datasheet(HTML) 6 Page - Vishay Siliconix

  4N35 Datasheet HTML 1Page - Vishay Siliconix 4N35 Datasheet HTML 2Page - Vishay Siliconix 4N35 Datasheet HTML 3Page - Vishay Siliconix 4N35 Datasheet HTML 4Page - Vishay Siliconix 4N35 Datasheet HTML 5Page - Vishay Siliconix 4N35 Datasheet HTML 6Page - Vishay Siliconix 4N35 Datasheet HTML 7Page - Vishay Siliconix 4N35 Datasheet HTML 8Page - Vishay Siliconix 4N35 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
6
Document Number 83717
Rev. 1.5, 27-Jan-05
4N35/ 4N36/ 4N37/ 4N38
Vishay Semiconductors
Figure 9. Normalized Photocurrent vs. IF and Temp.
Figure 10. Normalized Non-saturated HFE vs. Base Current and
Temperature
Figure 11. Normalized HFE vs. Base Current and Temp.
i4n25_09
0.
Normalized to:
0.01
1
1
10
IF - LED Current - mA
.1
1
10
100
IF=10 mA, TA=25°C
Nib, TA=–20°C
Nib, TA= 25°C
Nib, TA= 50°C
Nib, TA= 70°C
i4n25_10
0.4
0.6
1.0
1.2
Normalized to:
Ib - Base Current -
µA
110
100
1000
Ib=20
µA, Vce=10 V, TA=25°C
25°C
70°C
–20°C
0.8
i4n25_11
0.0
0.5
1.0
1.5
25°C
–20°C
50°C
70°C
1
10
100
1000
Vce=10 V, Ib=20
µA
TA=25°C
Vce=0.4 V
Ib - Base Current -
µA
Normalized to:
Figure 12. Propagation Delay vs. Collector Load Resistor
Figure 13. Switching Timing
Figure 14. Switching Schematic
i4n25_12
1
10
100
1000
RL - Collector Load Resistor - k
2.5
2.0
1.5
1.0
.1
1
10
100
IF =10 mA,TA=25°C
VCC=5.0 V, Vth=1.5 V
tPLH
tPHL
i4n25_13
IF
tR
=1.5 V
VO
tD
tS
tF
tPHL
tPLH
VTH
i4n25_14
VCC =5.0 V
F=10 KHz,
DF=50%
RL
VO
IF=1 0 mA


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn