Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4N25V Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. 4N25V
Description  Optocoupler with Phototransistor Output
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

4N25V Datasheet(HTML) 5 Page - Vishay Siliconix

  4N25V Datasheet HTML 1Page - Vishay Siliconix 4N25V Datasheet HTML 2Page - Vishay Siliconix 4N25V Datasheet HTML 3Page - Vishay Siliconix 4N25V Datasheet HTML 4Page - Vishay Siliconix 4N25V Datasheet HTML 5Page - Vishay Siliconix 4N25V Datasheet HTML 6Page - Vishay Siliconix 4N25V Datasheet HTML 7Page - Vishay Siliconix 4N25V Datasheet HTML 8Page - Vishay Siliconix 4N25V Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
4N25(G)V/ 4N35(G)V Series
Vishay Telefunken
Rev. A4, 11–Jan–99
90
Switching Characteristics of 4N25(G)V
Parameter
Test Conditions
Symbol
Typ.
Unit
Delay time
VS = 5 V, IC = 5 mA, RL = 100 W (see figure 3)
td
4.0
ms
Rise time
S
C
L
(g
)
tr
7.0
ms
Fall time
tf
6.7
ms
Storage time
ts
0.3
ms
Turn-on time
ton
11.0
ms
Turn-off time
toff
7.0
ms
Turn-on time
VS = 5 V, IF = 10 mA, RL = 1 kW (see figure 4)
ton
25.0
ms
Turn-off time
S
F
L
(g
)
toff
42.5
ms
Switching Characteristics of 4N35(G)V
Parameter
Test Conditions
Symbol
Typ.
Unit
Delay time
VS = 5 V, IC = 2 mA, RL = 100 W (see figure 3)
td
2.5
ms
Rise time
S
C
L
(g
)
tr
3.0
ms
Fall time
tf
4.2
ms
Storage time
ts
0.3
ms
Turn-on time
ton
<10.0
ms
Turn-off time
toff
<10.0
ms
Turn-on time
VS = 5 V, IF = 10 mA, RL = 1 kW (see figure 4)
ton
9.0
ms
Turn-off time
S
F
L
(g
)
toff
25.0
ms
Channel I
Channel II
100
W
50
W
+ 5 V
Oscilloscope
RL ≥ 1 MW
CL ≤ 20 pF
IC = 5 mA/ 2 mA;
Adjusted through
input amplitude
IF
0
14950
IF
RG = 50 W
tp = 50 ms
tp
T +
0.01
Figure 3. Test circuit, non-saturated operation
Channel I
Channel II
1 k
W
50
W
+ 5 V
Oscilloscope
IC
IF = 10 mA
IF
0
95 10844
RL 1 MW
CL 20 pF
RG = 50 W
tp = 50 ms
tp
T +
0.01
Figure 4. Test circuit, saturated operation
tp
t
t
0
0
10%
90%
100%
tr
td
ton
ts
tf
toff
IF
IC
96 11698
tp
pulse dura-
tion
td
delay time
tr
rise time
ton (= td + tr)
turn-on time
ts
storage time
tf
fall time
toff (= ts + tf)
turn-off time
Figure 5. Switching times


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn