Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4N25V Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. 4N25V
Description  Optocoupler with Phototransistor Output
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

4N25V Datasheet(HTML) 3 Page - Vishay Siliconix

  4N25V Datasheet HTML 1Page - Vishay Siliconix 4N25V Datasheet HTML 2Page - Vishay Siliconix 4N25V Datasheet HTML 3Page - Vishay Siliconix 4N25V Datasheet HTML 4Page - Vishay Siliconix 4N25V Datasheet HTML 5Page - Vishay Siliconix 4N25V Datasheet HTML 6Page - Vishay Siliconix 4N25V Datasheet HTML 7Page - Vishay Siliconix 4N25V Datasheet HTML 8Page - Vishay Siliconix 4N25V Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
4N25(G)V/ 4N35(G)V Series
Vishay Telefunken
Rev. A4, 11–Jan–99
88
Electrical Characteristics (Tamb = 25°C)
Input (Emitter)
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Forward voltage
IF = 50 mA
Tamb = 100°C
VF
1.2
1.4
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
Output (Detector)
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Collector emitter voltage
IC = 1 mA
VCEO
32
V
Emitter collector voltage
IE = 100 mA
VECO
7
V
Collector emitter cut-off
current
VCE = 10 V, IF = 0,
Tamb = 100°C
ICEO
50
nA
VCE = 30 V, IF = 0,
Tamb = 100°C
ICEO
500
mA
Coupler
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Collector emitter
saturation voltage
IF = 50 mA, IC = 2 mA
VCEsat
0.3
V
Cut-off frequency
VCE = 5 V, IF = 10 mA,
RL = 100 W
fc
110
kHz
Coupling capacitance
f = 1 MHz
Ck
1
pF
Current Transfer Ratio (CTR)
Parameter
Test Conditions
Type
Symbol
Min.
Typ.
Max.
Unit
IC/IF
VCE = 10 V, IF = 10 mA
4N25(G)V
CTR
0.20
1
C F
CE
F
4N35(G)V
CTR
1.00
1.5
VCE = 10 V, IF = 10 mA,
Tamb = 100°C
4N35(G)V
CTR
0.40


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn