Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440K-T11385 Datasheet(PDF) 2 Page - Allen-Bradley

Part # 440K-T11385
Description  Tongue Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440K-T11385 Datasheet(HTML) 2 Page - Allen-Bradley

  440K-T11385 Datasheet HTML 1Page - Allen-Bradley 440K-T11385 Datasheet HTML 2Page - Allen-Bradley 440K-T11385 Datasheet HTML 3Page - Allen-Bradley 440K-T11385 Datasheet HTML 4Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Interlock Switches
3-11
Tongue Switches
Trojan T15
Product Selection
Accessories
Model Type
Contacts
Actuator
M20 Conduit
Quick Disconnect
Safety
Aux.
Standard
1/2in NPT Adaptor
End Entry
Standard
2 N.C.
Standard
440K-T11303
440K-T11267
440K-T11307
Fully-Flex
440K-T11395
440K-T11273
440K-T11384
440K-T11269
440K-T11385
1 N.C.
1 N.O.
Standard
440K-T11305
440K-T11268
440K-T11386
Fully-Flex
440K-T11396
440K-T11276
440K-T11387
440K-T11270
440K-T11388
GD2 Front
Entry
2 N.C.
Standard
440K-T11463
440K-T11288
440K-T11389
Fully-Flex
440K-T11397
440K-T11287
440K-T11390
440K-T11280
440K-T11391
1 N.C.
1 N.O.
Standard
440K-T11398
440K-T11284
440K-T11392
Fully-Flex
440K-T11399
440K-T11283
440K-T11393
440K-T11279
440K-T11394
Recommended mating cable, 2m (6.5ft). See page 15-10 for details and additional
lengths.
889D-F4AC-2
Description
For Dimensions See Page
Catalogue Number
Standard Actuator
(Standard model only)
14-5
440K-A11238
GD2 Standard Actuator
(GD2 model only)
14-4
440G-A27011
Flat Actuator
14-5
440K-A11112


Similar Part No. - 440K-T11385

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440K-T11336 ALLEN-BRADLEY-440K-T11336 Datasheet
128Kb / 6P
   Tongue Switches
440K-T11337 ALLEN-BRADLEY-440K-T11337 Datasheet
128Kb / 6P
   Tongue Switches
440K-T11338 ALLEN-BRADLEY-440K-T11338 Datasheet
128Kb / 6P
   Tongue Switches
440K-T11339 ALLEN-BRADLEY-440K-T11339 Datasheet
128Kb / 6P
   Tongue Switches
440K-T11340 ALLEN-BRADLEY-440K-T11340 Datasheet
128Kb / 6P
   Tongue Switches
More results

Similar Description - 440K-T11385

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440K-C21096 ALLEN-BRADLEY-440K-C21096 Datasheet
88Kb / 4P
   Tongue Switches
440K-T11090 ALLEN-BRADLEY-440K-T11090 Datasheet
128Kb / 6P
   Tongue Switches
MT-GD2 ALLEN-BRADLEY-MT-GD2 Datasheet
152Kb / 4P
   Tongue Switches
440K-E33036 ALLEN-BRADLEY-440K-E33036 Datasheet
507Kb / 4P
   Tongue Switches
logo
Molex Electronics Ltd.
0638854600 MOLEX11-0638854600 Datasheet
64Kb / 1P
   Mini-Mac Applicator for Ring Tongue, Rectangle Tongue, Spade Tongue, Hook Tongue,
logo
Allen-Bradley
MSR10RD ALLEN-BRADLEY-MSR10RD Datasheet
25Kb / 1P
   Tongue Interlocks
logo
Tyco Electronics
62638-1 MACOM-62638-1 Datasheet
52Kb / 1P
   RING TONGUE
165012 MACOM-165012 Datasheet
48Kb / 1P
   RECTANGULAR TONGUE SLOTTED
logo
List of Unclassifed Man...
SRA-01T-3.2 ETC2-SRA-01T-3.2 Datasheet
131Kb / 3P
   RING TONGUE TERMINAL
logo
Tyco Electronics
130090 MACOM-130090 Datasheet
66Kb / 1P
   TERMINAL, RING TONGUE, P.I.D.G
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com