Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1N5221B Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. 1N5221B
Description  Silicon Z-Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N5221B Datasheet(HTML) 3 Page - Vishay Siliconix

  1N5221B Datasheet HTML 1Page - Vishay Siliconix 1N5221B Datasheet HTML 2Page - Vishay Siliconix 1N5221B Datasheet HTML 3Page - Vishay Siliconix 1N5221B Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1N5221B...1N5267B
Vishay Telefunken
Rev. 2, 06-Aug-99
3 (4)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85588
Dimensions in mm
Cathode Identification
∅ 1.7 max.
∅ 0.55 max.
3.9 max.
26 min.
technical drawings
according to DIN
specifications
94 9366
Standard Glass Case
54 A 2 DIN 41880
JEDEC DO 35
Weight max. 0.3 g
26 min.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BZX55C Silicon Epitaxial Planar Z-Diodes 1  2  3  4  5  More Vishay Siliconix
1N4678 Silicon Epitaxial Planar Z-Diodes 1  2  3  4  5  More Vishay Siliconix
BZX85B Silicon Epitaxial Planar Z-Diodes 1  2  3  4  5  Vishay Siliconix
1N4728A Silicon Power Z-Diodes 1  2  3  4  Vishay Siliconix
BZX85C Silicon Epitaxial Planar Z-Diodes 1  2  3  4  5  Vishay Siliconix
1N957B Silicon Z-Diodes 1  2  3  Vishay Siliconix
BZG03C Silicon Z-Diodes 1  2  3  4  5  Vishay Siliconix
TZM5221B Silicon Z-Diodes 1  2  3  4  Vishay Siliconix
BZG05C Silicon Z-Diodes 1  2  3  4  Vishay Siliconix
TZMB Silicon Epitaxial Planar Z-Diodes 1  2  3  4  5  More Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn