Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1N5221B Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. 1N5221B
Description  Silicon Z-Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N5221B Datasheet(HTML) 1 Page - Vishay Siliconix

  1N5221B Datasheet HTML 1Page - Vishay Siliconix 1N5221B Datasheet HTML 2Page - Vishay Siliconix 1N5221B Datasheet HTML 3Page - Vishay Siliconix 1N5221B Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1N5221B...1N5267B
Vishay Telefunken
Rev. 2, 06-Aug-99
1 (4)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85588
Silicon Z–Diodes
Features
D Very sharp reverse characteristic
D Very high stability
D Low reverse current level
D VZ–tolerance ± 5%
Applications
Voltage stabilization
94 9367
Absolute Maximum Ratings
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Value
Unit
Power dissipation
TLx75°C
PV
500
mW
Z–current
IZ
PV/VZ
mA
Junction temperature
Tj
200
°C
Storage temperature range
Tstg
–65...+200
°C
Maximum Thermal Resistance
Tj = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
l=9.5mm (3/8”), TL=constant
RthJA
300
K/W
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=200mA
VF
1.1
V


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BZX55C Silicon Epitaxial Planar Z-Diodes 1  2  3  4  5  More Vishay Siliconix
1N4678 Silicon Epitaxial Planar Z-Diodes 1  2  3  4  5  More Vishay Siliconix
BZX85B Silicon Epitaxial Planar Z-Diodes 1  2  3  4  5  Vishay Siliconix
1N4728A Silicon Power Z-Diodes 1  2  3  4  Vishay Siliconix
BZX85C Silicon Epitaxial Planar Z-Diodes 1  2  3  4  5  Vishay Siliconix
1N957B Silicon Z-Diodes 1  2  3  Vishay Siliconix
BZG03C Silicon Z-Diodes 1  2  3  4  5  Vishay Siliconix
TZM5221B Silicon Z-Diodes 1  2  3  4  Vishay Siliconix
BZG05C Silicon Z-Diodes 1  2  3  4  Vishay Siliconix
TZMB Silicon Epitaxial Planar Z-Diodes 1  2  3  4  5  More Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn