Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1N4678 Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. 1N4678
Description  Silicon Epitaxial Planar Z-Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N4678 Datasheet(HTML) 5 Page - Vishay Siliconix

  1N4678 Datasheet HTML 1Page - Vishay Siliconix 1N4678 Datasheet HTML 2Page - Vishay Siliconix 1N4678 Datasheet HTML 3Page - Vishay Siliconix 1N4678 Datasheet HTML 4Page - Vishay Siliconix 1N4678 Datasheet HTML 5Page - Vishay Siliconix 1N4678 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1N4678...1N4717
Vishay Telefunken
Rev. 2, 01-Apr-99
5 (6)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85586
1
10
100
1000
tp – Pulse Length ( ms )
95 9603
10–1
100
101
102
tp/T=0.5
tp/T=0.2
tp/T=0.1
tp/T=0.05
tp/T=0.02
tp/T=0.01
Single Pulse
RthJA=300K/W
DT=Tjmax–Tamb
iZM=(–VZ+(VZ2+4rzjDT/Zthp)1/2)/(2rzj)
Figure 10. Thermal Response
Dimensions in mm
Cathode Identification
∅ 1.7 max.
∅ 0.55 max.
3.9 max.
26 min.
technical drawings
according to DIN
specifications
94 9366
Standard Glass Case
54 A 2 DIN 41880
JEDEC DO 35
Weight max. 0.3 g
26 min.


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BZT55CSilicon Epitaxial Planar Z-Diodes 1 2 3 4 5 MoreTEMIC Semiconductors
BZM55BSilicon Epitaxial Planar Z-Diodes 1 2 3 4 5 MoreVishay Siliconix
BZM55CSilicon Epitaxial Planar Z-Diodes 1 2 3 4 5 MoreVishay Siliconix
BZT55CSilicon Epitaxial Planar Z-Diodes 1 2 3 4 5 MoreVishay Siliconix
TZMBSilicon Epitaxial Planar Z-Diodes 1 2 3 4 5 MoreVishay Siliconix
BZX55BSilicon Epitaxial Planar Z-Diodes 1 2 3 4 5 MoreVishay Siliconix
TZMCSilicon Epitaxial Planar Z-Diodes 1 2 3 4 5 MoreVishay Siliconix
BZX55CSilicon Epitaxial Planar Z-Diodes 1 2 3 4 5 MoreVishay Siliconix
TZQ5221BSilicon Epitaxial Planar Z-Diodes 1 2 3 4 5 MoreVishay Siliconix
BZX85BSilicon Epitaxial Planar Z-Diodes 1 2 3 4 5 Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn