Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1N4678 Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. 1N4678
Description  Silicon Epitaxial Planar Z-Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N4678 Datasheet(HTML) 4 Page - Vishay Siliconix

  1N4678 Datasheet HTML 1Page - Vishay Siliconix 1N4678 Datasheet HTML 2Page - Vishay Siliconix 1N4678 Datasheet HTML 3Page - Vishay Siliconix 1N4678 Datasheet HTML 4Page - Vishay Siliconix 1N4678 Datasheet HTML 5Page - Vishay Siliconix 1N4678 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1N4678...1N4717
Vishay Telefunken
Rev. 2, 01-Apr-99
4 (6)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85586
0
5
10
15
0
50
100
150
200
VZ – Z-Voltage ( V )
25
95 9601
20
Tj =25°C
VR =2V
Figure 5. Diode Capacitance vs. Z–Voltage
0
0.2
0.4
0.6
0.8
0.001
0.01
0.1
1
10
100
1.0
95 9605
VF – Forward Voltage ( V )
Tj =25°C
Figure 6. Forward Current vs. Forward Voltage
04
8
12
16
20
95 9604
0
20
40
60
80
100
VZ – Z-Voltage ( V )
Ptot=500mW
Tamb=25°C
Figure 7. Z–Current vs. Z–Voltage
15
20
25
30
0
10
20
30
40
50
VZ – Z-Voltage ( V )
35
95 9607
Ptot=500mW
Tamb=25°C
Figure 8. Z–Current vs. Z–Voltage
0
5
10
15
20
1
10
100
1000
VZ – Z-Voltage ( V )
25
95 9606
Tj =25°C
IZ=1mA
5mA
10mA
Figure 9. Differential Z–Resistance vs. Z–Voltage


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BZT55CSilicon Epitaxial Planar Z-Diodes 1 2 3 4 5 MoreTEMIC Semiconductors
BZM55BSilicon Epitaxial Planar Z-Diodes 1 2 3 4 5 MoreVishay Siliconix
BZM55CSilicon Epitaxial Planar Z-Diodes 1 2 3 4 5 MoreVishay Siliconix
BZT55CSilicon Epitaxial Planar Z-Diodes 1 2 3 4 5 MoreVishay Siliconix
TZMBSilicon Epitaxial Planar Z-Diodes 1 2 3 4 5 MoreVishay Siliconix
BZX55BSilicon Epitaxial Planar Z-Diodes 1 2 3 4 5 MoreVishay Siliconix
TZMCSilicon Epitaxial Planar Z-Diodes 1 2 3 4 5 MoreVishay Siliconix
BZX55CSilicon Epitaxial Planar Z-Diodes 1 2 3 4 5 MoreVishay Siliconix
TZQ5221BSilicon Epitaxial Planar Z-Diodes 1 2 3 4 5 MoreVishay Siliconix
BZX85BSilicon Epitaxial Planar Z-Diodes 1 2 3 4 5 Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn