Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1N4678 Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. 1N4678
Description  Silicon Epitaxial Planar Z-Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N4678 Datasheet(HTML) 3 Page - Vishay Siliconix

  1N4678 Datasheet HTML 1Page - Vishay Siliconix 1N4678 Datasheet HTML 2Page - Vishay Siliconix 1N4678 Datasheet HTML 3Page - Vishay Siliconix 1N4678 Datasheet HTML 4Page - Vishay Siliconix 1N4678 Datasheet HTML 5Page - Vishay Siliconix 1N4678 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1N4678...1N4717
Vishay Telefunken
Rev. 2, 01-Apr-99
3 (6)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85586
1.) Toleranzing and voltage designation (VZ).
The type numbers shown have a standard tolerance of
± 5% on the nominal zener voltage.
2.) Maximum zener current ratings (IZM).
Maximum zener current ratings are based on maximum zener voltage of the individual units.
3.) Reverse leakage current (IR).
Reverse leakage currents are guaranteed and measured at VR as shown on the table.
4.) Maximum voltage change (
DVZ).
Voltage change is equal to the difference between VZ at 100mA and VZ at 10mA.
Characteristics (Tj = 25_C unless otherwise specified)
0
40
80
120
160
0
100
300
400
500
600
Tamb – Ambient Temperature ( °C )
200
95 9602
200
Figure 1. Total Power Dissipation vs.
Ambient Temperature
0
5
10
15
20
1
10
100
1000
VZ – Z-Voltage ( V )
25
95 9598
IZ=5mA
Tj =25°C
Figure 2. Typical Change of Working Voltage
under Operating Conditions at Tamb=25°C
–60
0
60
120
180
0.8
0.9
1.0
1.1
1.2
1.3
Tj – Junction Temperature ( °C )
240
95 9599
VZtn=VZt/VZ(25°C)
TKVZ=10 10–4/K
8
10–4/K
–4
10–4/K
6
10–4/K
4
10–4/K
2
10–4/K
–2
10–4/K
0
Figure 3. Typical Change of Working Voltage vs.
Junction Temperature
010
20
30
–5
0
5
10
15
VZ – Z-Voltage ( V )
50
95 9600
40
IZ=5mA
Figure 4. Temperature Coefficient of Vz vs.
Z–Voltage


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BZT55CSilicon Epitaxial Planar Z-Diodes 1 2 3 4 5 MoreTEMIC Semiconductors
BZM55BSilicon Epitaxial Planar Z-Diodes 1 2 3 4 5 MoreVishay Siliconix
BZM55CSilicon Epitaxial Planar Z-Diodes 1 2 3 4 5 MoreVishay Siliconix
BZT55CSilicon Epitaxial Planar Z-Diodes 1 2 3 4 5 MoreVishay Siliconix
TZMBSilicon Epitaxial Planar Z-Diodes 1 2 3 4 5 MoreVishay Siliconix
BZX55BSilicon Epitaxial Planar Z-Diodes 1 2 3 4 5 MoreVishay Siliconix
TZMCSilicon Epitaxial Planar Z-Diodes 1 2 3 4 5 MoreVishay Siliconix
BZX55CSilicon Epitaxial Planar Z-Diodes 1 2 3 4 5 MoreVishay Siliconix
TZQ5221BSilicon Epitaxial Planar Z-Diodes 1 2 3 4 5 MoreVishay Siliconix
BZX85BSilicon Epitaxial Planar Z-Diodes 1 2 3 4 5 Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn