Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS80C32X2-MCBR Datasheet(PDF) 11 Page - TEMIC Semiconductors

Part # TS80C32X2-MCBR
Description  8-bit CMOS Microcontroller 0-60 MHz
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TS80C32X2-MCBR Datasheet(HTML) 11 Page - TEMIC Semiconductors

Back Button TS80C32X2-MCBR Datasheet HTML 7Page - TEMIC Semiconductors TS80C32X2-MCBR Datasheet HTML 8Page - TEMIC Semiconductors TS80C32X2-MCBR Datasheet HTML 9Page - TEMIC Semiconductors TS80C32X2-MCBR Datasheet HTML 10Page - TEMIC Semiconductors TS80C32X2-MCBR Datasheet HTML 11Page - TEMIC Semiconductors TS80C32X2-MCBR Datasheet HTML 12Page - TEMIC Semiconductors TS80C32X2-MCBR Datasheet HTML 13Page - TEMIC Semiconductors TS80C32X2-MCBR Datasheet HTML 14Page - TEMIC Semiconductors TS80C32X2-MCBR Datasheet HTML 15Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
Rev. B - Jan. 25, 1999
11
Preliminary
TS80C52X2
Table 5. AUXR1: Auxiliary Register 1
Reset Value = XXXX XXX0
Not bit addressable
Application
Software can take advantage of the additional data pointers to both increase speed and reduce code size, for
example, block operations (copy, compare, search ...) are well served by using one data pointer as a ’source’
pointer and the other one as a "destination" pointer.
7
6
5
4
3
2
1
0
-
-
-
-
-
-
-
DPS
Bit
Number
Bit
Mnemonic
Description
7
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
5
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
2
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
1
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
0
DPS
Data Pointer Selection
Clear to select DPTR0.
Set to select DPTR1.


Similar Part No. - TS80C32X2-MCBR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS80C32X2-MCB ATMEL-TS80C32X2-MCB Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
More results

Similar Description - TS80C32X2-MCBR

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2 TEMIC-TS80C31X2 Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C51U2 TEMIC-TS80C51U2 Datasheet
316Kb / 67P
   Double UART 8-bit CMOS Microcontroller, 0-60 MHz
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
80C154 TEMIC-80C154 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
80C32 TEMIC-80C32 Datasheet
229Kb / 20P
   CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
TSC80C31 TEMIC-TSC80C31 Datasheet
205Kb / 19P
   CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com