Electronic Components Datasheet Search |
|
S2040R Datasheet(PDF) 4 Page - Teccor Electronics |
|
S2040R Datasheet(HTML) 4 Page - Teccor Electronics |
4 / 12 page SCRs Data Sheets http://www.teccor.com E6 - 4 ©2002 Teccor Electronics +1 972-580-7777 Thyristor Product Catalog See “General Notes” on page E6 - 2 and “Electrical Specification Notes” on page E6 - 3. TYPE Part Number IT VDRM & VRRM IGT IDRM & IRRM Isolated Non-isolated TO-220 TO-218X TO-218 TO-220 TO-218X TO-218 TO-263 D2Pak (1) (15) Amps Volts (4) mAmps (14) mAmps IT(RMS) IT(AV) TC = 25 °C TC = 100 °C TC = 125 °C See “Package Dimensions” section for variations. (11) MAX MIN MIN MAX MAX 15 A S2015L 15 9.5 200 1 30 0.01 0.5 1 S4015L 15 9.5 400 1 30 0.01 0.5 1 S6015L 15 9.5 600 1 30 0.01 0.5 1 S8015L 15 9.5 800 1 30 0.02 1 2 SK015L 15 9.5 1000 1 30 0.02 3 16 A S2016R S2016N 16 10 200 1 30 0.01 0.5 1 S4016R S4016N 16 10 400 1 30 0.01 0.5 1 S6016R S6016N 16 10 600 1 30 0.01 0.5 1 S8016R S8016N 16 10 800 1 30 0.02 1 2 SK016R SK016N 16 10 1000 1 30 0.02 3 20 A S2020L 20 12.8 200 1 30 0.01 0.5 1 S4020L 20 12.8 400 1 30 0.01 0.5 1 S6020L 20 12.8 600 1 30 0.01 0.5 1 S8020L 20 12.8 800 1 30 0.02 1.0 2 SK020L 20 12.8 1000 1 30 0.02 3 25 A S2025L S2025R S2025N 25 16 200 1 35 0.01 1 2 S4025L S4025R S4025N 25 16 400 1 35 0.01 1 2 S6025L S6025R S6025N 25 16 600 1 35 0.01 1 2 S8025L S8025R S8025N 25 16 800 1 35 0.02 1.5 3 SK025L SK025R SK025N 25 16 1000 1 35 0.02 3 35 A S2035J S2035K 35 22 200 5 40 0.01 1 2 S4035J S4035K 35 22 400 5 40 0.01 1 2 S6035J S6035K 35 22 600 5 40 0.01 1 2 S8035J S8035K 35 22 800 5 40 0.02 1.5 3 SK035K 35 22 1000 5 40 0.02 3 40 A S2040R S2040N 40 25 200 5 40 0.01 1 2 S4040R S4040N 40 25 400 5 40 0.01 1 2 S6040R S6040N 40 25 600 5 40 0.01 1 2 S8040R S8040N 40 25 800 5 40 0.02 1.5 3 SK040R SK040N 40 25 1000 5 40 0.03 5 55 A S2055R S2055W S2055M S2055N 55 35 200 5 40 0.01 1 2 S4055R S4055W S4055M S4055N 55 35 400 5 40 0.01 1 2 S6055R S6055W S6055M S6055N 55 35 600 5 40 0.01 1 2 S8055R S8055W S8055M S8055N 55 35 800 5 40 0.02 1.5 3 SK055R SK055M SK055N 55 35 1000 5 40 0.03 5 65 A S2065J S2065K 65 41 200 5 50 0.02 1.5 3 S4065J S4065K 65 41 400 5 50 0.02 1.5 3 S6065J S6065K 65 41 600 5 50 0.02 1.5 3 S8065J S8065K 65 41 800 5 50 0.02 2 5 SK065K 65 41 1000 5 50 0.03 5 70 A S2070W 70 45 200 5 50 0.02 1.5 3 S4070W 70 45 400 5 50 0.02 1.5 3 S6070W 70 45 600 5 50 0.02 1.5 3 S8070W 70 45 800 5 50 0.02 2 5 K A G K A G A K G A K A G A K A G A A K A G A A A K G |
Similar Part No. - S2040R |
|
Similar Description - S2040R |