Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U209B3 Datasheet(PDF) 6 Page - TEMIC Semiconductors

Part # U209B3
Description  Phase Control Circuit - Tacho Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U209B3 Datasheet(HTML) 6 Page - TEMIC Semiconductors

Back Button U209B3 Datasheet HTML 2Page - TEMIC Semiconductors U209B3 Datasheet HTML 3Page - TEMIC Semiconductors U209B3 Datasheet HTML 4Page - TEMIC Semiconductors U209B3 Datasheet HTML 5Page - TEMIC Semiconductors U209B3 Datasheet HTML 6Page - TEMIC Semiconductors U209B3 Datasheet HTML 7Page - TEMIC Semiconductors U209B3 Datasheet HTML 8Page - TEMIC Semiconductors U209B3 Datasheet HTML 9Page - TEMIC Semiconductors U209B3 Datasheet HTML 10Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TELEFUNKEN Semiconductors
U209B3/ U209B3–FP
Preliminary Information
Rev. A1: 01.09.1995
7 (15)
Thermal Resistance
Parameters
Symbol
Maximum
Unit
Junction ambient
DIP 14
SO 16: on p.c. board
SO 16: on ceramic substrate
RthJA
140
180
100
K/W
Electrical Characteristics
–VS = 13.0 V, Tamb = 25 °C, reference point Pin 2, unless otherwise specified
Parameters
Test Conditions / Pin
Symbol
Min
Typ
Max
Unit
Supply voltage for mains
operations
Pin 3
–VS
13.0
VLimit
V
Supply voltage limitation
–IS = 3 mA
Pin 3
–IS = 30 mA
–VS
14.6
14.7
16.6
16.8
V
DC supply current
–VS = 13.0 V
Pin 3
–IS
1.1
2.5
3.0
mA
Reference voltage source
–IL = 10
mA
Pin 13
–IL = 5 mA
VRef
8.6
8.3
8.9
9.2
9.1
V
Temperature coefficient
Pin 13
TCVRef
0.5
mV/K
Voltage monitoring
Pin 3
Turn–on threshold
–VTON
11.2
13
V
Turn–off threshold
–VTOFF
9.9
10.9
V
Phase control currents
Current synchronisation
Pin 1
±Isyncl
0.35
2.0
mA
Voltage synchronisation
Pin 14
±IsyncV
0.35
2.0
mA
Voltage limitation
±IL = 5 mA
Pin 1, 14
±Vl
1.4
1.6
1.8
V
Reference ramp, Figure 6
Charge current
I6 = f (R5),
R5 = 1 K ... 820 k
W Pin 6
I6
1
20
mA
R
ϕ – reference voltage
a ≥ = 180 °
Pin 5,3
Vϕ Ref
1.06
1.13
1.18
V
Temperature coefficient
Pin 5
TCϕ Ref
0.5
mV/K
Output pulse
Output pulse current
RV = 0, VGT = 1.2 V Pin 4
IO
100
155
190
mA
Reverse current
Pin 4
IOR
0.01
3.0
mA
Output pulse width
Pin 5,2
tp
8
ms/nF
Automatic retriggering
Repetition rate
Pin 4
tpp/tp
3
4.5
6
Amplifier
Common mode voltage
range
Pin 9, 10
VICR
(V13–1V)
(V2–1V)
V
Input bias current
Pin 10
IIB
0.01
1
mA
Input offset voltage
Pin 9, 10
VIO
10
mV
Output current
Pin 11
Pin 11
–IO
+IO
75
88
110
120
145
165
mA
Short circuit forward trans-
mittance
I11 = f (V9/10)
Pin 11
Yf
1000
mA/V


Similar Part No. - U209B3

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U209B ATMEL-U209B Datasheet
677Kb / 34P
   Monolithic Integrated Feature Phone Circuit
U209B ATMEL-U209B Datasheet
449Kb / 19P
   Phase Control IC for Tacho Applications
U209B-MFPG3Y ATMEL-U209B-MFPG3Y Datasheet
449Kb / 19P
   Phase Control IC for Tacho Applications
U209B-MFPY ATMEL-U209B-MFPY Datasheet
449Kb / 19P
   Phase Control IC for Tacho Applications
U209B-MY ATMEL-U209B-MY Datasheet
449Kb / 19P
   Phase Control IC for Tacho Applications
More results

Similar Description - U209B3

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U209B ATMEL-U209B_07 Datasheet
449Kb / 19P
   Phase Control IC for Tacho Applications
U211B ATMEL-U211B Datasheet
605Kb / 30P
   Phase Control IC with Overload Limitation for Tacho Applications
logo
TEMIC Semiconductors
UAA145 TEMIC-UAA145 Datasheet
168Kb / 11P
   Phase Control Circuit for Industrial Applications
U210B TEMIC-U210B Datasheet
378Kb / 15P
   Phase Control Circuit - Load Current Feedback Applications
U210B1 TEMIC-U210B1 Datasheet
166Kb / 12P
   Phase Control Circuit Load Current Feedback Applications
U111B TEMIC-U111B Datasheet
431Kb / 6P
   Phase Control Circuit
logo
Mitel Networks Corporat...
TDA2086 MITEL-TDA2086 Datasheet
64Kb / 6P
   PHASE CONTROL INTEGRATED CIRCUIT
MAY 1992
logo
TEMIC Semiconductors
TEA1007 TEMIC-TEA1007 Datasheet
124Kb / 8P
   Simple Phase Control Circuit
logo
ASM GmbH
3403 ASM-SENSOR-3403 Datasheet
759Kb / 2P
   TACHO HiTESTER
logo
TEMIC Semiconductors
U208B TEMIC-U208B Datasheet
85Kb / 7P
   Open Loop Phase Control Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com