Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U209B3 Datasheet(PDF) 1 Page - TEMIC Semiconductors

Part # U209B3
Description  Phase Control Circuit - Tacho Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U209B3 Datasheet(HTML) 1 Page - TEMIC Semiconductors

  U209B3 Datasheet HTML 1Page - TEMIC Semiconductors U209B3 Datasheet HTML 2Page - TEMIC Semiconductors U209B3 Datasheet HTML 3Page - TEMIC Semiconductors U209B3 Datasheet HTML 4Page - TEMIC Semiconductors U209B3 Datasheet HTML 5Page - TEMIC Semiconductors U209B3 Datasheet HTML 6Page - TEMIC Semiconductors U209B3 Datasheet HTML 7Page - TEMIC Semiconductors U209B3 Datasheet HTML 8Page - TEMIC Semiconductors U209B3 Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TELEFUNKEN Semiconductors
U209B3/ U209B3–FP
Preliminary Information
Rev. A1: 01.09.1995
1 (15)
Phase Control Circuit – Tacho Applications
Description:
The integrated circuit U209B3, is designed as a phase
control circuit in bipolar technology. It has also protection
circuit for the supply. Due to integration of many
functions, it leads to significant cost and space saving as
well as increased reliability. At the same time, it gives the
designer free hand to select varieties of regulators to
choose from and switching characteristics according to its
choice.
Features
D Internal frequency to voltage converter
D Externally controlled integrated amplifier
D Automatic soft start with minimised ”dead time”
D Voltage and current synchronisation
D Retriggering
D Triggering pulse typ. 155 mA
D Internal supply voltage monitoring
D Temperature compensated reference source
D Current requirement ≤ 3 mA
Package: DIP14, SO16
Control
amplifier
Voltage
monitoring
Supply
voltage
limitation
Reference
voltage
Output
pulse
Frequency
to voltage
converter
ö
Phase
control unit
Soft start
10(10)
11(11)
12(12)
8(8)
7(7)
Voltage / Current
detector
Automatic
retriggering
14(16)
1(1)
4(4)
= f (V12)
95 10691
–VS
GND
+
s
5(5)
6(6)
3(3)
2(2)
13(15)
9(9)
Figure 1. Block diagram – SO 16 in bracket


Similar Part No. - U209B3

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U209B ATMEL-U209B Datasheet
677Kb / 34P
   Monolithic Integrated Feature Phone Circuit
U209B ATMEL-U209B Datasheet
449Kb / 19P
   Phase Control IC for Tacho Applications
U209B-MFPG3Y ATMEL-U209B-MFPG3Y Datasheet
449Kb / 19P
   Phase Control IC for Tacho Applications
U209B-MFPY ATMEL-U209B-MFPY Datasheet
449Kb / 19P
   Phase Control IC for Tacho Applications
U209B-MY ATMEL-U209B-MY Datasheet
449Kb / 19P
   Phase Control IC for Tacho Applications
More results

Similar Description - U209B3

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U209B ATMEL-U209B_07 Datasheet
449Kb / 19P
   Phase Control IC for Tacho Applications
U211B ATMEL-U211B Datasheet
605Kb / 30P
   Phase Control IC with Overload Limitation for Tacho Applications
logo
TEMIC Semiconductors
UAA145 TEMIC-UAA145 Datasheet
168Kb / 11P
   Phase Control Circuit for Industrial Applications
U210B TEMIC-U210B Datasheet
378Kb / 15P
   Phase Control Circuit - Load Current Feedback Applications
U210B1 TEMIC-U210B1 Datasheet
166Kb / 12P
   Phase Control Circuit Load Current Feedback Applications
U111B TEMIC-U111B Datasheet
431Kb / 6P
   Phase Control Circuit
logo
Mitel Networks Corporat...
TDA2086 MITEL-TDA2086 Datasheet
64Kb / 6P
   PHASE CONTROL INTEGRATED CIRCUIT
MAY 1992
logo
TEMIC Semiconductors
TEA1007 TEMIC-TEA1007 Datasheet
124Kb / 8P
   Simple Phase Control Circuit
logo
ASM GmbH
3403 ASM-SENSOR-3403 Datasheet
759Kb / 2P
   TACHO HiTESTER
logo
TEMIC Semiconductors
U208B TEMIC-U208B Datasheet
85Kb / 7P
   Open Loop Phase Control Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com