Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S4317D Datasheet(PDF) 1 Page - Advanced Technical Materials Inc.

Part # S4317D
Description  0.5-18 GHz PIN DIODE SWITCHES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATM [Advanced Technical Materials Inc.]
Direct Link  http://www.atmmicrowave.com
Logo ATM - Advanced Technical Materials Inc.

S4317D Datasheet(HTML) 1 Page - Advanced Technical Materials Inc.

  S4317D Datasheet HTML 1Page - Advanced Technical Materials Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
49 Rider Ave, Patchogue, NY 11772
Phone: 631-289-0363
Fax: 631-289-0358
E-mail
: atmemail@juno.com
Web: www.atmmicrowave.com
6
Service
Price
Delivery
S2317D
0.5-18.0 GHZ
2.5 dB
60 dB
2.0:1 max
2.0:1 max
250 ns max (50% TTL to 10% RF)
250 ns max (50% TTL to 10% RF)
2 line, logic 1 path on
+5VDC at 40 mA, -15VDC at 40 mA
+10 dBm spec compliant
+30 dBm survival (CW)
75 Watt, 1 µs pulse width
S3317D
0.5-18.0 GHZ
3.0 dB
55 dB
2.0:1 max
2.0:1 max
250 ns max (50% TTL to 10% RF)
250 ns max (50% TTL to 10% RF)
3 line, logic 1 path on-
+5VDC at 60 mA, -15VDC at 40 mA
+10 dBm spec compliant
+30 dBm survival (CW)
75 Watt, 1 µs pulse width
Frequency
0.5-18.0 GHZ
Inser tion Loss
2.5 dB
Isolation
80 dB, 2-18.0 GHz, 37 dB 5-2.0 GHz
VSWR input
1.8:1 max
VSWR output
1.8:1 max
Switching speed (of f-on)
20 ns max (50% TTL to 90% RF)
Switching speed (on-of f)
20 ns max (50% TTL to 90% RF)
Control logic TTL
1 line, logic 1 path on
DC Power
+15VDC at 40 mA, -15VDC at 40 mA
RF Power
+10 dBm spec compliant,
+30 dBm survival (CW)
Peak Power
75 Watt, 1 µs pulse width
Outline
Number
Dim.
Dim.
Dim.
Dim.
Dim.
Dim.
Dim.
Dim.
Dim.
Dim.
AB
C
D
E
F
G
H
I
J
1
2.60
2.60
0.75
0.28
0.37
2.00
0.30
2.00
.17
4-40 x .15
2
1.62
1.72
0.69
0.35
0.35
1.25
0.12
1.38
.17
4-40 x .15
3
1.25
1.25
0.70
0.25
0.25
0.80
.125
1.00
.17
2-56 x .14
4
1.00
1.00
0.50
0.25
0.25
-
.09
0.82
.17
2-56 x .13
5
0.75
0.75
0.50
0.25
0.25
-
.062
.625
.17
2-56 x .13
6
0.50
0.50
.375
0.19
0.19
-
.08
0.34
.17
0-80 x .10
7
0.50
0.62
0.50
0.25
0.19
-
.08
0.34
.17
0-80 x .13
Frequency ISO (db)
Loss(dB)VSWR
Power (Watts)
Model Number
Outline
GHz
Forward
Load
See Note
No.
Typ. Min. Typ. Max.
Typ.
Max.
PK
CW CW Ciculator
Isolator
1.0-2.0
20 17
0.35
0.5
1.25
1.35
100
25
1
ATc1-2
ATi1-2
1
2.0-4.0
20
18
0.35
0.5
1.25
1.30
200
50
1
ATc2-4
ATi2-4
2
2.6-5.2
20 18
0.35
0.5
1.25
1.30
300
50
1
ATc2.6-5.2
ATi2.6-5.2
3
3.0-6.0
20
18
0.35
0.5
1.25
1.30
400
50
1
ATc3-6
ATi3-6
3
4.0-8.0
20 18
0.35
0.5
1.25
1.30
400
50
1
ATc4-8
ATi4-8
4
5.0-10.0
20 18
0.35
0.5
1.25
1.30
400
50
1
ATc5-10
ATi5-10
4
6.0-12.0
20 18
0.40
0.6
1.25
1.30
500
50
1
ATc6-12
ATi6-12
5
6.2-18.0
13
12
0.80
1.0
1.56
1.67
200
60
1
ATc6.2-18
ATi6.2-18
6
8.0-12.4
20 18
0.40
0.5
1.25
1.30
200
60
1
ATc8-12.4
ATi8-12.4
7
8.0-18.0
16 14
0.60
0.7
1.40
1.50
200
60
1
ATc8-18
ATi8-18
7
12.0-18.0 20
18
0.50
0.6
1.25
1.30
200
60
1
ATc12-18
ATi12-18
7
CIRCULATOR / ISOLATOR
Note:
ATM Standard Parts come with SMA Female Connectors In and Out
For Male In and Female Out use M/F after Part Number
For Female In and Male Out use F/M after Part Number
Example: ATc1-2/M/F
0.5-18 GHz PIN DIODE SWITCHES
SP1T — SP2T — SP3T — SP4T
SP2T reflective
ELECTRO/MECHANICAL
SINGLE POLE
DOUBLE THROW
SWITCHES
S4317D
0.5-18.0GHZ
3.0 dB
55 dB
2.0:1 max
2.0:1 max
250 ns max (50% TTL to 10% RF)
250 ns max (50% TTL to 10% RF)
4 line, logic 1 path on
+5VDC at 150 mA, -15VDC at 50 mA
+10 dBm spec compliant
+38 dBm survival (CW)
75 Watt, 1 µs pulse width
SP4T reflective
MICROWAVE NOISE GENERATORS
ModelFreq
Noise Output VSWR(max)Calibration
No.(GHz)
(ENR -dB)
ON/OFFFrequencies
NX1512X1-2
15.5 +/-0.5
1.20:1
1, 1.5, 2 GHz
NX1524X2-4
15.5 +/-0.5
1.20:1
NX1548X4-8
15.5 +/-0.5
1.20:1
NX15812X8-12
15.5 +/-0.5
1.35:1
NX151218X12-18
15.5 +/-0.5
1.35:1
1 GHz steps
OPTIONS:
1. X or Y housing may be selected for either series by changing of a
model no. suffix
2. For other packages or connectors consult factory
3. Output between 6 dB and listed high output levels of ENRare
available on special order
Specifications
Input power +28VDC at 20 mA max
BNC (F)
SMA (M)
3.2 max.
SMA (F)
SMA (M)
2.85 max.
1/2 x 1/2
3/4 x 3/4
X type
Y type
ModelFreq
Noise Output
Calibration
No.(GHz)
(ENR -dB) Flatness dB
Frequencies
NX3212Y1-230-35±1
1, 1.5, 2 GHz
NX3224Y2-430-35±1
NX3248Y4-830-35±1
NX32812Y8-1228-33±1
NX321218Y12-1828-33±1
1 GHz steps
15.5 dB Noise Figure Meter Compatible Noise Sources
High Noise Output Noise Sources
SP1T reflective
SP3T reflective
Model No.
S1517D
SMA
For Latching Type with Contacts add /L/C after Part Number Ex: S2810H=S2810H/L/C
SMA Female Standard
Operating freq. (GHz):
DC-3
3 - 8
8 - 12
12.4 - 18
18 - 22
VSWR (maximum):
1.2:1
1.3:1
1.4:1
1.5:1
1.6:1
Insertion Loss (max):
0.2 dB
0.3 dB
0.4 dB
0.5 dB
0.6 dB
Isolation (min.):
80 dB
70 dB
60 dB
60 dB
55 dB
Actuating voltage:
24-30 VDC (28 VDC nominal)
Actuating current:
160 mA maximum at 28 VDC and 72 F
Impedance:
50 ohms
Switching time:
15 ms maximum
*Operating mode:
Failsafe
Operating Temp:
-35 °C to +85 °C
Operating life:
1,000,000 cycles
Model S2810H Specifications


Similar Part No. - S4317D

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
S4310 MICROSEMI-S4310 Datasheet
116Kb / 3P
   Silicon Power Rectifier
logo
New Jersey Semi-Conduct...
S4310 NJSEMI-S4310 Datasheet
89Kb / 1P
   Silicon Power Rectifier
logo
Microsemi Corporation
S43100 MICROSEMI-S43100 Datasheet
116Kb / 3P
   Silicon Power Rectifier
logo
New Jersey Semi-Conduct...
S43100 NJSEMI-S43100 Datasheet
89Kb / 1P
   Silicon Power Rectifier
logo
Microsemi Corporation
S43120 MICROSEMI-S43120 Datasheet
116Kb / 3P
   Silicon Power Rectifier
More results

Similar Description - S4317D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP3T ETC2-SP3T Datasheet
33Kb / 1P
   PIN Diode Switches 0.5 to 18.0GHz Non-Reflective
logo
Transcom, Inc.
TM005-180-09-03 TRANSCOM-TM005-180-09-03 Datasheet
27Kb / 1P
   0.5 ~ 18 GHz 5 dBm Gain Module
logo
Tyco Electronics
MA4SW110 MACOM-MA4SW110 Datasheet
208Kb / 8P
   Monolithic PIN Diode Switches
logo
List of Unclassifed Man...
S2S0518A4 ETC2-S2S0518A4 Datasheet
116Kb / 1P
   SPDT PIN DIODE SWITCHES
logo
M/A-COM Technology Solu...
MSW6000-600 MA-COM-MSW6000-600 Datasheet
971Kb / 12P
   SP6T PIN Diode Switches
MSW206X-206 MA-COM-MSW206X-206 Datasheet
1Mb / 16P
   SP2T PIN Diode Switches
MSW320X-320 MA-COM-MSW320X-320 Datasheet
958Kb / 14P
   SP3T PIN Diode Switches
MA4SW101-287T MA-COM-MA4SW101-287T Datasheet
107Kb / 4P
   Surface Mount Monolithic PIN Diode Switches 50 MHz - 4 GHz
logo
Mimix Broadband
CSW0118-BD MIMIX-CSW0118-BD_07 Datasheet
294Kb / 4P
   0.5-18 GHz GaAs pHEMT MMIC SPDT Switch
logo
Hittite Microwave Corpo...
HMC-C006 HITTITE-HMC-C006 Datasheet
505Kb / 4P
   DIVIDE-BY-4 PRESCALER MODULE, 0.5 - 18 GHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com