Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2504 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SK2504
Description  Silicon N-Channel MOSFET
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SK2504 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SK2504 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
MOSFET
SMD Type
2.3
0.60+0.1
-0.1
6.50+0.15
-0.15
0.80+0.1
-0.1
4.60+0.15
-0.15
5.30+0.2
-0.2
2.30+0.1
-0.1
0.50+0.8
-0.7
0.127
max
TO-252
Unit: mm
1Gate
2Drain
3Source
Silicon N-Channel MOSFET
2SK2504
Features
Low on-resistance.
Fast switching speed.
Wide SOA (safe operating area).
Easily designed drive circuits.
Easy to parallel.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Drain to source voltage
VDSS
100
V
Gate to source voltage
VGSS
20
V
ID
5A
Idp *20
A
Power dissipation
PD
20
W
Channel temperature
Tch
150
Storage temperature
Tstg
-55to+150
*PW
10
s,Duty Cycle
1%
Drain current
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Drain source breakdown voltage
VDSS
ID=1mA,VGS=0V
100
V
Drain cut-off current
IDSS
VDS=100V,VGS=0
10
A
Gate leakage current
IGSS
VGS=
20V,VDS=0
100
nA
Gate threshold voltage
VGS(th)
VDS=10V,ID=1mA
1.0
2.5
V
Forward transfer admittance
Yfs
VDS=10V,ID=2.5A
4.0
S
VGS=10V,ID=2.5A
0.18
0.22
VGS=4V,ID=2.5A
0.25
0.28
Input capacitance
Ciss
520
pF
Output capacitance
Coss
175
pF
Reverse transfer capacitance
Crss
60
pF
Turn-on delay time
ton
5ns
Rise time
tr
20
ns
Turn-off delay time
toff
50
ns
Fall time
tf
20
ns
VDS=10V,VGS=0,f=1MHZ
Drain to source on-state resistance
RDS(on)
ID=2.5A,VGS(on)=10V,RG=10
,RL=20
,VDD=50V


Similar Part No. - 2SK2504

ManufacturerPart #DatasheetDescription
logo
Rohm
2SK2504 ROHM-2SK2504 Datasheet
134Kb / 4P
   Small switching (100V, 5A)
2SK2504 ROHM-2SK2504 Datasheet
99Kb / 6P
   4V Drive Nch MOS FET
2SK2504 ROHM-2SK2504 Datasheet
95Kb / 6P
   4V Drive Nch MOS FET
logo
Inchange Semiconductor ...
2SK2504 ISC-2SK2504 Datasheet
377Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Rohm
2SK2504TL ROHM-2SK2504TL Datasheet
95Kb / 6P
   4V Drive Nch MOS FET
More results

Similar Description - 2SK2504

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SK3019LT1G LRC-L2SK3019LT1G_15 Datasheet
671Kb / 4P
   Silicon N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WGP15G65 WINSEMI-WGP15G65 Datasheet
529Kb / 6P
   Silicon N-Channel MOSFET
WFU5N60B WINSEMI-WFU5N60B_14 Datasheet
201Kb / 8P
   Silicon N-Channel MOSFET
WFF8N65L WINSEMI-WFF8N65L Datasheet
244Kb / 8P
   Silicon N-Channel MOSFET
WFD20N06 WINSEMI-WFD20N06 Datasheet
615Kb / 6P
   Silicon N-Channel MOSFET
WFP8N60B WINSEMI-WFP8N60B Datasheet
271Kb / 8P
   Silicon N-Channel MOSFET
WFU2N60B WINSEMI-WFU2N60B_13 Datasheet
252Kb / 8P
   Silicon N-Channel MOSFET
K2611B WINSEMI-K2611B_14 Datasheet
288Kb / 8P
   Silicon N-Channel MOSFET
WFP12N65 WINSEMI-WFP12N65 Datasheet
389Kb / 7P
   Silicon N-Channel MOSFET
WFP540 WINSEMI-WFP540 Datasheet
348Kb / 5P
   Silicon N-Channel MOSFET
WFW24N50N WINSEMI-WFW24N50N Datasheet
437Kb / 7P
   Silicon N-Channel MOSFET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com