Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFDS3000 Datasheet(PDF) 2 Page - TEMIC Semiconductors

Part # TFDS3000
Description  Integrated Infrared Transceiver Module IrDA (SIR)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TFDS3000 Datasheet(HTML) 2 Page - TEMIC Semiconductors

  TFDS3000 Datasheet HTML 1Page - TEMIC Semiconductors TFDS3000 Datasheet HTML 2Page - TEMIC Semiconductors TFDS3000 Datasheet HTML 3Page - TEMIC Semiconductors TFDS3000 Datasheet HTML 4Page - TEMIC Semiconductors TFDS3000 Datasheet HTML 5Page - TEMIC Semiconductors TFDS3000 Datasheet HTML 6Page - TEMIC Semiconductors TFDS3000 Datasheet HTML 7Page - TEMIC Semiconductors TFDS3000 Datasheet HTML 8Page - TEMIC Semiconductors TFDS3000 Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TFDS3000
TELEFUNKEN Semiconductors
Rev. A6, 15-Aug-96
Preliminary Information
2 (10)
Absolute Maximum Ratings
Reference point Pin 4, unless otherwise specified
Parameter
Test Conditions
Symbol
Value
Unit
Supply voltage range
VCC
–0.5 to 6
V
Input currents
All pins, exept 8:see IRED
10
mA
Output sinking current
25
mA
Power dissipation
See figure 3
Ptot
200
mW
Junction temperature
Tj
125
°C
Ambient temperature range
(operating)
Tamb
0 to70
°C
Storage temperature range
Tstg
–25 to +85
°C
Soldering temperature
See figure 11 introductory text
IrDA Design Guide
230 (typ. 215)
_C
Average IRED current
IIRED(DC)
100
mA
Repetitive pulsed IRED current
< 90
ms, ton < 20%
IIRED(RP)
500
mA
Peak IRED current
< 2
ms, ton < 10%
IIRED(PK)
1
A
IRED anode voltage
VIREDA
–0.5 to VCC +0.5
V
Transmitter data input voltage
VTxd
–0.5 to VCC +0.5
V
Receiver data output voltage
VRxd
–0.5 to VCC +0.5
V
Basic Characteristics
Tamb = 25
_C, VCC = 5 V, unless otherwise specified
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Transceiver
Supported data rates
2.4
115.2
kBit/s
Supply voltage range
reduced function down
to 2.6 V
VCC
3
5
5.5
V
Supply current
IS
1.3
2.5
mA
Receiver
Min. detection threshold
irradiance **)
a = "15°
Eemin
0.025
0.035
W/m2
Max. detection threshold
irradiance **)
a = "90°
Eemax
3300
5000
W/m2
Logic low receiver input
irradiance
Eemaxlow
0.004
W/m2
Max. DC irradiance
a = "90°
Eedcmax
400
W/m2
Output voltage Rxd
Active,
C = 15 pF, R = 2.2 k
W
VOL
0.5
0.8
V
Output voltage Rxd
Non-active,
C = 15 pF, R = 2.2 k
W
VOH
VCC–0.5
V
Output current
VOL < 0.5 V
C = 15 pF, R = 2.2 k
W
4
mA
Rise and fall time
C = 15 pF, R = 2.2 k
W
tr, tf
20
200
ns
Rxd signal, electrical
output pulse width
2.4 kB/s
1
20
ms
Rxd signal, electrical
output pulse width
115.2 kB/s
1
8
ms
**)
BER = 10–8 is target of IrDA specification, defined sensitivities not related to BER = 10–8


Similar Part No. - TFDS3000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDS4400 VISHAY-TFDS4400 Datasheet
483Kb / 14P
   SIR Transceiver Module (115.2 kbit/s) 2.7 V to 5.5 V
Rev. A1.5, 31-May-00
TFDS4400-TR3 VISHAY-TFDS4400-TR3 Datasheet
483Kb / 14P
   SIR Transceiver Module (115.2 kbit/s) 2.7 V to 5.5 V
Rev. A1.5, 31-May-00
TFDS4500 VISHAY-TFDS4500 Datasheet
554Kb / 12P
   2.7-5.5V Serial Infrared Transceiver Module Family
Rev. A, 03-Apr-98
TFDS6401 VISHAY-TFDS6401 Datasheet
667Kb / 17P
   Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. B1.6, 02-Nov-00
TFDS6401-TR3 VISHAY-TFDS6401-TR3 Datasheet
667Kb / 17P
   Fast Infrared Transceiver Module Family (FIR, 4 Mbit/s) for 2.6 V to 5.5 V Operation
Rev. B1.6, 02-Nov-00
More results

Similar Description - TFDS3000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU4101 VISHAY-TFDU4101 Datasheet
266Kb / 16P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA Applications
Rev. 1.0, 11-Jul-06
TFDU4101 VISHAY-TFDU4101_09 Datasheet
270Kb / 13P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA Applications
Rev. 1.5, 08-Jul-09
TFDU4101 VISHAY-TFDU4101_V01 Datasheet
438Kb / 15P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
01-Jan-2022
logo
Unity Opto Technology
UTS-413T UOT-UTS-413T Datasheet
62Kb / 4P
   Infrared IrDA Transceiver Module
logo
Vishay Siliconix
TFDU4301 VISHAY-TFDU4301 Datasheet
331Kb / 14P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
01-Jan-2022
TFDU4301 VISHAY-TFDU4301_V01 Datasheet
331Kb / 14P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
01-Jan-2023
TFDU4101 VISHAY-TFDU4101_07 Datasheet
273Kb / 16P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
Rev. 1.2, 04-Dec-07
TFDU4101 VISHAY-TFDU4101_12 Datasheet
283Kb / 13P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
Rev. 1.6, 04-Jul-12
TFDU4101 VISHAY-TFDU4101_V02 Datasheet
439Kb / 15P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
01-Jan-2023
TFDU4300 VISHAY-TFDU4300 Datasheet
396Kb / 15P
   Infrared Transceiver Module (SIR, 115.2 kbit/s)
Rev. 1.4, 26-Jan-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com