Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT20TM-8 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # CT20TM-8
Description  STROBE FLASHER USE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CT20TM-8 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  CT20TM-8 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CT20TM-8 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feb.1999
RECOMMEND CONDITION
VCM = 330V
IP = 120A
CM = 700
µF
VGE = 28V
MAXIMUM CONDITION
360V
130A
800
µF
IXe
Vtrig
VCE
RG
VG
IGBT
CM
+
VCM
Vtrig
VG
Ixe
50
40
30
10
200
160
120
80
40
0
020
<
TC = 50°C
<
TC = 70°C
CM = 800
µF
2000
1600
1200
800
400
0
160
140
120
80
60
100
VCM = 350V
<
TC = 70°C
VGE = 28V
>
MAXIMUM PULSE COLLECTOR CURRENT
PULSE COLLECTOR CURRENT ICP (A)
MAXIMUM PULSE COLLECTOR CURRENT
GATE-EMITTER VOLTAGE VGE (V)
VOLTAGE
TRIGGER
SIGNAL
Xe TUBE
CURRENT
IGBT GATE
MITSUBISHI INSULATED GATE BIPOLAR TRANSISTOR
CT20TM-8
STROBE FLASHER USE
PERFORMANCE CURVES
APPLICATION EXAMPLE
Notice 1. Gate drive voltage during on-period must be applied to satisfy the rating of maximum pulse collector current.
And reverse gate current during turn-off must be kept less than 1A.
(In general, it is satisfied if RG
≥ 30Ω)
Notice 2. IGBT has MOS structure and its gate is insulated by thin silicon oxide.
So please handle carefully not to suffer from electrostatic charge.
Notice 3. The operation life should be endured 5,000 shots under the charge current
(Ixe
≤ 130A : full luminescence condition) of main condenser (CM=800µF).
Repetition period under full luminescence condition is over 3 seconds.
Notice 4. Total operation hours must be applied within 5,000 hours.
Figure 1
Figure 2


Similar Part No. - CT20TM-8

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CT20TM-8 POWEREX-CT20TM-8 Datasheet
28Kb / 2P
   STROBE FLASHER USE
logo
Renesas Technology Corp
CT20TM-8 RENESAS-CT20TM-8 Datasheet
51Kb / 3P
   MITSUBISHI INSULATED GATE BIPOLAR TRANSISTOR
CT20TM-8 RENESAS-CT20TM-8_15 Datasheet
76Kb / 5P
   STROBE FLASHER USE
More results

Similar Description - CT20TM-8

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CT20AS-8 MITSUBISHI-CT20AS-8 Datasheet
31Kb / 2P
   STROBE FLASHER USE
logo
Powerex Power Semicondu...
CT30VS-8 POWEREX-CT30VS-8 Datasheet
27Kb / 2P
   STROBE FLASHER USE
logo
Mitsubishi Electric Sem...
CT40TMH-8 MITSUBISHI-CT40TMH-8 Datasheet
32Kb / 2P
   STROBE FLASHER USE
logo
Powerex Power Semicondu...
CT20VSL-8 POWEREX-CT20VSL-8 Datasheet
26Kb / 2P
   STROBE FLASHER USE
logo
Renesas Technology Corp
CT30VS-8 RENESAS-CT30VS-8_15 Datasheet
75Kb / 5P
   STROBE FLASHER USE
logo
Mitsubishi Electric Sem...
CT20VML-8 MITSUBISHI-CT20VML-8 Datasheet
23Kb / 2P
   STROBE FLASHER USE
logo
Renesas Technology Corp
CT20ASJ-8 RENESAS-CT20ASJ-8_15 Datasheet
74Kb / 5P
   STROBE FLASHER USE
CT20ASL-8 RENESAS-CT20ASL-8_15 Datasheet
74Kb / 5P
   STROBE FLASHER USE
CT20TM-8 RENESAS-CT20TM-8_15 Datasheet
76Kb / 5P
   STROBE FLASHER USE
CT30VM-8 RENESAS-CT30VM-8_15 Datasheet
75Kb / 5P
   STROBE FLASHER USE
CT40TMH-8 RENESAS-CT40TMH-8_15 Datasheet
75Kb / 5P
   STROBE FLASHER USE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com