Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAL74W Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BAL74W
Description  High-speed diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAL74W Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BAL74W Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BAL74W Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
Diodes
2
www.kexin.com.cn
BAL74W
Electrical C haracteristics T a = 25
P aram eter
S ym bol
Test C onditions
M ax
U nit
IF = 1 m A
715
IF = 10 m A
855
IF =50 m A
1
IF = 150 m A
1.25
V R =25 V
nA
V R =75 V
A
V R =25 V , Tj =150
0.1
A
V R =75 V , Tj =150
100
A
D iode capacitance
C d
f= 1.0 M H z, V R =0
1.5
pF
when switched from IF = 10m A toIR =10 m A ;
R L = 100
; m easured at IR =1 m A ;
Forward recovery voltage
V fr
when switched from IF =10 m A ; tr = 20 ns;
1.75
V
mV
V
R everse current
IR
Forward voltage
V F
R everse recovery tim e
trr
4ns
Marking
Marking
JC


Similar Part No. - BAL74W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAL74W PHILIPS-BAL74W Datasheet
57Kb / 12P
   High-speed diode
1999 May 05
More results

Similar Description - BAL74W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA220 PHILIPS-BA220 Datasheet
41Kb / 7P
   High-speed diode
1996 Sep 03
BAL99 PHILIPS-BAL99 Datasheet
55Kb / 12P
   High-speed diode
1999 May 26
BAS32L PHILIPS-BAS32L Datasheet
34Kb / 7P
   High-speed diode
1996 Sep 10
BAS316 PHILIPS-BAS316 Datasheet
64Kb / 12P
   High-speed diode
1998 Mar 26
logo
Leshan Radio Company
LBAS316T1G LRC-LBAS316T1G_15 Datasheet
236Kb / 4P
   High-speed diode
logo
NXP Semiconductors
PMBD6050 PHILIPS-PMBD6050_15 Datasheet
131Kb / 10P
   High-speed diode
2004 Jan 14
logo
SEMTECH ELECTRONICS LTD...
BAS32L SEMTECH_ELEC-BAS32L Datasheet
276Kb / 4P
   HIGH SPEED DIODE
logo
Nexperia B.V. All right...
PMBD6050 NEXPERIA-PMBD6050 Datasheet
313Kb / 1P
   High-speed diode
2004 Jan 14
logo
NXP Semiconductors
BAL74 PHILIPS-BAL74 Datasheet
56Kb / 12P
   High-speed diode
1999 May 26
BAS516 PHILIPS-BAS516 Datasheet
59Kb / 12P
   High-speed diode
1998 Aug 31
BAL99W PHILIPS-BAL99W Datasheet
58Kb / 12P
   High-speed diode
1999 May 06
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com