Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KDB2670 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KDB2670
Description  200V N-Channel PowerTrench MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KDB2670 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KDB2670 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KDB2670 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
www.kexin.com.cn
MOSFET
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Drain to source breakdown voltage
VDSS
ID=250ìA
VGS=0V
200
V
Drain cut-off current
IDSS
VDS=160V,VGS=0
1
A
Gate leakage current
IGSS
VGS=
20V
100
nA
Gate threshold voltage
VGS(th)
VDS =VGS,ID = 250ìA
2.0
4
4.5
V
VGS=10V,ID=10A
98
130
VGS=10V,ID=10A,TJ=125
205
285
On–State Drain Current
ID(on)
VGS =10V, VDS =10V
20
A
Forward Transconductance
gFS
VDS =10V, ID =10A
24
S
Input capacitance
Ciss
1320
pF
Output capacitance
Coss
71
pF
Reverse transfer capacitance
Crss
24
pF
Total Gate Charge
Qg
27
38
nC
Gate-Source Charge
Qgs
7
nC
Gate-Drain Charge
Qgd
10
nC
Turn-On Delay Time
td(ON)
14
25
ns
Rise Time
tr
510
ns
Turn-Off Delay Time
td(OFF)
26
41
ns
Fall Time
tf
23
37
ns
Maximum Continuous Drain-Source
Diode Forward Current
IS
19
A
Source to Drain Diode Voltage
VSD
VGS =0V, IS = 11 A *
0.83
1.3
V
* Pulse Test: Pulse Width
300ìs, Duty Cycle
2.0%
VDD = 100V, ID =1A,
VGS =10V, RGEN =6
*
VDS = 100 V, ID =10A,VGS =10V*
Drain to source on-state resistance
RDS(on)
VDS=100V,VGS=0,f=1MHZ
KDB2670(FDB2670)


Similar Part No. - KDB2670

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
KDB22 DYELEC-KDB22 Datasheet
1Mb / 2P
   SINGLE PHASE 2 . 0 AMP SURFACE MOUN T S C H O T T K Y BRIDGE RECTIFIER
KDB225 DYELEC-KDB225 Datasheet
1Mb / 2P
   SINGLE PHASE 2 . 0 AMP SURFACE MOUN T S C H O T T K Y BRIDGE RECTIFIER
KDB225S DYELEC-KDB225S Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
KDB22S DYELEC-KDB22S Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
logo
Guangdong Kexin Industr...
KDB2532 KEXIN-KDB2532 Datasheet
52Kb / 2P
   N-Channel PowerTrench MOSFET
More results

Similar Description - KDB2670

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC2612 FAIRCHILD-FDC2612 Datasheet
201Kb / 5P
   200V N-Channel PowerTrench MOSFET
logo
Kersemi Electronic Co.,...
KSM2614 KERSEMI-KSM2614 Datasheet
1Mb / 7P
   200V N-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDP2670 FAIRCHILD-FDP2670 Datasheet
83Kb / 5P
   200V N-Channel PowerTrench MOSFET
FDS2170N3 FAIRCHILD-FDS2170N3 Datasheet
201Kb / 6P
   200V N-Channel PowerTrench??MOSFET
FDS2670 FAIRCHILD-FDS2670 Datasheet
339Kb / 8P
   200V N-Channel PowerTrench MOSFET
FDD2612 FAIRCHILD-FDD2612 Datasheet
110Kb / 5P
   200V N-Channel PowerTrench MOSFET
FDB2614 FAIRCHILD-FDB2614 Datasheet
759Kb / 8P
   200V N-Channel PowerTrench MOSFET
FDP2614 FAIRCHILD-FDP2614 Datasheet
349Kb / 8P
   200V N-Channel PowerTrench MOSFET
FDD2670 FAIRCHILD-FDD2670 Datasheet
95Kb / 5P
   200V N-Channel PowerTrench MOSFET
FDS2170N7 FAIRCHILD-FDS2170N7 Datasheet
209Kb / 6P
   200V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com