Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX585C5V1 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BZX585C5V1
Description  Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BZX585C5V1 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BZX585C5V1 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BZX585C5V1 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Diodes
www.kexin.com.cn
1
Zener Diodes
BZX585 Series
Features
Total Power Dissipation: Max. 300mW
Two Tolerance Series:
2% and
5%
Working Voltage Range: Nom. 2.4 to 75V
Absolute Maximum Ratings (Ta = 25
)
Parameter
Symbol
Rating
Unit
Total Power Dissipation
Ptot
300
mW
Continuous Forward Current
IF
200
mA
Forward Voltage
@ IF = 10mA
VF
0.9
V
Jumction temperature
Tj
150
Storage temperature
Tstg
-65to+150
Electrical Characteristics (Ta = 25
)
Min.
Max.
Min.
Max.
Typ.
Max.
Typ.
Max.
Typ.
Max.
Max.
2%
5%
2V4
2.35
2.45
2.28
2.52
275
400
70
100
-1.3
450
6.0
C1
F1
2V7
2.65
2.75
2.57
2.84
300
450
75
100
-1.4
440
6.0
C2
F2
3V0
2.94
3.06
2.85
3.15
325
500
80
95
-1.6
425
6.0
C3
F3
3V3
3.23
3.37
3.14
3.47
350
500
85
95
-1.8
410
6.0
C4
F4
3V6
3.53
3.67
3.42
3.78
375
500
85
90
-1.9
390
6.0
C5
F5
3V9
3.82
3.98
3.71
4.10
400
500
85
90
-1.9
370
6.0
C6
F6
4V3
4.21
4.39
4.09
4.52
410
600
80
90
-1.7
350
6.0
C7
F7
4V7
4.61
4.79
4.47
4.94
425
500
50
80
-1.2
325
6.0
C8
F8
5V1
5.00
5.20
4.85
5.36
400
480
40
60
-0.5
300
6.0
C9
F9
5V6
5.49
5.71
5.32
5.88
80
400
15
40
1.0
275
6.0
C0
F0
BZX585
Bor C
XXX
Working voltage
VZ (V)
@IZ =5mA
Differential resistance
Rdif (
)
2% (B)
5% (C)
@IZ =1mA
@IZ =5mA
Temp.
Coeff.
SZ (mV/K)
@IZ =5mA
Diode Cap.
Cd (pF)
@
f= 1MHz;
VR =0V
Non-repetitive
peak reverse
current
IZSM (A)
@tp = 100
s
Marking


Similar Part No. - BZX585C5V1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX585 PHILIPS-BZX585 Datasheet
75Kb / 10P
   Voltage regulator diodes
2004 Jun 22
BZX585 NXP-BZX585 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
logo
Nexperia B.V. All right...
BZX585 NEXPERIA-BZX585 Datasheet
901Kb / 13P
   Voltage regulator diodes
Rev. 5 - 11 October 2016
logo
NXP Semiconductors
BZX585-B/C10 PHILIPS-BZX585-B/C10 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
BZX585-B/C11 PHILIPS-BZX585-B/C11 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
More results

Similar Description - BZX585C5V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com