Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCM853EOA Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TCM853EOA
Description  REGULATED GaAs FET BIAS SUPPLY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TCM853EOA Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TCM853EOA Datasheet HTML 1Page - TelCom Semiconductor, Inc TCM853EOA Datasheet HTML 2Page - TelCom Semiconductor, Inc TCM853EOA Datasheet HTML 3Page - TelCom Semiconductor, Inc TCM853EOA Datasheet HTML 4Page - TelCom Semiconductor, Inc TCM853EOA Datasheet HTML 5Page - TelCom Semiconductor, Inc TCM853EOA Datasheet HTML 6Page - TelCom Semiconductor, Inc TCM853EOA Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
4-27
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
REGULATED GaAs FET BIAS SUPPLY
TCM850
TCM851
TCM852
TCM853
FEATURES
s
Fixed – 4.1V or Adjustable – 0.5V to – 9V Output
at 5mA
s
4.5V to 10V Input Voltage Range
s
Low Output Voltage Ripple
TCM850-852 .............................................. 2mVp-p
TCM853 ...................................................... 1mVp-p
s
100kHz Charge Pump Switching Frequency
s
Optional External Synchronizing Clock
Input (TCM852)
s
Logic Level Shutdown Mode ................ 0.5
µA Typ.
Temperature (TCM850/852/853)
s
Low Cost, 8-Pin SOIC Package
APPLICATIONS
s
Cellular Phones
s
Negative Regulated Power Supplies
s
LCD Bias Contrast Control
s
Adjustable GaAs FET Bias
s
Wireless Data Loggers
GENERAL DESCRIPTION
The TCM850/1/2/3 combines an inverting charge pump
and a low noise linear regulator in a single small outline
package. They are ideal for biasing GaAS FETs in cellular
telephone transmitter power amplifiers
All four devices accept a range of input voltages from
4.5V to 10.0V and have – 5mA output current capability. The
TCM850/1/2 have both preset (– 4.1V) and variable (– 0.5V
to –9.0V) output voltages that program with an external
resistor divider. The TCM853 output voltage programs with
an external positive control voltage. The TCM850/1/3 can
be shutdown reducing quiescent current to less than
0.5
µA (typ) over temperature, 2µA (typ) for the TCM851.
CHARGE
PUMP
GND
N
FB
(GND to SET
VOUT = – 4.1V)
OUT
NEGOUT
SHDN (TCM850)
SHDN (TCM851)
OSC (TCM852)
IN
TCM850
TCM851
TCM852
– 1.28V
REF
CHARGE
PUMP
GND
CONT
(CONTROL VOLTAGE)
OUT
NEGOUT
SHDN
IN
TCM853
N
C1
C1
C2
C3
C2
C4
C4
C3
C1
+
C1
C1
+
C1
ORDERING INFORMATION
Part No.
Package
Temp. Range
TCM850COA
8-Pin SOIC
0
°C to +70°C
TCM850EOA
8-Pin SOIC
– 40
°C to +85°C
TCM851COA
8-Pin SOIC
0
°C to +70°C
TCM851EOA
8-Pin SOIC
– 40
°C to +85°C
TCM852COA
8-Pin SOIC
0
°C to +70°C
TCM852EOA
8-Pin SOIC
– 40
°C to +85°C
TCM853COA
8-Pin SOIC
0
°C to +70°C
TCM853EOA
8-Pin SOIC
– 40
°C to +85°C
TCM850EV
Evaluation Kit for
TCM850/1/2/3
FUNCTIONAL BLOCK DIAGRAM
TC850/1/2/3-3 10/1/96
Figure 1.
EVALUATION
KIT
AVAILABLE


Similar Part No. - TCM853EOA

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TCM8-1 MINI-TCM8-1 Datasheet
307Kb / 1P
   RF Transformer
TCM8-1++ MINI-TCM8-1+ Datasheet
307Kb / 1P
   RF Transformer
logo
Texas Instruments
TCM8000 TI-TCM8000 Datasheet
230Kb / 19P
[Old version datasheet]   CELLULAR TELEPHONE AUDIO PROCESSOR
TCM8000AFN TI-TCM8000AFN Datasheet
230Kb / 19P
[Old version datasheet]   CELLULAR TELEPHONE AUDIO PROCESSOR
TCM8000FN TI-TCM8000FN Datasheet
230Kb / 19P
[Old version datasheet]   CELLULAR TELEPHONE AUDIO PROCESSOR
More results

Similar Description - TCM853EOA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZNBG3118 DIODES-ZNBG3118 Datasheet
125Kb / 10P
   LNA GaAs FET BIAS CONTROLLER WITH POLARIZATION AND BAND SELECT
DS32049 Rev. 1 - 2
logo
Tyco Electronics
MADRMA0002 MACOM-MADRMA0002 Datasheet
422Kb / 5P
   Quad Bias Driver for GaAs FET and PIN Diode Switches
logo
Diodes Incorporated
ZNBG3000 DIODES-ZNBG3000 Datasheet
216Kb / 9P
   FET BIAS CONTROLLER
logo
Aimtron Technology
AT1504 AIMTRON-AT1504 Datasheet
237Kb / 6P
   FET BIAS CONTROLLER
AT1506 AIMTRON-AT1506 Datasheet
237Kb / 6P
   FET BIAS CONTROLLER
logo
Unisonic Technologies
L8401 UTC-L8401_15 Datasheet
231Kb / 5P
   FET BIAS CONTROLLER
logo
Diodes Incorporated
ZNBG4000 DIODES-ZNBG4000 Datasheet
419Kb / 10P
   FET BIAS CONTROLLER
logo
Zetex Semiconductors
ZNBG4000 ZETEX-ZNBG4000 Datasheet
406Kb / 10P
   FET BIAS CONTROLLER
ZNBR4000 ZETEX-ZNBR4000 Datasheet
183Kb / 10P
   FET BIAS CONTROLLER
ZNBG2000 ZETEX-ZNBG2000 Datasheet
516Kb / 7P
   FET BIAS CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com