Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG200ACJ Datasheet(PDF) 3 Page - TEMIC Semiconductors

Part # DG200ACJ
Description  Monolithic Dual SPST CMOS Analog Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

DG200ACJ Datasheet(HTML) 3 Page - TEMIC Semiconductors

  DG200ACJ Datasheet HTML 1Page - TEMIC Semiconductors DG200ACJ Datasheet HTML 2Page - TEMIC Semiconductors DG200ACJ Datasheet HTML 3Page - TEMIC Semiconductors DG200ACJ Datasheet HTML 4Page - TEMIC Semiconductors DG200ACJ Datasheet HTML 5Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DG200A
Siliconix
S-52880—Rev. B, 28-Apr-97
3
Specificationsa
Test Conditions
Unless Otherwise Specified
V15 V V
15 V
A Suffix
–55 to 125
_C
B, C Suffix
Parameter
Symbol
V+ = 15 V, V– = –15 V
VIN = 2.4 V, 0.8 Vf
Tempb
Typc
Mind
Maxd
Mind
Maxd
Unit
Analog Switch
Analog Signal Rangee
VANALOG
Full
–15
15
–15
15
V
Drain-Source
On-Resistance
rDS(on)
VD = "10 V, IS = –1 mA
Room
Full
45
70
100
80
100
W
Source Off
Leakage Current
IS(off)
VS = "14 V, VD = #14 V
Room
Full
"0.01
–2
–100
2
100
–5
–100
5
100
Drain Off
Leakage Current
ID(off)
VD = "14 V, VS = #14 V
Room
Full
"0.01
–2
–100
2
100
–5
–100
5
100
nA
Channel On
Leakage Currentf
ID(on)
VS = VD = "14 V
Room
Full
"0.1
–2
–200
2
200
–5
–200
5
200
Digital Control
Input Current with
IV l
Hi h
IINH
VIN = 2.4 V
Room
Full
0.0009
–0.5
–1
–1
–10
p
Input Voltage High
IINH
VIN = 15 V
Room
Full
0.005
0.5
1
1
10
mA
Input Current with
Input Voltage Low
IINL
VIN = 0 V
Room
Full
–0.0015
–0.5
–1
–1
–10
Dynamic Characteristics
Turn-On Time
tON
See Switching Time Test Circuit
Room
440
1000
1000
ns
Turn-Off Time
tOFF
See Switching Time Test Circuit
Room
340
425
425
ns
Charge Injection
Q
CL = 1000 pF, Vg = 0 V
Rg = 0 W
Room
–10
pC
Source-Off Capacitance
CS(off)
f = 140 kHz
V5 V
VS = 0 V
Room
9
Drain-Off Capacitance
CD(off)
VIN = 5 V
VD = 0 V
Room
9
pF
Channel-On Capacitance
CD(on) +
CS(On)
VD = VS = 0 V, VIN = 0 V
Room
25
pF
Off Isolation
OIRR
VIN =5V RL =75 W
Room
75
Crosstalk
(Channel-to-Channel)
XTALK
VIN = 5 V, RL = 75 W
VS = 2 V, f = 1 MHz
Room
90
dB
Power Supplies
Positive Supply Current
I+
Both Channels On or Off
V0 V
d 2 4 V
Room
0.8
2
2
mA
Negative Supply Current
I–
VIN = 0 V and 2.4 V
Room
–0.23
–1
–1
mA
Notes:
a.
Refer to PROCESS OPTION FLOWCHART.
b.
Room = 25
_C, Full = as determined by the operating temperature suffix.
c.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d.
The algebraic convention whereby the most negative value is aminimum and the most positive a maximum, is used in this data sheet.
e.
Guaranteed by design, not subject to production test.
f.
VIN = input voltage to perform proper function.


Similar Part No. - DG200ACJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG200ACJ MAXIM-DG200ACJ Datasheet
179Kb / 6P
   Dual Monolithic SPST CMOS Analog Switch
19-0484; Rev 1; 5/96
More results

Similar Description - DG200ACJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG200B VISHAY-DG200B Datasheet
103Kb / 6P
   Monolithic Dual SPST CMOS Analog Switch
Rev. C, 11-Jun-07
DG200A VISHAY-DG200A Datasheet
43Kb / 5P
   Monolithic Dual SPST CMOS Analog Switch
Rev. E, 05-Oct-00
DG200A_MIL VISHAY-DG200A_MIL Datasheet
59Kb / 6P
   Monolithic Dual SPST CMOS Analog Switch
18-Jul-08
logo
Maxim Integrated Produc...
DG200A MAXIM-DG200A Datasheet
179Kb / 6P
   Dual Monolithic SPST CMOS Analog Switch
19-0484; Rev 1; 5/96
logo
Vishay Siliconix
DG200AMIL VISHAY-DG200AMIL Datasheet
56Kb / 6P
   Monolithic Dual SPST CMOS Analog Switch
Rev. E, 05-Oct-00
logo
Intersil Corporation
DG308A INTERSIL-DG308A_01 Datasheet
187Kb / 7P
   Quad Monolithic SPST, CMOS Analog Switch
DG308A INTERSIL-DG308A Datasheet
113Kb / 7P
   Quad Monolithic SPST, CMOS Analog Switch
November 1999
HI-200883 INTERSIL-HI-200883 Datasheet
326Kb / 11P
   Dual SPST CMOS Analog Switch
logo
Vishay Siliconix
DG271MIL VISHAY-DG271MIL Datasheet
68Kb / 5P
   High-Speed Quad Monolithic SPST CMOS Analog Switch
Rev. G, 23-Aug-99
DG271B VISHAY-DG271B Datasheet
55Kb / 4P
   High-Speed Quad Monolithic SPST CMOS Analog Switch
Rev. B, 15-Nov-04
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com