Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SJ605 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SJ605
Description  MOS Field Effect Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SJ605 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SJ605 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SJ605 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Transistors
2SJ605
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Drain Cut-off Current
IDSS
VDS =-60 V, VGS =0V
-10
A
Gate Leakage Current
IGSS
VGS =
20 V, VDS =0V
10
A
Gate Cut-off Voltage
VGS(off)
VDS =-10 V, ID = -1 mA
-1.5
-2.0
-2.5
V
Forward Transfer Admittance
Yfs
VDS =-10 V, ID =-33 A
30
59
S
RDS(on)1 VGS =-10 V, ID =-33 A
17
20
m
RDS(on)2 VGS =-4.0V, ID =-33 A
22
31
m
Input Capacitance
Ciss
VDS = -10 V
4600
pF
Output Capacitance
Coss
VGS = 0 V
820
pF
Feedback Capacitance
Crss
f = 1 MHz
330
pF
Turn-on Delay Time
td(on)
VDD =-30 V, ID =-33 A
15
ns
Rise Time
tr
VGS =-10 V
14
ns
Turn-off Delay Time
td(off)
RG =0
100
ns
Fall Time
tf
58
ns
Total Gate Charge
Qg
VDD=-48 V
87
nC
Gate-Source Charge
Qgs
VGS =-10 V
15
nC
Gate-Drain Charge
Qgd
ID =-65 A
22
nC
Diode Forward Voltage
VF(S-D)
IF =65A, VGS =0V
1.0
V
Reverse Recovery Time
trr
IF =65A, VGS =0V
53
ns
Reverse Recovery Charge
Qrr
di/dt = 100 A /
s
110
nC
Drain to Source On-state Resistance


Similar Part No. - 2SJ605

ManufacturerPart #DatasheetDescription
logo
NEC
2SJ605 NEC-2SJ605 Datasheet
84Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
2SJ605 RENESAS-2SJ605 Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
logo
NEC
2SJ605-S NEC-2SJ605-S Datasheet
84Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
2SJ605-S RENESAS-2SJ605-S Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
logo
NEC
2SJ605-Z NEC-2SJ605-Z Datasheet
84Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results

Similar Description - 2SJ605

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SK2479 KEXIN-2SK2479 Datasheet
44Kb / 2P
   MOS Field Effect Transistors
logo
Renesas Technology Corp
2SK2359 RENESAS-2SK2359 Datasheet
257Kb / 10P
   MOS FIELD EFFECT TRANSISTORS
1995
logo
Guangdong Kexin Industr...
2SJ360 KEXIN-2SJ360 Datasheet
48Kb / 2P
   MOS Field Effect Transistors
2SK2481 KEXIN-2SK2481 Datasheet
44Kb / 2P
   MOS Field Effect Transistors
logo
Renesas Technology Corp
2SK2499 RENESAS-2SK2499 Datasheet
343Kb / 10P
   MOS FIELD EFFECT TRANSISTORS
1995
logo
Guangdong Kexin Industr...
2SJ356 KEXIN-2SJ356 Datasheet
49Kb / 2P
   MOS Field Effect Transistors
logo
Renesas Technology Corp
2SK2941 RENESAS-2SK2941 Datasheet
218Kb / 10P
   MOS FIELD EFFECT TRANSISTORS
1997
logo
Guangdong Kexin Industr...
2SJ356 KEXIN-2SJ356 Datasheet
49Kb / 2P
   MOS Field Effect Transistors
2SK2484 KEXIN-2SK2484 Datasheet
43Kb / 2P
   MOS Field Effect Transistors
logo
Renesas Technology Corp
2SK2365 RENESAS-2SK2365 Datasheet
256Kb / 10P
   MOS FIELD EFFECT TRANSISTORS
1995
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com