Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCN4040D-2.5EZB Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TCN4040D-2.5EZB
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TCN4040D-2.5EZB Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TCN4040D-2.5EZB Datasheet HTML 1Page - TelCom Semiconductor, Inc TCN4040D-2.5EZB Datasheet HTML 2Page - TelCom Semiconductor, Inc TCN4040D-2.5EZB Datasheet HTML 3Page - TelCom Semiconductor, Inc TCN4040D-2.5EZB Datasheet HTML 4Page - TelCom Semiconductor, Inc TCN4040D-2.5EZB Datasheet HTML 5Page - TelCom Semiconductor, Inc TCN4040D-2.5EZB Datasheet HTML 6Page - TelCom Semiconductor, Inc TCN4040D-2.5EZB Datasheet HTML 7Page - TelCom Semiconductor, Inc TCN4040D-2.5EZB Datasheet HTML 8Page - TelCom Semiconductor, Inc TCN4040D-2.5EZB Datasheet HTML 9Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TCN4040
1
PRELIMINARY INFORMATION
TCN4040-01 6/16/97
PRECISION MICROPOWER
SHUNT VOLTAGE REFERENCE
TCN4040
FEATURES
s
Small Packages ....... SOT-23B-3, TO-92, and SO-8
s
Output Capacitor Not Required
s
Handles Capacitive Loads
s
Fixed Reverse Breakdown Voltage of 2.5V
s
Low Output Noise
s
Wide Operating Current Range (60
µA to 15mA)
s
– 40
°C to + 85°C Operating Temperature Range
APPLICATIONS
s
Portable, Battery-Powered Equipment
s
Data Acquisition Systems
s
Instrumentation
s
Process Control
s
Energy Management
s
Product Testing
s
Automotive
s
Precision Audio Components
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TelCom Semiconductor reserves the right to make changes in the circuitry and specifications to its devices.
GENERAL DESCRIPTION
For applications in tight quarters, the TCN4040 preci-
sion voltage reference is available in a space-saving
3mm x 1.3mm SOT-23B-3 surface mount package. The
TCN4040 eliminates the need for an external stabilizing
capacitor while maintaining stability with any capacitive
load. The minimum operating current is 60
µA. The maxi-
mum operating current is 15mA.
To ensure that the prime parts have an accuracy of
better than
±0.5% (C grade) at 25°C, the TCN4040 uses
fuse and zener-zap reverse breakdown voltage trim during
wafer sort. Low dynamic impedance and bandgap reference
temperature drift curvature correction maintain stable re-
verse breakdown voltage accuracy over a wide range of
operating temperatures (– 40
°C to + 85°C) and currents
from (60
µA to 15mA).
The TCN4040 also is available in both adjustable and
1.2V versions.
ORDERING INFORMATION
Output
Voltage Tolerance
Part No.
Voltage (V)
Package
Temp. Coefficient Grade
TCN4040C-2.5ENB
2.5
SOT-23B-3*
±0.5%, 100ppm/°C Max (C Grade)
TCN4040C-2.5EOA
2.5
8-Pin SOIC
±0.5%, 100ppm/°C Max (C Grade)
TCN4040C-2.5EZB
2.5
TO-92
±0.5%, 100ppm/°C Max (C Grade)
TCN4040D-2.5EOA
2.5
8-Pin SOIC
±1.0%, 150ppm/°C Max (D Grade)
TCN4040D-2.5ENB
2.5
SOT-23B-3*
±1.0%, 150ppm/°C Max (D Grade)
TCN4040D-2.5EZB
2.5
TO-92
±1.0%, 150ppm/°C Max (D Grade)
TCN4040E-2.5ENB
2.5
SOT-23B-3*
±2.0%, 150ppm/°C Max (E Grade)
TCN4040E-2.5EZB
2.5
TO-92
±2.0%, 150ppm/°C Max (E Grade)
NOTE: *SOT-23B-3 is equivalent to the JEDEC (TO-236)
NOTE: *SOT-23B-3 is equivalent to the JEDEC (TO-236)
PIN CONFIGURATION
2
3
1
NC
NC
+
+
TCN4040ENB
TCN4040EZB
123
1
2
3
4
8
7
6
5
TCN4040EOA
NC
NC
NC
NC
NC
NC
+
SOT-23B-3*
(TOP VIEW)
TO-92-3
8-Pin SOIC


Similar Part No. - TCN4040D-2.5EZB

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TCN4-13 MINI-TCN4-13 Datasheet
234Kb / 1P
   Ceramic RF Transformer
TCN4-13++ MINI-TCN4-13+ Datasheet
234Kb / 1P
   Ceramic RF Transformer
TCN4-162 MINI-TCN4-162 Datasheet
343Kb / 1P
   RF Transformer
TCN4-162++ MINI-TCN4-162+ Datasheet
343Kb / 1P
   RF Transformer
TCN4-22 MINI-TCN4-22 Datasheet
226Kb / 1P
   Ceramic Balun RF Transformer
More results

Similar Description - TCN4040D-2.5EZB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com