Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CNY21N Datasheet(PDF) 5 Page - TEMIC Semiconductors

Part No. CNY21N
Description  Optocoupler with Phototransistor Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

CNY21N Datasheet(HTML) 5 Page - TEMIC Semiconductors

  CNY21N Datasheet HTML 1Page - TEMIC Semiconductors CNY21N Datasheet HTML 2Page - TEMIC Semiconductors CNY21N Datasheet HTML 3Page - TEMIC Semiconductors CNY21N Datasheet HTML 4Page - TEMIC Semiconductors CNY21N Datasheet HTML 5Page - TEMIC Semiconductors CNY21N Datasheet HTML 6Page - TEMIC Semiconductors CNY21N Datasheet HTML 7Page - TEMIC Semiconductors CNY21N Datasheet HTML 8Page - TEMIC Semiconductors CNY21N Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CNY21N
TELEFUNKEN Semiconductors
Rev. A1, 11-Jun-96
5 (10)
Switching Characteristics (Typical Values)
VS = 5 V
Type
RL = 100
W (see figure 1)
RL = 1 k
W (see figure 2)
yp
td[
ms] tr[ms] ton[ms] ts[ms] tf[ms] toff[ms] IC[mA] ton[ms] toff[ms] IF[mA]
CNY21N
2.6
2.4
5.0
0.3
2.7
3.0
5
11
13.5
20
Channel I
Channel II
100
W
50
W
+ 5 V
Oscilloscope
R
L w 1 MW
C
L v 20 pF
IC = 5 mA;
IF
I
F
R
G = 50 W
t
p
t
p = 50 ms
T
= 0.01
0
95 10900
Adjusted through
input amplitude
Figure 1. Test circuit, non-saturated operation
Channel I
Channel II
1 k
W
50
W
+ 5 V
Oscilloscope
R
L w 1 M
W
C
L v 20 pF
IC
IF = 20 mA
I
F
R
G = 50 W
t
p
t
p = 50 ms
T
= 0.01
0
95 10901
Figure 2. Test circuit, saturated operation


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn