Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CNY21N Datasheet(PDF) 1 Page - TEMIC Semiconductors

Part No. CNY21N
Description  Optocoupler with Phototransistor Output
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEMIC [TEMIC Semiconductors]
Homepage  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

CNY21N Datasheet(HTML) 1 Page - TEMIC Semiconductors

  CNY21N Datasheet HTML 1Page - TEMIC Semiconductors CNY21N Datasheet HTML 2Page - TEMIC Semiconductors CNY21N Datasheet HTML 3Page - TEMIC Semiconductors CNY21N Datasheet HTML 4Page - TEMIC Semiconductors CNY21N Datasheet HTML 5Page - TEMIC Semiconductors CNY21N Datasheet HTML 6Page - TEMIC Semiconductors CNY21N Datasheet HTML 7Page - TEMIC Semiconductors CNY21N Datasheet HTML 8Page - TEMIC Semiconductors CNY21N Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CNY21N
TELEFUNKEN Semiconductors
Rev. A1, 11-Jun-96
1 (10)
Optocoupler with Phototransistor Output
Description
The CNY21N consists of a phototransistor optically
coupled to a gallium arsenide infrared emitting diode in
a 4-lead plastic dual inline package.
The single components are mounted on one leadframe in
the opposite position, providing a fixed distance between
input and output for highest safety requirements of
> 3 mm.
Application
Circuits for safe protective separation against electrical
shock according to safety class II (reinforced isolation):
D For application class I - IV at mains voltage ≤ 300 V
D For application class I - IV at mains voltage ≤ 600 V
D For application class I - III at mains voltage ≤ 1000 V
according, to VDE 0884, table 2, suitable for:
Switch-mode power supplies, computer peripheral
interface, microprocessor system interface, line
receiver.
95 10533
These couplers perform safety functions according to the following equipment standards:
D VDE 0884
Optocoupler providing protective separation
D VDE 0804
Telecommunication apparatus and data processing
D VDE 0805/IEC 950/EN 60950
Office machines (applied for reinforced isolation for
mains voltage
≤ 400 VRMS)
D VDE 0860/lEC 65
Safety for mains operated electronic and related
household apparatus
D VDE 0700/IEC 335
Household equipment
D VDE 0160
Electronic equipment for electrical power installation
D VDE 0750/IEC 601
Medical equipment
Pin Connection
C
E
A (+)
C (–)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn