Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCL1584-ADJCAB Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TCL1584-ADJCAB
Description  7A / 5A / 4.6A / 3A, FAST RESPONSE, LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TCL1584-ADJCAB Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TCL1584-ADJCAB Datasheet HTML 1Page - TelCom Semiconductor, Inc TCL1584-ADJCAB Datasheet HTML 2Page - TelCom Semiconductor, Inc TCL1584-ADJCAB Datasheet HTML 3Page - TelCom Semiconductor, Inc TCL1584-ADJCAB Datasheet HTML 4Page - TelCom Semiconductor, Inc TCL1584-ADJCAB Datasheet HTML 5Page - TelCom Semiconductor, Inc TCL1584-ADJCAB Datasheet HTML 6Page - TelCom Semiconductor, Inc TCL1584-ADJCAB Datasheet HTML 7Page - TelCom Semiconductor, Inc TCL1584-ADJCAB Datasheet HTML 8Page - TelCom Semiconductor, Inc TCL1584-ADJCAB Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
TCL1584
TCL1585
TCL1587
PRELIMINARY INFORMATION
7A / 5A / 4.6A / 3A, FAST RESPONSE,
LOW DROPOUT POSITIVE LINEAR
VOLTAGE REGULATORS
TCL1584/1585/1587-04 6/6/97
7A / 5A / 4.6A / 3A, FAST RESPONSE, LOW DROPOUT
POSITIVE LINEAR VOLTAGE REGULATORS
The TCL1584/1585/1587 are low dropout, positive lin-
ear voltage regulators. They have a maximum current
output specification of 7A, 5A, 4.6A and 3A respectively.
All three devices are supplied in fixed and adjustable output
voltage versions.
Good transient load response combined with low drop-
out voltage makes these devices ideal for the latest low
voltage microprocessor power supplies. Additionally, short-
circuit, thermal and safe operating area (SOA) protection is
provided internally to ensure reliable operation.
The TCL1587, TCL1585 and TCL1584 are available in
a 3-pin TO-220 tabbed power package and in a 3-pin surface
mount DDPAK-3 package.
TYPICAL OPERATING CIRCUIT
FEATURES
s
Fixed and Adjustable Voltages ........ 1.5V and 3.3V
s
Optimized for Low Voltage Applications
s
Output Current Capability .......... 7A / 5A / 4.6A / 3A
s
Guaranteed Dropout Voltage up to Full Rated
Output
s
Integrated Thermal and Short-Circuit Protection
s
Compact 3-Pin Surface-Mount and Thru-Hole
Standard Power Packages
s
VREF Accuracy ................................................. 2.0%
s
Load Regulation ............................................. 0.05%
APPLICATIONS
s
PentiumTM*, PentiumProTM* CPU Power Supplies
s
PowerPCTM* CPU Power Supplies
s
PentiumProTM* System GTL+ Bus Terminators
s
Low-Voltage, High Speed Microprocessors
s
Post-Regulator for Switch-Mode Power Supplies
GENERAL DESCRIPTION
ORDERING INFORMATION
Part Number
Package
Temp. Range
TCL1584-3.3CAB
TO-220-3
0
°C to + 70°C
TCL1584-3.3CEB
DDPAK-3
0
°C to + 70°C
TCL1584-ADJCAB
TO-220-3
0
°C to + 70°C
TCL1584-ADJCEB
DDPAK-3
0
°C to + 70°C
TCL1585-1.5CAB
TO-220-3
0
°C to + 70°C
TCL1585-1.5CEB
DDPAK-3
0
°C to + 70°C
TCL1585-3.3CAB
TO-220-3
0
°C to + 70°C
TCL1585-3.3CEB
DDPAK-3
0
°C to + 70°C
TCL1585-ADJCAB
TO-220-3
0
°C to + 70°C
TCL1585-ADJCEB
DDPAK-3
0
°C to + 70°C
TCL1587-1.5CAB
TO-220-3
0
°C to + 70°C
TCL1587-1.5CEB
DDPAK-3
0
°C to + 70°C
TCL1587-3.3CAB
TO-220-3
0
°C to + 70°C
TCL1587-3.3CEB
DDPAK-3
0
°C to + 70°C
TCL1587-ADJCAB
TO-220-3
0
°C to + 70°C
TCL1587-ADJCEB
DDPAK-3
0
°C to + 70°C
TCL1584
TCL1585
TCL1587
TCL1584/1585/1587-04 6/6/97
TelCom Semiconductor reserves the right to make changes in the circuitry and specifications of its devices.
VOUT = 3.3V
TCL158x-3.3
GND
VIN = 5V
C1 = 10
µF
C2*
(Tantalum)
VIN
VOUT
Fixed Output Voltage Version
VOUT =
(1+ R1/R2)V
REF
TCL158x
ADJ
VIN = 5V
C1 = 10
µF
C2*
(Tantalum)
VIN
VOUT
Adjustable Output Voltage Version
*NOTE:
C2 is required to ensure output stability. Minimum 22
µF (TCL1584) or 10µF (TCL1585/7),
low ESR tantalum type. Larger values may be required for high output current transient
regulation. See
Applications section.
R1
R2
PIN CONFIGURATIONS
*All Trademarks and Trade Names are the property of their respective owners.
12
3
12
3
TCL1584CAB
TCL1585CAB
TCL1587CAB
TCL1584CEB
TCL1585CEB
TCL1587CEB
TO-220-3
DDPAK-3
NOTE: For TO-220
Θ
JA = 53°C/W. For DDPAK-3 ΘJA = 76°C/W. ΘJA for both packages
are specified without external heat sinks. See Applications Section for details.


Similar Part No. - TCL1584-ADJCAB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TCL150 ETC1-TCL150 Datasheet
107Kb / 2P
   6 and 12 Volt, 75 to 450 Watts Wet Cell Lead Calcium Battery
TCL150DA1-A ETC1-TCL150DA1-A Datasheet
107Kb / 2P
   6 and 12 Volt, 75 to 450 Watts Wet Cell Lead Calcium Battery
TCL150DA1-ACF1 ETC1-TCL150DA1-ACF1 Datasheet
107Kb / 2P
   6 and 12 Volt, 75 to 450 Watts Wet Cell Lead Calcium Battery
TCL150DA1-ACF2 ETC1-TCL150DA1-ACF2 Datasheet
107Kb / 2P
   6 and 12 Volt, 75 to 450 Watts Wet Cell Lead Calcium Battery
TCL150DA1-ACP1 ETC1-TCL150DA1-ACP1 Datasheet
107Kb / 2P
   6 and 12 Volt, 75 to 450 Watts Wet Cell Lead Calcium Battery
More results

Similar Description - TCL1584-ADJCAB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1584 LINER-LT1584_15 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1584 LINER-LT1584 Datasheet
276Kb / 12P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1584CT-33 LINER-LT1584CT-33 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
T1587 LINER-T1587_15 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1584 LINER-LT1584_1 Datasheet
220Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585 LINER-LT1585_15 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
National Semiconductor ...
LMS1585A NSC-LMS1585A Datasheet
103Kb / 8P
   5A and 3A Low Dropout Fast Response Regulators
logo
Texas Instruments
LMS1585A TI1-LMS1585A_17 Datasheet
1Mb / 15P
[Old version datasheet]   5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
LP3893 TI-LP3893_15 Datasheet
1Mb / 16P
[Old version datasheet]   3A Fast-Response Ultra Low Dropout Linear Regulators
LP3883 TI-LP3883_15 Datasheet
1Mb / 19P
[Old version datasheet]   3A Fast-Response Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com