Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCL1117-3.30CDB Datasheet(PDF) 6 Page - TelCom Semiconductor, Inc

Part # TCL1117-3.30CDB
Description  800mA LOW DROPOUT POSITIVE REGULATORS ADJUSTABLE AND FIXED 2.85V, 3.30V, 5.00V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TCL1117-3.30CDB Datasheet(HTML) 6 Page - TelCom Semiconductor, Inc

  TCL1117-3.30CDB Datasheet HTML 1Page - TelCom Semiconductor, Inc TCL1117-3.30CDB Datasheet HTML 2Page - TelCom Semiconductor, Inc TCL1117-3.30CDB Datasheet HTML 3Page - TelCom Semiconductor, Inc TCL1117-3.30CDB Datasheet HTML 4Page - TelCom Semiconductor, Inc TCL1117-3.30CDB Datasheet HTML 5Page - TelCom Semiconductor, Inc TCL1117-3.30CDB Datasheet HTML 6Page - TelCom Semiconductor, Inc TCL1117-3.30CDB Datasheet HTML 7Page - TelCom Semiconductor, Inc TCL1117-3.30CDB Datasheet HTML 8Page - TelCom Semiconductor, Inc TCL1117-3.30CDB Datasheet HTML 9Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
PRELIMINARY INFORMATION
TCL1117-05 6/5/97
TCL1117
TCL1117-2.85
TCL1117-3.30
TCL1117-5.00
800mA LOW DROPOUT POSITIVE REGULATORS
ADJUSTABLE AND FIXED 2.85V, 3.30V, 5.00V
10
µF
+
OUT
IN TCL1117-5.00
GND
+
VOUT = –5V
FLOATING INPUT
100
µF
VIN
Low Dropout Negative Supply
TYPICAL APPLICATIONS (Cont.)
OUT
IN
Improving Ripple Rejection
ADJ
*C1 IMPROVES RIPPLE
REJECTION. XC SHOULD BE
≈ R1 AT RIPPLE FREQUENCY
TCL1117
150
µF
10
µF
C1*
10
µF
R1
121
1%
R2
365
1%
VIN
VIN ≥ 16.5V
+
+
OUT
IN
Battery Backed Up Regulated Supply
GND
TCL1117-5.00
100
µF
10
µF
6.5V
SELECT FOR
CHARGE RATE
5.2V LINE
5.0V BATTERY
50
VIN
+
10
µF
+
+
OUT
IN
GND
TCL1117-5.00
3.3V OUTPUT (TYPICAL)
470
µF
470
µF
+
+
+
OUT
IN
TCL1117-5.00
MUR410
MUR410
MUR410
1N4002
1N4002
FEEDBACK PATH
GND
OUT
IN
TCL1117-5.00
GND
10
µF
–5V
0.5A
+5V
0.5A
470
µF
+
10
µF
+
VIN
SWITCHING
REGULATOR
+
High Efficiency Dual Supply


Similar Part No. - TCL1117-3.30CDB

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TCL1-11 MINI-TCL1-11 Datasheet
279Kb / 1P
   RF Transformer
TCL1-11++ MINI-TCL1-11+ Datasheet
279Kb / 1P
   RF Transformer
TCL1-19 MINI-TCL1-19 Datasheet
279Kb / 1P
   RF Transformer
TCL1-19++ MINI-TCL1-19+ Datasheet
279Kb / 1P
   RF Transformer
TCL1-19G2 MINI-TCL1-19G2 Datasheet
205Kb / 1P
   RF Transformer
More results

Similar Description - TCL1117-3.30CDB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1117 LINER-LT1117_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-5 LINER-LT1117-5_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-2.85 LINER-LT1117-2.85_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117_02 Datasheet
201Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117 Datasheet
282Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117_1 Datasheet
189Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-3.3 LINER-LT1117-3.3_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1118 LINER-LT1118_06 Datasheet
97Kb / 8P
   Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1118 LINER-LT1118 Datasheet
109Kb / 8P
   Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output
LT1086 LINER-LT1086_15 Datasheet
226Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com