Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCM680EOA Datasheet(PDF) 3 Page - TelCom Semiconductor, Inc

Part # TCM680EOA
Description  5V TO 짹10V VOLTAGE CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TCM680EOA Datasheet(HTML) 3 Page - TelCom Semiconductor, Inc

  TCM680EOA Datasheet HTML 1Page - TelCom Semiconductor, Inc TCM680EOA Datasheet HTML 2Page - TelCom Semiconductor, Inc TCM680EOA Datasheet HTML 3Page - TelCom Semiconductor, Inc TCM680EOA Datasheet HTML 4Page - TelCom Semiconductor, Inc TCM680EOA Datasheet HTML 5Page - TelCom Semiconductor, Inc TCM680EOA Datasheet HTML 6Page - TelCom Semiconductor, Inc TCM680EOA Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
4-15
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TCM680
+5V TO
±10V VOLTAGE CONVERTER
Figure 4. Charge Pump – Phase 3
Phase 2
VSS transfer – Phase two of the clock connects the
negative terminal of C2 to the VSS storage capacitor C3 and
the positive terminal of C2 to ground, transferring the gener-
ated –10V to C3. Simultaneously, the positive side of capaci-
tor C1 is switched to +5V and the negative side is connected
to ground.
Phase 3
VDD charge storage – The third phase of the clock is
identical to the first phase – the charge transferred in C1
produces –5V in the negative terminal of C1, which is applied
to the negative side of capacitor C2. Since C2
+ is at +5V, the
voltage potential across C2 is 10V.
Figure 3. Charge Pump – Phase 2
DETAILED DESCRIPTION
Phase 1
VSS charge storage – The positive side of capacitors C1
and C2 are connected to +5V at the start of this phase. C1
+ is
then switched to ground and the charge in C1
is transferred
to C2
. Since C
2
+ is connected to +5V, the voltage potential
across capacitor C2 is now 10V.
Phase 4
VDD transfer – The fourth phase of the clock connects
the negative terminal of C2 to ground, and transfers the
generated 10V across C2 to C4, the VDD storage capacitor.
Again, simultaneously with this, the positive side of capaci-
tor C1 is switched to +5V and the negative side is connected
to ground, and the cycle begins again.
Figure 2. Charge Pump – Phase 1
V
IN = +5V
V
SS
V
DD
–5V
SW4
SW1
SW2
SW3
C
2
C
4
C
3
C
1
+
+
+
+
+5V
V
SS
V
DD
–10V
SW4
SW2
SW1
SW3
C
2
C
3
C
1
+
+
+
C
4
+
V
IN = +5V
V
SS
V
DD
–5V
SW4
SW1
SW2
SW3
C
2
C
4
C
3
C
1
+
+
+
+
Figure 5. Charge Pump – Phase 4
+5V
V
SS
V
DD
–10V
SW4
SW2
SW1
SW3
C
2
C
3
C
1
+
+
+
C
4
+
MAXIMUM OPERATING LIMITS
The TCM680 has on-chip zener diodes that clamp VIN
to 5.8V, V
+
OUT to 11.6V, and V
OUT to –11.6V. Never exceed
the maximum supply voltage or excessive current will be
shunted by these diodes, potentially damaging the chip. The
TCM680 will operate over the entire operating temperature
range with an input voltage of 2V to 5.5V.


Similar Part No. - TCM680EOA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TCM680 MICROCHIP-TCM680 Datasheet
334Kb / 18P
   5V To 짹10V Voltage Converter
2005
More results

Similar Description - TCM680EOA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TCM680 MICROCHIP-TCM680 Datasheet
334Kb / 18P
   5V To 짹10V Voltage Converter
2005
logo
Maxim Integrated Produc...
MAX680 MAXIM-MAX680_V01 Datasheet
1Mb / 9P
   5V to 짹10V Voltage Converters
2019
MAX680 MAXIM-MAX680 Datasheet
84Kb / 8P
   5V to 짹10V Voltage Converters
Rev 1; 7/96
logo
Linear Technology
LTC1046 LINER-LTC1046 Datasheet
172Kb / 12P
   ?쏧nductorless??5V to 5V Converter
LTC1046 LINER-LTC1046_15 Datasheet
187Kb / 12P
   5V to ??V Converter
logo
List of Unclassifed Man...
SLTS113 ETC1-SLTS113 Datasheet
121Kb / 5P
   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
logo
Texas Instruments
PT6905A TI1-PT6905A Datasheet
439Kb / 7P
[Old version datasheet]   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
PT6910 TI-PT6910 Datasheet
131Kb / 7P
[Old version datasheet]   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
logo
Maxim Integrated Produc...
MAX197 MAXIM-MAX197 Datasheet
165Kb / 16P
   Multi-Range (짹10V, 짹5V, 10V, 5V), Single 5V, 12-Bit DAS with 84 Bus Interface
19-0381; Rev 1; 6/96
MAX1307 MAXIM-MAX1307 Datasheet
349Kb / 28P
   1075ksps, 12-Bit, Parallel-Output ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
19-3481; Rev 0; 10/04
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com