Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCM680COA Datasheet(PDF) 5 Page - TelCom Semiconductor, Inc

Part # TCM680COA
Description  5V TO 짹10V VOLTAGE CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TCM680COA Datasheet(HTML) 5 Page - TelCom Semiconductor, Inc

  TCM680COA Datasheet HTML 1Page - TelCom Semiconductor, Inc TCM680COA Datasheet HTML 2Page - TelCom Semiconductor, Inc TCM680COA Datasheet HTML 3Page - TelCom Semiconductor, Inc TCM680COA Datasheet HTML 4Page - TelCom Semiconductor, Inc TCM680COA Datasheet HTML 5Page - TelCom Semiconductor, Inc TCM680COA Datasheet HTML 6Page - TelCom Semiconductor, Inc TCM680COA Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
4-17
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TCM680
+5V TO
±10V VOLTAGE CONVERTER
Table 1. ROUT vs. C1 ,C2
C1, C2 (
µF)
ROUT (
)
0.1
1089
0.47
339
1
232
3.3
165
4.7
157
10
146
22
141
100
137
Table 2. VRIPPLE (p-p) vs. C3, C4 (IOUT = 10mA)
C3, C4 (
µF)
VRIPPLE (mV)
0.47
1540
1
734
3.3
236
4.7
172
10
91
22
52
100
27
Paralleling Devices
Paralleling multiple TCM680s reduces the output resis-
tance of both the positive and negative converters. The
effective output resistance is the output resistance of a
single device divided by the number of devices. As illus-
trated in Figure 7, each requires separate pump capacitors
C1 and C2, but all can share a single set of reservoir
capacitors.
±5V Regulated Supplies From A Single
3V Battery
Figure 8 shows a complete
±5V power supply using one
3V battery. The TCM680 provides +6V at V
+
OUT, which is
regulated to +5V by the TC55, and –5V by the negative LDO.
The input to the TCM680 can vary from 3V to 6V without
affecting regulation appreciably. With higher input voltage,
more current can be drawn from the outputs of the TCM680.
With 5V at VIN, 10mA can be drawn from both regulated
outputs simultaneously. Assuming 150
Ω source resistance
for both converters, with (I
+
L + IL) = 20mA, the positive charge
pump will droop 3V, providing +7V for the negative charge
pump.
C1
C2
V
OUT
V
OUT
C
OUT
V
IN
V
IN
V
IN
GND
GND
10
µF
10
µF
22
µF
10
µF
10
µF
NEGATIVE
SUPPLY
TCM680
C2
C1
C2
C1
C1
C2
TCM680
GND
+
+
+
+
+
+
+
+
+
Figure 7. Paralleling TCM680 for Lower Output Source Resistance


Similar Part No. - TCM680COA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TCM680 MICROCHIP-TCM680 Datasheet
334Kb / 18P
   5V To 짹10V Voltage Converter
2005
More results

Similar Description - TCM680COA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TCM680 MICROCHIP-TCM680 Datasheet
334Kb / 18P
   5V To 짹10V Voltage Converter
2005
logo
Maxim Integrated Produc...
MAX680 MAXIM-MAX680_V01 Datasheet
1Mb / 9P
   5V to 짹10V Voltage Converters
2019
MAX680 MAXIM-MAX680 Datasheet
84Kb / 8P
   5V to 짹10V Voltage Converters
Rev 1; 7/96
logo
Linear Technology
LTC1046 LINER-LTC1046 Datasheet
172Kb / 12P
   ?쏧nductorless??5V to 5V Converter
LTC1046 LINER-LTC1046_15 Datasheet
187Kb / 12P
   5V to ??V Converter
logo
List of Unclassifed Man...
SLTS113 ETC1-SLTS113 Datasheet
121Kb / 5P
   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
logo
Texas Instruments
PT6905A TI1-PT6905A Datasheet
439Kb / 7P
[Old version datasheet]   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
PT6910 TI-PT6910 Datasheet
131Kb / 7P
[Old version datasheet]   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
logo
Maxim Integrated Produc...
MAX197 MAXIM-MAX197 Datasheet
165Kb / 16P
   Multi-Range (짹10V, 짹5V, 10V, 5V), Single 5V, 12-Bit DAS with 84 Bus Interface
19-0381; Rev 1; 6/96
MAX1307 MAXIM-MAX1307 Datasheet
349Kb / 28P
   1075ksps, 12-Bit, Parallel-Output ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
19-3481; Rev 0; 10/04
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com