Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC9401EJD Datasheet(PDF) 11 Page - TelCom Semiconductor, Inc

Part # TC9401EJD
Description  VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC9401EJD Datasheet(HTML) 11 Page - TelCom Semiconductor, Inc

Back Button TC9401EJD Datasheet HTML 5Page - TelCom Semiconductor, Inc TC9401EJD Datasheet HTML 6Page - TelCom Semiconductor, Inc TC9401EJD Datasheet HTML 7Page - TelCom Semiconductor, Inc TC9401EJD Datasheet HTML 8Page - TelCom Semiconductor, Inc TC9401EJD Datasheet HTML 9Page - TelCom Semiconductor, Inc TC9401EJD Datasheet HTML 10Page - TelCom Semiconductor, Inc TC9401EJD Datasheet HTML 11Page - TelCom Semiconductor, Inc TC9401EJD Datasheet HTML 12Page - TelCom Semiconductor, Inc TC9401EJD Datasheet HTML 13Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
3-297
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
0.5µsec
MIN
5.0µsec
MIN
DELAY = 3µsec
INPUT
fOUT
fOUT/2
Figure 7.
DC — 10 kHz F/V Converter
TC9400A
TC9401A
TC9402A
+5V
14
VDD
V+
V+
fOUT/2
fOUT
OUTPUT
COMMON
10
9
8
5
3
12
12pF
CREF
56 pF
SEE
EQUATION,
PAGE 12
CINT
1000pF
RINT
1 M
60pF
AMP
OUT
VO
VSS
IBIAS
14
10 k
2.2k
100k
2 k
–5V
+5V
ZERO ADJUST
2
7
(TYPICALLY –5V)
VREF
fIN
11
THRESHOLD
DETECTOR
3
µsec
DELAY
*
*
*
* OPTIONAL
IF BUFFER
IS NEEDED
OFFSET
ADJUST
VREF
OUT
IIN
2
+
OP
AMP
VREF
SEE
FIGURE
6
6
GND
THRESHOLD
DETECT
Figure 8 . F/V Digital Outputs
Input Buffer
fOUT and fOUT/2 are not used in the F/V mode. However,
these outputs may be useful for some applications, such as
a buffer to feed additional circuitry. Then, fOUT will follow the
input frequency waveform, except that fOUT will go high
3
µsec after fIN goes high; fOUT/2 will be squarewave with a
frequency of one-half fOUT.
If these outputs are not used, pins 8, 9 and 10 should be
connected to ground.
VOLTAGE-TO-FREQUENCY/
FREQUENCY-TO-VOLTAGE CONVERTERS
TC9400
TC9401
TC9402


Similar Part No. - TC9401EJD

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC9401EJD MICROCHIP-TC9401EJD Datasheet
504Kb / 20P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
More results

Similar Description - TC9401EJD

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC9400 MICROCHIP-TC9400_06 Datasheet
691Kb / 24P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2006
TC9400 MICROCHIP-TC9400 Datasheet
504Kb / 20P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
logo
Texas Instruments
LM2917P TI1-LM2917P Datasheet
96Kb / 7P
[Old version datasheet]   FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Fairchild Semiconductor
RC4152 FAIRCHILD-RC4152 Datasheet
75Kb / 12P
   Voltage-to-Frequency Converters
logo
National Semiconductor ...
LM131A NSC-LM131A Datasheet
280Kb / 16P
   Precision Voltage-to-Frequency Converters
LM231A NSC-LM231A Datasheet
368Kb / 15P
   Precision Voltage-to-Frequency Converters
logo
Texas Instruments
LM231 TI1-LM231_15 Datasheet
952Kb / 23P
[Old version datasheet]   Precision Voltage-to-Frequency Converters
logo
Microchip Technology
AN795 MICROCHIP-AN795 Datasheet
280Kb / 15P
   Voltage-to-Frequency/Frequency-to-Voltage Converter
2002
logo
Analog Devices
ADVFC32 AD-ADVFC32 Datasheet
141Kb / 6P
   Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. A
logo
Burr-Brown (TI)
VFC32 BURR-BROWN-VFC32 Datasheet
76Kb / 7P
   Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com