Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVD359 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # HVD359
Description  Variable Capacitance Diode for VCXO
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

HVD359 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  HVD359 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Unit: mm
SOD-123
3.7+0.1
-0.1
2.7+0.1
-0.1
0.1max
0.50
0.35
1.1+0.05
-0.05
Variable Capacitance Diode for VCXO
HVD359
Features
High capacitance ratio and good C-V linearity.
To be usable at low voltage.
Super small Flat Lead Package (SFP) is suitable for surface mount design.
A b solu te M a xim u m R atings T a = 2 5
P a ra m e te r
S y m bol
V a lu e
U nit
R e v e rs e V oltage
V R
15
V
Junction te m perature
T j
125
S torage te m perature
T stg
-5 5to+ 1 2 5
Electrical Characteristics Ta = 25
Parameter
Symbol
Conditions
Min
Max
Unit
IR1
VR =10V
10
IR2
VR =10V,Ta=60
100
C1
VR = 1 V, f = 1 MHz
24.8
29.8
C4
VR = 4 V,f= 1 MHz
6
8.3
Capacitance ratio
n
C1 /C4
3
Series resistance
rs
VR = 4 V,f= 100 MHz
1.5
ESD-Capability *
1
C= 200 pF, R= 0
, Both forward and reverse direction 1 pulse.
80
V
Note:
1. Failure criterion ; IR
20 nA at VR =10 V
Reverse current
nA
Capacitance
pF
Marking
Marking
G


Similar Part No. - HVD359

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HVD359 HITACHI-HVD359 Datasheet
34Kb / 5P
   Variable Capacitance Diode for VCXO
logo
Renesas Technology Corp
HVD359 RENESAS-HVD359 Datasheet
52Kb / 5P
   Variable Capacitance Diode for VCO
logo
Zhaoxingwei Electronics...
HVD359 ZHAOXINGWEI-HVD359 Datasheet
44Kb / 1P
   Variable Capacitance Diode for VCXO
More results

Similar Description - HVD359

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HVC365 HITACHI-HVC365 Datasheet
23Kb / 5P
   Variable Capacitance Diode for VCXO
HVU359 HITACHI-HVU359 Datasheet
25Kb / 5P
   Variable Capacitance Diode for VCXO
logo
Leshan Radio Company
HVC365 LRC-HVC365 Datasheet
33Kb / 2P
   Variable Capacitance Diode for VCXO
logo
Hitachi Semiconductor
HVD359 HITACHI-HVD359 Datasheet
34Kb / 5P
   Variable Capacitance Diode for VCXO
HVC359 HITACHI-HVC359 Datasheet
23Kb / 5P
   Variable Capacitance Diode for VCXO
logo
Leshan Radio Company
HVC359 LRC-HVC359 Datasheet
33Kb / 2P
   Variable Capacitance Diode for VCXO
logo
Zhaoxingwei Electronics...
HVD359 ZHAOXINGWEI-HVD359 Datasheet
44Kb / 1P
   Variable Capacitance Diode for VCXO
logo
Hitachi Semiconductor
HVU362 HITACHI-HVU362 Datasheet
24Kb / 3P
   Variable Capacitance Diode VCXO
logo
NXP Semiconductors
BB198 NXP-BB198 Datasheet
204Kb / 8P
   Variable capacitance diode for VCO and VCXO Small plastic SMD package
Rev. 1-1 December 2010
BB199 NXP-BB199 Datasheet
201Kb / 8P
   Variable capacitance diode for VCO and VCXO Small plastic SMD package
Rev. 1-1 December 2010
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com