Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT17-04W Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BAT17-04W
Description  Silicon Schottky Diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAT17-04W Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BAT17-04W Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Silicon Schottky Diode
BAT17-04W,BAT17-05W,BAT17-06W
Features
For mixer applications in VHF/UHF range
For high-speed switching application
Absolute M axim um R atings T a = 25
Param eter
Sym bol
Value
Unit
Diode reverse voltage
VR
4V
Forward current
IF
130
m A
Total power dissipation
TS
92
Ptot
150
m W
Junction tem perature
Tj
150
O perating tem perature range
Top
-55to+125
Storage tem perature
Tstg
-55to+150
Junction - soldering point(Note 1)
RthJS
390
K/W
Note
1.For calculation of RthJA please refer to Application Note Therm al Resistance
Electrical C haracteristics T a = 25
Param eter
Sym bol
Conditions
M in
Typ
M ax
Unit
Breakdown voltage
V (BR)
I(BR) =10
A
4V
VR =3 V
0.25
VR =4 V
10
VR =3 V, TA =60
1.25
IF = 0.1 m A
200
275
350
IF = 1 m A
250
340
450
IF = 10 m A
350
425
600
Forward voltage m atching(Note 1)
ÄVF
IF = 1 mA
20
mV
Diode capacitance
CT
VR = 0 , f = 1 M Hz
0.4
0.55
0.75
pF
Differential forward resistance
RF
IF = 5 m A, f = 10 KHz
8
15
Note
1.ÄVF is the difference between lowest and highest V F in m ultiple diode com ponent.
Reverse current
IR
A
Forward voltage
VF
mV
Marking
Type
BAT17-04W
BAT17-05W
BAT17-06W
Marking
54S
55S
56S


Similar Part No. - BAT17-04W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT17-04W SIEMENS-BAT17-04W Datasheet
39Kb / 3P
   Silicon Schottky Diodes (For mixer applications in the VHF / UHF range For high-speed switching applications)
logo
Infineon Technologies A...
BAT17-04W INFINEON-BAT17-04W Datasheet
450Kb / 5P
   Silicon Schottky Diode
Feb-03-2003
BAT17-04W INFINEON-BAT17-04W Datasheet
104Kb / 9P
   Silicon Schottky Diode
2007-04-19
BAT17-04W INFINEON-BAT17-04W Datasheet
861Kb / 9P
   For mixer applications in VHF/UHF range
2011-06-15
BAT17-04W INFINEON-BAT17-04W Datasheet
861Kb / 9P
   Silicon Schottky Diode
2011-06-15
More results

Similar Description - BAT17-04W

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
   Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
Infineon Technologies A...
BAS52 INFINEON-BAS52 Datasheet
394Kb / 4P
   Silicon Schottky Diode
Nov-04-2002
BAS140W INFINEON-BAS140W Datasheet
506Kb / 8P
   Silicon Schottky Diode
Jan-16-200
BAS170W INFINEON-BAS170W Datasheet
46Kb / 4P
   Silicon Schottky Diode
Aug-06-2001
BAT14 INFINEON-BAT14 Datasheet
386Kb / 3P
   Silicon Schottky Diode
Feb-03-2003
BAT60B INFINEON-BAT60B Datasheet
419Kb / 4P
   Silicon Schottky Diode
Jun-15-2004
BAT2402LSE6327 INFINEON-BAT2402LSE6327 Datasheet
578Kb / 6P
   Silicon Schottky Diode
2011-06-15
logo
Central Semiconductor C...
CMOSH2-4L CENTRAL-CMOSH2-4L_15 Datasheet
494Kb / 2P
   SILICON SCHOTTKY DIODE
logo
M/A-COM Technology Solu...
SMS202 MA-COM-SMS202 Datasheet
532Kb / 3P
   Silicon Schottky Diode
logo
Continental Device Indi...
UBMS10BC CDIL-UBMS10BC Datasheet
122Kb / 3P
   SILICON SCHOTTKY DIODE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com