Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3008ITS8-TR Datasheet(PDF) 3 Page - Linear Technology

Part # LT3008ITS8-TR
Description  3關A IQ, 20mA, 45V Low Dropout Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3008ITS8-TR Datasheet(HTML) 3 Page - Linear Technology

  LT3008ITS8-TR Datasheet HTML 1Page - Linear Technology LT3008ITS8-TR Datasheet HTML 2Page - Linear Technology LT3008ITS8-TR Datasheet HTML 3Page - Linear Technology LT3008ITS8-TR Datasheet HTML 4Page - Linear Technology LT3008ITS8-TR Datasheet HTML 5Page - Linear Technology LT3008ITS8-TR Datasheet HTML 6Page - Linear Technology LT3008ITS8-TR Datasheet HTML 7Page - Linear Technology LT3008ITS8-TR Datasheet HTML 8Page - Linear Technology LT3008ITS8-TR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT3008
3
3008f
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage
l
245
V
ADJ Pin Voltage (Notes 3, 4)
VIN = 2V, ILOAD = 100μA
2V < VIN < 45V, 1μA < ILOAD < 20mA
l
594
588
600
600
606
612
mV
mV
Line Regulation (Note 3)
ΔVIN = 2V to 45V, ILOAD = 1mA
l
0.6
3
mV
Load Regulation (Note 3)
VIN = 2V, ILOAD = 1μA to 10mA
VIN = 2V, ILOAD = 1μA to 20mA
l
l
0.4
0.5
2
5
mV
mV
Dropout Voltage
VIN = VOUT(NOMINAL) (Notes 5, 6)
ILOAD = 100μA
ILOAD = 100μA
l
115
180
250
mV
mV
ILOAD = 1mA
ILOAD = 1mA
l
170
250
350
mV
mV
ILOAD = 10mA
ILOAD = 10mA
l
270
340
470
mV
mV
ILOAD = 20mA
ILOAD = 20mA
l
300
365
500
mV
mV
Quiescent Current (Notes 6, 7)
ILOAD = 0μA
ILOAD = 0μA
l
3
6
μA
μA
GND Pin Current
VIN = VOUT(NOMINAL) + 0.5V (Notes 6, 7)
ILOAD = 0μA
ILOAD = 100μA
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 20mA
l
l
l
l
l
3
6
21
160
350
6
12
50
500
1200
μA
μA
μA
μA
μA
Output Voltage Noise (Note 9)
COUT = 2.2μF, ILOAD = 20mA, BW = 10Hz to 100kHz
92
μVRMS
ADJ Pin Bias Current
l
–10
0.4
10
nA
Shutdown Threshold
VOUT = Off to On
VOUT = On to Off
l
l
0.25
0.67
0.61
1.5
V
V
SHDN Pin Current
VSHDN = 0V, VIN = 45V
VSHDN = 45V, VIN = 45V
l
l
0.65
±1
2
μA
μA
Quiescent Current in Shutdown
VIN = 6V, VSHDN = 0V
l
<1
μA
Ripple Rejection (Note 3)
VIN – VOUT = 1.5V, VRIPPLE = 0.5VP-P,
fRIPPLE = 120Hz, ILOAD = 20mA
58
70
dB
Current Limit
VIN = 45V, VOUT = 0
VIN = VOUT(NOMINAL) + 1V, ΔVOUT = – 5%
l
22
75
mA
mA
Input Reverse Leakage Current
VIN = –45V, VOUT = 0
l
130
μA
Reverse Output Current
VOUT = 1.2V, VIN = 0
0.6
10
μA
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TJ = 25°C. (Note 2)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3008 is tested and specified under pulse load conditions
such that TJ ≅ TA. The LT3008E is 100% tested at TA=25°C. Performance
at – 40°C and 125°C is assured by design, characterization and correlation
with statistical process controls. The LT3008I is guaranteed over the full
– 40°C to 125°C operating junction temperature range.
Note 3: The LT3008 adjustable version is tested and specified for these
conditions with the ADJ pin connected to the OUT pin.
Note 4: Operating conditions are limited by maximum junction
temperature. The regulated output voltage specification will not apply
for all possible combinations of input voltage and output current. When
operating at the maximum input voltage, the output current range must be
limited. When operating at the maximum output current, the input voltage
must be limited.
Note 5: Dropout voltage is the minimum input to output voltage differential
needed to maintain regulation at a specified output current. In dropout, the
output voltage equals (VIN – VDROPOUT).


Similar Part No. - LT3008ITS8-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3008ITS8-1.2 LINER-LT3008ITS8-1.2 Datasheet
455Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3008ITS8-1.2PBF LINER-LT3008ITS8-1.2PBF Datasheet
455Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3008ITS8-1.2TR LINER-LT3008ITS8-1.2TR Datasheet
455Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3008ITS8-1.2TRPBF LINER-LT3008ITS8-1.2TRPBF Datasheet
455Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3008ITS8-1.5 LINER-LT3008ITS8-1.5 Datasheet
455Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
More results

Similar Description - LT3008ITS8-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3008 LINER-LT3008_12 Datasheet
237Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3008 LINER-LT3008_1 Datasheet
455Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3007 LINER-LT3007 Datasheet
433Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Fault Tolerant Linear Regulators Output Current: 20mA
LT3009 LINER-LT3009 Datasheet
224Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3009 LINER-LT3009_12 Datasheet
263Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3008 LINER-LT3008_15 Datasheet
242Kb / 20P
   3A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3007 LINER-LT3007_15 Datasheet
341Kb / 20P
   3A IQ, 20mA, 45V Low Dropout Fault Tolerant Linear Regulators
LT3009 LINER-LT3009_15 Datasheet
268Kb / 20P
   3A IQ, 20mA Low Dropout Linear Regulators
logo
ON Semiconductor
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
   Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
NCV4264-2C ONSEMI-NCV4264-2C Datasheet
75Kb / 10P
   Low IQ Low Dropout Linear Regulator
April, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com