Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3011EDD Datasheet(PDF) 4 Page - Linear Technology

Part # LT3011EDD
Description  50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3011EDD Datasheet(HTML) 4 Page - Linear Technology

  LT3011EDD Datasheet HTML 1Page - Linear Technology LT3011EDD Datasheet HTML 2Page - Linear Technology LT3011EDD Datasheet HTML 3Page - Linear Technology LT3011EDD Datasheet HTML 4Page - Linear Technology LT3011EDD Datasheet HTML 5Page - Linear Technology LT3011EDD Datasheet HTML 6Page - Linear Technology LT3011EDD Datasheet HTML 7Page - Linear Technology LT3011EDD Datasheet HTML 8Page - Linear Technology LT3011EDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT3011
4
3011f
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Dropout Voltage
VIN = VOUT(NOMINAL)
(Notes 4, 5)
ILOAD = 1mA
ILOAD = 1mA
l
100
150
220
mV
mV
ILOAD = 10mA
ILOAD = 10mA
l
200
260
380
mV
mV
ILOAD = 50mA
ILOAD = 50mA
l
300
370
575
mV
mV
GND Pin Current
VIN = VOUT(NOMINAL)
(Notes 4, 6)
ILOAD = 0mA
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 50mA
l
l
l
l
46
105
410
1.9
125
225
750
3.5
μA
μA
μA
mA
Output Voltage Noise
COUT = 10μF, ILOAD = 50mA, BW = 10Hz to 100kHz, VOUT = 1.24V
100
μVRMS
ADJ Pin Bias Current
(Note 7)
30
100
nA
Shutdown Threshold
VOUT = Off to On
VOUT = On to Off
l
l
0.3
1.3
1.1
2V
V
SHDN Pin Current (Note 8)
VSHDN = 0V
VSHDN = 6V
0.5
0.1
2
0.5
μA
μA
Quiescent Current in Shutdown
VIN = 6V, VSHDN = 0V
1
5
μA
PWRGD Trip Point
% of Nominal Output Voltage, Output Rising
l
85
90
95
%
PWRGD Trip Point Hysteresis
% of Nominal Output Voltage
1.1
%
PWRGD Output Low Voltage
IPWRGD = 50μA
l
140
250
mV
CT Pin Charging Current
l
36
μA
CT Pin Voltage Differential
VCT(PWRGD High) – VCT(PWRGD Low)
1.67
V
Ripple Rejection
VIN = 7V (Avg), VRIPPLE = 0.5VP-P, fRIPPLE = 120Hz, ILOAD = 50mA
65
85
dB
Current Limit
VIN = 7V, VOUT = 0V
VIN = 4V, ΔVOUT = –0.1V (Note 2)
l
60
140
mA
mA
Input Reverse Leakage Current
VIN = –80V, VOUT = 0V
l
6mA
Reverse Output Current (Note 9)
VOUT = 1.24V, VIN < 1.24V (Note 2)
8
15
μA
ELECTRICAL CHARACTERISTICS (LT3011H)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3011 is tested and specified for these conditions with the
ADJ pin connected to the OUT pin.
Note 3: Operating conditions are limited by maximum junction
temperature. The regulated output voltage specification will not apply
for all possible combinations of input voltage and output current. When
operating at maximum input voltage, the output current range must be
limited. When operating at maximum output current, the input voltage
range must be limited.
Note 4: To satisfy requirements for minimum input voltage, the LT3011
is tested and specified for these conditions with an external resistor
divider (249k bottom, 409k top) for an output voltage of 3.3V. The external
resistor divider will add a 5μA DC load on the output.
Note 5: Dropout voltage is the minimum input to output voltage differential
needed to maintain regulation at a specified output current. In dropout, the
output voltage will be equal to (VIN – VDROPOUT).
Note 6: GND pin current is tested with VIN = VOUT(NOMINAL) and a current
source load. This means the device is tested while operating close to its
dropout region. This is the worst-case GND pin current. The GND pin
current will decrease slightly at higher input voltages.
Note 7: ADJ pin bias current flows into the ADJ pin.
Note 8:
SHDN pin current flows out of the SHDN pin.
Note 9: Reverse output current is tested with the IN pin grounded and the
OUT pin forced to the rated output voltage. This current flows into the OUT
pin and out the GND pin.
Note 10: The LT3011 regulators are tested and specified under pulse
load conditions such that TJ ≅ TA. The LT3011E regulators are 100%
tested at TA = 25°C. Performance of the LT3011E over the full –40°C
to 125°C operating junction temperature range is assured by design,
characterization and correlation with statistical process controls. The
LT3011I regulators are guaranteed over the full –40°C to 125°C operating
junction temperature range. The LT3011H is tested to the LT3011H
Electrical Characteristics table at 150°C operating junction temperature.
High junction temperatures degrade operating lifetimes. Operating lifetime
is derated at junction temperatures greater than 125°C.
Note 11: This IC includes overtemperature protection that is intended to protect
the device during momentary overload conditions. Junction temperature will
exceed 125°C (LT3011E/LT3011I) or 150°C (LT3011H) when overtemperature
protection is active. Continuous operation above the specified maximum
operating junction temperature may impair device reliability.
The
l denotes the specifications which apply over the –40°C to 150°C operating temperature range, otherwise specifications are at TJ = 25°C.


Similar Part No. - LT3011EDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3011 LINER-LT3011 Datasheet
405Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3011 LINER-LT3011_15 Datasheet
236Kb / 16P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
More results

Similar Description - LT3011EDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3011 LINER-LT3011_15 Datasheet
236Kb / 16P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3010 LINER-LT3010_15 Datasheet
410Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010-5 LINER-LT3010-5_15 Datasheet
410Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010 LINER-LT3010 Datasheet
244Kb / 16P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010 LINER-LT3010_1 Datasheet
405Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3013 LINER-LT3013_15 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013B LINER-LT3013B_15 Datasheet
179Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013 LINER-LT3013_09 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013 LINER-LT3013 Datasheet
228Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013B LINER-LT3013B Datasheet
224Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com