Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7106IJL Datasheet(PDF) 4 Page - TelCom Semiconductor, Inc

Part # TC7106IJL
Description  3-1/2 DIGIT A/D CONVERTERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7106IJL Datasheet(HTML) 4 Page - TelCom Semiconductor, Inc

  TC7106IJL Datasheet HTML 1Page - TelCom Semiconductor, Inc TC7106IJL Datasheet HTML 2Page - TelCom Semiconductor, Inc TC7106IJL Datasheet HTML 3Page - TelCom Semiconductor, Inc TC7106IJL Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7106IJL Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7106IJL Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7106IJL Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7106IJL Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7106IJL Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
3-186
TELCOM SEMICONDUCTOR, INC.
TC7106
TC7106A
TC7107
TC7107A
3-1/2 DIGIT A/D CONVERTERS
PIN CONFIGURATIONS
TC7106ACPL
TC7107AIPL
1
2
3
4
OSC 1
5
6
7
8
9
10
11
12
TEST
V
ANALOG
COMMON
CAZ
V+
D
NORMAL PIN
CONFIGURATION
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
2
C2
B2
A2
F2
E2
D3
B3
F3
E3
AB 4
(MINUS SIGN)
10's
100's
1000's
(7106A/7107A)
100's
OSC2
OSC 3
+
REF
V
REF
C
+
REF
C
REF
V
+
IN
V
IN
VBUFF
VINT
V –
G
C
A
G
BP/GND
POL
3
3
3
2
TC7106AIJL
TC7107AIJL
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
100's
1000's
100's
REVERSE PIN
CONFIGURATION
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
D1
C1
B1
A1
F1
G1
E1
1's
V+
D2
C2
B2
A2
F2
E2
D3
B3
F3
E3
AB 4
(MINUS SIGN)
POL
D1
C1
B1
A1
F1
G1
E1
1's
10's
OSC
TEST
V
ANALOG
COMMON
CAZ
OSC2
OSC
+
REF
V
REF
C
+
REF
C
REF
V
+
IN
V
IN
VBUFF
VINT
V –
G
C
A
G
BP/GND
3
3
3
2
(7106A/7107A)
3
1
27
26
25
24
23
7
8
9
10
11
NC
G2
NC
NC
TEST
OSC3
NC
OSC2
OSC1
V+
D1
C1
B1
12
13
14
15
16
17
18
19
20
21
22
38
37
36
35
34
TC7106ACKW
TC7107ACKW
(FLAT PACKAGE)
39
40
41
42
43
44
28
29
30
31
32
33
6
5
4
3
2
1
C3
A3
G3
BP/GND
POL
AB4
E3
F3
B3
33
32
31
30
29
13
14
15
16
17
REF LO
CREF
F1
G1
E1
D2
C2
NC
B2
A2
F2
E2
D3
18
19
20
21
22
23
24
25
26
27
28
44
43
42
41
40
TC7106ACLW
TC7107ACLW
(PLCC)
1
2
3
4
5
6
34
35
36
37
38
39
12
11
10
9
8
7
CREF
COMMON
IN HI
NC
IN LO
A/Z
BUFF
INT
V–


Similar Part No. - TC7106IJL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC7106 MICROCHIP-TC7106 Datasheet
623Kb / 26P
   3-1/2 Digit Analog-to-Digital Converters
2002
TC7106 MICROCHIP-TC7106 Datasheet
411Kb / 34P
   3-1/2 Digit Analog-to-Digital Converters
01/02/08
TC7106A MICROCHIP-TC7106A Datasheet
623Kb / 26P
   3-1/2 Digit Analog-to-Digital Converters
2002
TC7106A MICROCHIP-TC7106A Datasheet
534Kb / 32P
   3-1/2 Digit Analog-to-Digital Converters
2006
TC7106A MICROCHIP-TC7106A Datasheet
411Kb / 34P
   3-1/2 Digit Analog-to-Digital Converters
01/02/08
More results

Similar Description - TC7106IJL

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC14433 TELCOM-TC14433 Datasheet
149Kb / 10P
   3-1/2 DIGIT A/D CONVERTERS
logo
Intersil Corporation
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
   3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
   3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
logo
National Semiconductor ...
ADC3511 NSC-ADC3511 Datasheet
286Kb / 9P
   3 1/2 DIGIT MICROPROCESSOR COMPATIBLE A/D
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
   3 1/2 Digit A/D Converter Set
logo
Renesas Technology Corp
CA3162 RENESAS-CA3162 Datasheet
464Kb / 8P
   A/D Converters for 3-Digit Display
logo
Intersil Corporation
CA3162 INTERSIL-CA3162 Datasheet
109Kb / 7P
   A/D Converters for 3-Digit Display
August 1997
CA3162 INTERSIL-CA3162_02 Datasheet
579Kb / 7P
   A/D Converters for 3-Digit Display
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com