Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3008IDC-TR Datasheet(PDF) 1 Page - Linear Technology

Part # LT3008IDC-TR
Description  3關A IQ, 20mA, 45V Low Dropout Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3008IDC-TR Datasheet(HTML) 1 Page - Linear Technology

  LT3008IDC-TR Datasheet HTML 1Page - Linear Technology LT3008IDC-TR Datasheet HTML 2Page - Linear Technology LT3008IDC-TR Datasheet HTML 3Page - Linear Technology LT3008IDC-TR Datasheet HTML 4Page - Linear Technology LT3008IDC-TR Datasheet HTML 5Page - Linear Technology LT3008IDC-TR Datasheet HTML 6Page - Linear Technology LT3008IDC-TR Datasheet HTML 7Page - Linear Technology LT3008IDC-TR Datasheet HTML 8Page - Linear Technology LT3008IDC-TR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT3008
1
3008f
TEMPERATURE (°C)
400
3008 TA01b
200
100
50
0
500
300
250
150
5
350
2
3
1
0
6
450
4
–50 –25
0
25
50
75
100 125 150
ILOAD = 20mA
DROPOUT
VOLTAGE
IQ
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
3µA IQ, 20mA, 45V
Low Dropout Linear Regulator
The LT®3008 is a micropower, low dropout voltage (LDO)
linear regulator. The device supplies 20mA output current
with a dropout voltage of 300mV. No-load quiescent cur-
rent is 3μA. Ground pin current remains at less than 5% of
output current as load increases. In shutdown, quiescent
current is less than 1μA.
The LT3008 regulator optimizes stability and transient
response with low ESR ceramic capacitors, requiring a
minimum of only 2.2μF. The LT3008 does not require
the addition of ESR as is common with other regulators.
Internal protection circuitry includes current limiting,
thermal limiting, reverse-battery protection and reverse-
current protection.
The LT3008 is ideal for applications that require moderate
output drive capability coupled with ultralow standby power
consumption. The device is available as an adjustable
device with an output voltage range down to the 600mV
reference. The LT3008 is available in the 6-lead DFN and
8-lead TSOT-23 packages.
3.3V, 20mA Supply with Shutdown
n Ultralow Quiescent Current: 3μA
n Input Voltage Range: 2.0V to 45V
n Output Current: 20mA
n Dropout Voltage: 300mV
n Adjustable Output (VADJ = VOUT(MIN) = 600mV)
n Output Tolerance:
±2% Over Load, Line and
Temperature
n Stable with Low ESR, Ceramic Output Capacitors
(2.2μF minimum)
n Shutdown Current: <1μA
n Current Limit Protection
n Reverse-Battery Protection
n Thermal Limit Protection
n TSOT-23 and 2mm
× 2mm DFN Packages
n Automotive
n Low Current Battery-Powered Systems
n Keep-Alive Power Supplies
n Remote Monitoring
n Utility Meters
n Low Power Industrial Applications
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
IN
SHDN
2.2μF
3008 TA01a
OUT
ADJ
VIN
3.8V TO
45V
GND
LT3008
VOUT
3.3V
20mA
1μF
2.8M
1%
619k
1%
Dropout Voltage/Quiescent Current


Similar Part No. - LT3008IDC-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3008IDC-1.2 LINER-LT3008IDC-1.2 Datasheet
455Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3008IDC-1.2PBF LINER-LT3008IDC-1.2PBF Datasheet
455Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3008IDC-1.2TR LINER-LT3008IDC-1.2TR Datasheet
455Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3008IDC-1.2TRPBF LINER-LT3008IDC-1.2TRPBF Datasheet
455Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3008IDC-1.5 LINER-LT3008IDC-1.5 Datasheet
455Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
More results

Similar Description - LT3008IDC-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3008 LINER-LT3008_12 Datasheet
237Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3008 LINER-LT3008_1 Datasheet
455Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3007 LINER-LT3007 Datasheet
433Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Fault Tolerant Linear Regulators Output Current: 20mA
LT3009 LINER-LT3009 Datasheet
224Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3009 LINER-LT3009_12 Datasheet
263Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3008 LINER-LT3008_15 Datasheet
242Kb / 20P
   3A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3007 LINER-LT3007_15 Datasheet
341Kb / 20P
   3A IQ, 20mA, 45V Low Dropout Fault Tolerant Linear Regulators
LT3009 LINER-LT3009_15 Datasheet
268Kb / 20P
   3A IQ, 20mA Low Dropout Linear Regulators
logo
ON Semiconductor
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
   Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
NCV4264-2C ONSEMI-NCV4264-2C Datasheet
75Kb / 10P
   Low IQ Low Dropout Linear Regulator
April, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com