Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3008IDC-TRPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LT3008IDC-TRPBF
Description  3關A IQ, 20mA, 45V Low Dropout Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3008IDC-TRPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3008IDC-TRPBF Datasheet HTML 7Page - Linear Technology LT3008IDC-TRPBF Datasheet HTML 8Page - Linear Technology LT3008IDC-TRPBF Datasheet HTML 9Page - Linear Technology LT3008IDC-TRPBF Datasheet HTML 10Page - Linear Technology LT3008IDC-TRPBF Datasheet HTML 11Page - Linear Technology LT3008IDC-TRPBF Datasheet HTML 12Page - Linear Technology LT3008IDC-TRPBF Datasheet HTML 13Page - Linear Technology LT3008IDC-TRPBF Datasheet HTML 14Page - Linear Technology LT3008IDC-TRPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LT3008
11
3008f
APPLICATIONS INFORMATION
Calculating Junction Temperature
Example: Given an output voltage of 3.3V, an input volt-
age range of 12V ±5%, an output current range of 0mA
to 20mA and a maximum ambient temperature of 85°C,
what will the maximum junction temperature be for an
application using the DC package?
The power dissipated by the device is equal to:
IOUT(MAX) (VIN(MAX) – VOUT) + IGND (VIN(MAX))
where,
IOUT(MAX) = 20mA
VIN(MAX) = 12.6V
IGND at (IOUT = 20mA, VIN = 12.6V) = 0.3mA
So,
P = 20mA(12.6V – 3.3V) + 0.3mA(12.6V) = 189.8mW
The thermal resistance ranges from 65°C/W to 85°C/W
depending on the copper area. So the junction temperature
rise above ambient approximately equals:
0.1898W(75°C/W) = 14.2°C
The maximum junction temperature equals the maximum
junction temperature rise above ambient plus the maximum
ambient temperature or:
TJ(MAX) = 85°C + 14.2°C = 99.2°C
The following tables list thermal resistance for several
different board sizes and copper areas. All measurements
were taken in still air on 3/32" FR-4 two-layer boards with
one ounce copper.
PCB layers, copper weight, board layout and thermal vias
affect the resultant thermal resistance. Although Tables
2 and 3 provide thermal resistance numbers for 2-layer
boards with 1 ounce copper, modern multi-layer PCBs
provide better performance than found in these tables.
For example, a 4-layer, 1 ounce copper PCB board with
3 thermal vias from the DFN exposed backside or the
3 fused TSOT-23 GND pins to inner layer GND planes
achieves 45°C/W thermal resistance. Demo circuit DC
1388A’s board layout achieves this 45°C/W performance.
This is approximately a 30% improvement over the lowest
numbers shown in Tables 2 and 3.
Table 2: Measured Thermal Resistance for DC Package
COPPER AREA
BOARD
AREA
THERMAL RESISTANCE
(JUNCTION-TO-AMBIENT)
TOPSIDE*
BACKSIDE
2500mm2
2500mm2
2500mm2
65°C/W
1000mm2
2500mm2
2500mm2
70°C/W
225mm2
2500mm2
2500mm2
75°C/W
100mm2
2500mm2
2500mm2
80°C/W
50mm2
2500mm2
2500mm2
85°C/W
*Device is mounted on the topside.
Table 3: Measured Thermal Resistance for TSOT-23 Package
COPPER AREA
BOARD
AREA
THERMAL RESISTANCE
(JUNCTION-TO-AMBIENT)
TOPSIDE*
BACKSIDE
2500mm2
2500mm2
2500mm2
65°C/W
1000mm2
2500mm2
2500mm2
67°C/W
225mm2
2500mm2
2500mm2
70°C/W
100mm2
2500mm2
2500mm2
75°C/W
50mm2
2500mm2
2500mm2
85°C/W
*Device is mounted on the topside.


Similar Part No. - LT3008IDC-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3008IDC-1.2 LINER-LT3008IDC-1.2 Datasheet
455Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3008IDC-1.2PBF LINER-LT3008IDC-1.2PBF Datasheet
455Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3008IDC-1.2TR LINER-LT3008IDC-1.2TR Datasheet
455Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3008IDC-1.2TRPBF LINER-LT3008IDC-1.2TRPBF Datasheet
455Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3008IDC-1.5 LINER-LT3008IDC-1.5 Datasheet
455Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
More results

Similar Description - LT3008IDC-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3008 LINER-LT3008_12 Datasheet
237Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3008 LINER-LT3008_1 Datasheet
455Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3007 LINER-LT3007 Datasheet
433Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Fault Tolerant Linear Regulators Output Current: 20mA
LT3009 LINER-LT3009 Datasheet
224Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3009 LINER-LT3009_12 Datasheet
263Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3008 LINER-LT3008_15 Datasheet
242Kb / 20P
   3A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3007 LINER-LT3007_15 Datasheet
341Kb / 20P
   3A IQ, 20mA, 45V Low Dropout Fault Tolerant Linear Regulators
LT3009 LINER-LT3009_15 Datasheet
268Kb / 20P
   3A IQ, 20mA Low Dropout Linear Regulators
logo
ON Semiconductor
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
   Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
NCV4264-2C ONSEMI-NCV4264-2C Datasheet
75Kb / 10P
   Low IQ Low Dropout Linear Regulator
April, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com